Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A12115C0GL5 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # A12115C0GL5
Description  Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

A12115C0GL5 Datasheet(HTML) 2 Page - Vishay Siliconix

  A12115C0GL5 Datasheet HTML 1Page - Vishay Siliconix A12115C0GL5 Datasheet HTML 2Page - Vishay Siliconix A12115C0GL5 Datasheet HTML 3Page - Vishay Siliconix A12115C0GL5 Datasheet HTML 4Page - Vishay Siliconix A12115C0GL5 Datasheet HTML 5Page - Vishay Siliconix A12115C0GL5 Datasheet HTML 6Page - Vishay Siliconix A12115C0GL5 Datasheet HTML 7Page - Vishay Siliconix A12115C0GL5 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
A Series
www.vishay.com
Vishay BCcomponents
Revision: 20-Aug-13
2
Document Number: 45164
For technical questions, contact: cmll@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• The leads are matte tinned FeCu wire.
Note
• The capacitance code indicates actual capacitance in pF when capacitance value < 100 pF.
DIMENSIONS (in millimeters)
SIZE CODE
LbMAX.
ØDMAX.
15
3.8
2.6
20
5.1
3.1
MARKING
MARKING CODE DESCRIPTION
DDD
xxx
t
v
T
Date Code
Capacitance Code
Tolerance Code
Voltage Code
T.C. Code
The first digit is the year, the
last two digits are the week.
For example:
109 = 2011, 9th week
217 = 2012, 17th week
Two significant digits followed by one
digit for the multiplier as given below.
1 = * 10, 2 = * 100,
3 = * 1000, 4 = * 10 000,
5 = * 100 000
J = ± 5 %
K = ± 10 %
M = ± 20 %
Z = + 80 %/- 20 %
1 = 100 V
2 = 200 V
4 = 500 V
5 = 50 V
A = C0G (NP0)
C = X7R
Y = Y5V
ORDERING CODE INFORMATION
A
104
K
15
X7R
F
5
TAA
1
2 3 4
5
6 7
8 9 10
11
12
13 14 15
Product
Type
Capacitance
(pF)
Capacitance
Tolerance
Size
Code
TC
Code
Rated
Voltage
Lead
Diameter
Packaging
A = Axial
leaded MLCC
The first two digits
are the significant
figures of capacitance
and the last digit is a
multiplier as
follows:
0 = * 1
1 = * 10
2 = * 100
3 = * 1000
4 = * 10 000
5 = * 100 000
J = ± 5 %
K = ± 10 %
M = ± 20 %
Z = + 80 %/- 20 %
Please
refer to
relevant
datasheet
Please
refer to
relevant
datasheet
F = 50 VDC
H = 100 VDC
K = 200 VDC
L = 500 VDC
5 = 0.50 mm
± 0.05 mm
TAA = Reel
UAA = Ammo
Ø D
Lb
52.4 ± 1.5
CAPACITANCE VALUE < 100 pF
CAPACITANCE VALUE ≥ 100 pF
Side one
Side two
Side one
Side two
BC
DDD
DDD: Date code
Logo mark (BC or Vishay)
XXt
T V
T: T.C. code
V: Voltage code
XX: Capacitance code
t: Tolerance code
BC
DDD
DDD: Date code
Logo mark (BC or Vishay)
XXX
t T V
t: Tolerance code
T: T.C. code
V: Voltage code
XXX: Capacitance code


Similar Part No. - A12115C0GL5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A1211 MACOM-A1211 Datasheet
111Kb / 1P
   10 TO 1200 MHz CASCADABLE AMPLIFIER
logo
Allegro MicroSystems
A1211 ALLEGRO-A1211 Datasheet
443Kb / 12P
   Continuous-Time Latch Family
logo
Tyco Electronics
A1211 MACOM-A1211 Datasheet
381Kb / 2P
   Cascadable Amplifier 10 to 1200 MHz
logo
M/A-COM Technology Solu...
A1211 MA-COM-A1211 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 1200 MHz
logo
Allegro MicroSystems
A1211 ALLEGRO-A1211 Datasheet
292Kb / 14P
   Continuous-Time Latch Family
More results

Similar Description - A12115C0GL5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
A103K15X7RF5TAA VISHAY-A103K15X7RF5TAA Datasheet
103Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 16-Aug-12
A223K15X7RF5TAA VISHAY-A223K15X7RF5TAA Datasheet
104Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 20-Aug-13
ASERIES VISHAY-ASERIES_V01 Datasheet
106Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
01-Jan-2022
ASERIES VISHAY-ASERIES Datasheet
103Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 16-Aug-12
K103K10X7RF5UH5 VISHAY-K103K10X7RF5UH5 Datasheet
144Kb / 8P
   Radial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 16-Aug-12
KSERIES VISHAY-KSERIES Datasheet
147Kb / 8P
   Radial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
01-Jan-2022
DSERIES VISHAY-DSERIES Datasheet
126Kb / 9P
   Ceramic Singlelayer DC Disc Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
01-Jan-2022
D15020U2JH6 VISHAY-D15020U2JH6 Datasheet
123Kb / 9P
   Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
Revision: 09-May-14
D152K29Y5PL6TJ5R VISHAY-D152K29Y5PL6TJ5R Datasheet
123Kb / 9P
   Ceramic Singlelayer DC Disc Capacitors For General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 500 VDC
Revision: 09-May-14
D331K20Y5PL6TJ5R VISHAY-D331K20Y5PL6TJ5R Datasheet
303Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 500 VDC, General Purpose
Revision: 07-Jan-10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com