Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPQ8612-12 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MPQ8612-12
Description  High Efficiency, 12A/16A/20A, 6V Synchronous Step-down Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ8612-12 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MPQ8612-12 Datasheet HTML 5Page - Monolithic Power Systems MPQ8612-12 Datasheet HTML 6Page - Monolithic Power Systems MPQ8612-12 Datasheet HTML 7Page - Monolithic Power Systems MPQ8612-12 Datasheet HTML 8Page - Monolithic Power Systems MPQ8612-12 Datasheet HTML 9Page - Monolithic Power Systems MPQ8612-12 Datasheet HTML 10Page - Monolithic Power Systems MPQ8612-12 Datasheet HTML 11Page - Monolithic Power Systems MPQ8612-12 Datasheet HTML 12Page - Monolithic Power Systems MPQ8612-12 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
MPQ8612 ― 12A/16A/20A, 6V, SYNCHRONOUS STEP-DOWN CONVERTER
MPQ8612 Rev. 1.11
www.MonolithicPower.com
9
10/22/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Performance waveforms are tested on the evaluation board of the Design Example section.
MPQ8612-12, VIN=5V, VOUT=1.2V, L=1.0µH, TA=+25°C, unless otherwise noted.
75
80
85
90
95
100
0.01
0.1
1
10
100
-1.00
-0.50
0.00
0.50
1.00
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0
2
4
6
8
10
12
3456
0
200
400
600
800
1000
1200
200
400
600
800
1000 1200
550
570
590
610
630
650
3
3.5
4
4.5
5
5.5
6
0
100
200
300
400
500
600
700
024
6
8
10
12


Similar Part No. - MPQ8612-12

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ8612-16 MPS-MPQ8612-16 Datasheet
776Kb / 27P
   High Efficiency, 12A/16A/20A, 6V Synchronous Step-down Converter
More results

Similar Description - MPQ8612-12

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ8612 MPS-MPQ8612 Datasheet
826Kb / 27P
   High Efficiency, 12A/16A/20A, 6V Synchronous Step-down Converter
MPQ8612-16 MPS-MPQ8612-16 Datasheet
776Kb / 27P
   High Efficiency, 12A/16A/20A, 6V Synchronous Step-down Converter
MPQ8612-20 MPS-MPQ8612-20 Datasheet
776Kb / 27P
   High Efficiency, 12A/16A/20A, 6V Synchronous Step-down Converter
MPQ8616-12 MPS-MPQ8616-12 Datasheet
1Mb / 29P
   High Efficiency, 6A/12A, 6V Synchronous Step-Down Converter
MPQ8616 MPS-MPQ8616 Datasheet
1Mb / 29P
   High Efficiency, 6A/12A, 6V Synchronous Step-down Converter
MPQ8616-6 MPS-MPQ8616-6 Datasheet
982Kb / 29P
   High Efficiency, 6A/12A, 6V Synchronous Step-down Converter
EVQ8612-L-12-00A MPS-EVQ8612-L-12-00A Datasheet
328Kb / 10P
   High Efficiency, 12A, 6V Synchronous Step-down Converter Evaluation Board
MP8763 MPS-MP8763 Datasheet
1Mb / 24P
   High Efficiency, 12A, 18V, Synchronous, Step-Down Converter
EV8712-L-00A MPS-EV8712-L-00A Datasheet
624Kb / 9P
   High Efficiency,12A,18V, Synchronous Step-Down Converter
MPQ8636GV MPS-MPQ8636GV Datasheet
718Kb / 24P
   High Efficiency, 20A, 18V Synchronous, Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com