Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPQ8612-20 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MPQ8612-20
Description  High Efficiency, 12A/16A/20A, 6V Synchronous Step-down Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ8612-20 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MPQ8612-20 Datasheet HTML 4Page - Monolithic Power Systems MPQ8612-20 Datasheet HTML 5Page - Monolithic Power Systems MPQ8612-20 Datasheet HTML 6Page - Monolithic Power Systems MPQ8612-20 Datasheet HTML 7Page - Monolithic Power Systems MPQ8612-20 Datasheet HTML 8Page - Monolithic Power Systems MPQ8612-20 Datasheet HTML 9Page - Monolithic Power Systems MPQ8612-20 Datasheet HTML 10Page - Monolithic Power Systems MPQ8612-20 Datasheet HTML 11Page - Monolithic Power Systems MPQ8612-20 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
MPQ8612 ― 12A/16A/20A, 6V, SYNCHRONOUS STEP-DOWN CONVERTER
MPQ8612 Rev. 1.11
www.MonolithicPower.com
8
10/22/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Performance waveforms are tested on the evaluation board of the Design Example section.
MPQ8612-12, VIN=5V, VOUT=1.2V, L=1.0µH, TA=+25°C, unless otherwise noted.
OUTPUT CURRENT (A)
OUTPUT CURRENT (A)
OUTPUT CURRENT (A)
OUTPUT CURRENT (A)
OUTPUT CURRENT (A)
OUTPUT CURRENT (A)
OUTPUT CURRENT (A)
OUTPUT CURRENT (A)
OUTPUT CURRENT (A)
50
55
60
65
70
75
80
85
90
95
100
0.01
0.1
1
10
100
VIN=6V
VIN=5V
VIN=4.2V
VIN=3.3V
60
65
70
75
80
85
90
95
100
0.01
0.1
1
10
100
VIN=6V
VIN=5V
VIN=4.2V
VIN=3.3V
60
65
70
75
80
85
90
95
100
0.01
0.1
1
10
100
VIN=3.3V
VIN=4.2V
VIN=5V
VIN=6V
65
70
75
80
85
90
95
100
0.01
0.1
1
10
100
VIN=6V
VIN=5V
VIN=4.2V
VIN=3.3V
75
80
85
90
95
100
0.01
0.1
1
10
100
VIN=4.2V
VIN=5V
VIN=6V
50
55
60
65
70
75
80
85
90
95
100
0.01
0.1
1
10
100
VIN=4.2V
VIN=3.3V
VIN=5V
VIN=6V
55
60
65
70
75
80
85
90
95
100
0.01
0.1
1
10
100
VIN=5V
VIN=6V
VIN=4.2V
VIN=3.3V
60
65
70
75
80
85
90
95
100
0.01
0.1
1
10
100
VIN=4.2V
VIN=5V
VIN=6V
VIN=3.3V
65
70
75
80
85
90
95
100
0.01
0.1
1
10
100
VIN=4.2V
VIN=5V
VIN=6V
VIN=3.3V


Similar Part No. - MPQ8612-20

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ8612-12 MPS-MPQ8612-12 Datasheet
776Kb / 27P
   High Efficiency, 12A/16A/20A, 6V Synchronous Step-down Converter
MPQ8612-16 MPS-MPQ8612-16 Datasheet
776Kb / 27P
   High Efficiency, 12A/16A/20A, 6V Synchronous Step-down Converter
More results

Similar Description - MPQ8612-20

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ8612-12 MPS-MPQ8612-12 Datasheet
776Kb / 27P
   High Efficiency, 12A/16A/20A, 6V Synchronous Step-down Converter
MPQ8612 MPS-MPQ8612 Datasheet
826Kb / 27P
   High Efficiency, 12A/16A/20A, 6V Synchronous Step-down Converter
MPQ8612-16 MPS-MPQ8612-16 Datasheet
776Kb / 27P
   High Efficiency, 12A/16A/20A, 6V Synchronous Step-down Converter
MPQ8616-12 MPS-MPQ8616-12 Datasheet
1Mb / 29P
   High Efficiency, 6A/12A, 6V Synchronous Step-Down Converter
MPQ8616 MPS-MPQ8616 Datasheet
1Mb / 29P
   High Efficiency, 6A/12A, 6V Synchronous Step-down Converter
MPQ8616-6 MPS-MPQ8616-6 Datasheet
982Kb / 29P
   High Efficiency, 6A/12A, 6V Synchronous Step-down Converter
EVQ8612-L-12-00A MPS-EVQ8612-L-12-00A Datasheet
328Kb / 10P
   High Efficiency, 12A, 6V Synchronous Step-down Converter Evaluation Board
MP8763 MPS-MP8763 Datasheet
1Mb / 24P
   High Efficiency, 12A, 18V, Synchronous, Step-Down Converter
EV8712-L-00A MPS-EV8712-L-00A Datasheet
624Kb / 9P
   High Efficiency,12A,18V, Synchronous Step-Down Converter
MPQ8636GV MPS-MPQ8636GV Datasheet
718Kb / 24P
   High Efficiency, 20A, 18V Synchronous, Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com