Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPQ8612GR-20 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MPQ8612GR-20
Description  High Efficiency, 12A/16A/20A, 6V Synchronous Step-down Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ8612GR-20 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MPQ8612GR-20 Datasheet HTML 1Page - Monolithic Power Systems MPQ8612GR-20 Datasheet HTML 2Page - Monolithic Power Systems MPQ8612GR-20 Datasheet HTML 3Page - Monolithic Power Systems MPQ8612GR-20 Datasheet HTML 4Page - Monolithic Power Systems MPQ8612GR-20 Datasheet HTML 5Page - Monolithic Power Systems MPQ8612GR-20 Datasheet HTML 6Page - Monolithic Power Systems MPQ8612GR-20 Datasheet HTML 7Page - Monolithic Power Systems MPQ8612GR-20 Datasheet HTML 8Page - Monolithic Power Systems MPQ8612GR-20 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
MPQ8612 ― 12A/16A/20A, 6V, SYNCHRONOUS STEP-DOWN CONVERTER
MPQ8612 Rev. 1.11
www.MonolithicPower.com
4
10/22/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 5V, TJ = -40 to +125°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Supply Current
Supply Current (Shutdown)
IIN
VEN = 0V
0.001
2
μA
VEN = 2V, VFB = 1V,
MPQ8612-12
850
1100
1300
μA
Supply Current (Quiescent)
IIN
VEN = 2V, VFB = 1V,
MPQ8612-16,
MPQ8612-20
600
1000
1300
μA
MOSFET
MPQ8612-12, TJ =25°C
10
18
MPQ8612-16, TJ =25°C
7.4
13
High-side Switch On Resistance
HSRDS-ON
MPQ8612-20, TJ =25°C
6.6
12
mΩ
MPQ8612-12, TJ =25°C
7.8
10
MPQ8612-16, TJ =25°C
5.5
11
Low-side Switch On Resistance
LSRDS-ON
MPQ8612-20, TJ =25°C
4.6
9.5
mΩ
Switch Leakage
SWLKG
VEN = 0V, VSW = 0V or 5V,
TJ =25°C
0.001
5
μA
Current Limit
MPQ8612-12
17
21
26
MPQ8612-16
23
28
33
High-side Current Limit
ILIMIT
MPQ8612-20
29
35
41
A
Timer
RFREQ=82kΩ,VOUT=1.2V,
MPQ8612-12
170
ns
One-Shot On Time
tON
RFREQ=82kΩ,VOUT=1.2V,
MPQ8612-16,
MPQ8612-20
200
ns
MPQ8612-12
30
75
150
ns
Minimum Off Time
tOFF
MPQ8612-16,
MPQ8612-20
30
110
160
ns
Fold back Timer
(5)
tFOLDBACK
OCP Happens
2.5
μs
Over-voltage and Under-voltage Protection
OVP Threshold
VOVP1
110
120
130
%VREF
OVP Delay
(5)
tOVP
1
μs
UVP Threshold
(5)
VUVP
50
%VREF


Similar Part No. - MPQ8612GR-20

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ8612GR-20 MPS-MPQ8612GR-20 Datasheet
776Kb / 27P
   High Efficiency, 12A/16A/20A, 6V Synchronous Step-down Converter
MPQ8612GR-20 MPS-MPQ8612GR-20 Datasheet
776Kb / 27P
   High Efficiency, 12A/16A/20A, 6V Synchronous Step-down Converter
MPQ8612GR-20 MPS-MPQ8612GR-20 Datasheet
826Kb / 27P
   High Efficiency, 12A/16A/20A, 6V Synchronous Step-down Converter
More results

Similar Description - MPQ8612GR-20

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ8612 MPS-MPQ8612 Datasheet
826Kb / 27P
   High Efficiency, 12A/16A/20A, 6V Synchronous Step-down Converter
MPQ8612-16 MPS-MPQ8612-16 Datasheet
776Kb / 27P
   High Efficiency, 12A/16A/20A, 6V Synchronous Step-down Converter
MPQ8612-20 MPS-MPQ8612-20 Datasheet
776Kb / 27P
   High Efficiency, 12A/16A/20A, 6V Synchronous Step-down Converter
MPQ8616-12 MPS-MPQ8616-12 Datasheet
1Mb / 29P
   High Efficiency, 6A/12A, 6V Synchronous Step-Down Converter
MPQ8616 MPS-MPQ8616 Datasheet
1Mb / 29P
   High Efficiency, 6A/12A, 6V Synchronous Step-down Converter
MPQ8616-6 MPS-MPQ8616-6 Datasheet
982Kb / 29P
   High Efficiency, 6A/12A, 6V Synchronous Step-down Converter
EVQ8612-L-12-00A MPS-EVQ8612-L-12-00A Datasheet
328Kb / 10P
   High Efficiency, 12A, 6V Synchronous Step-down Converter Evaluation Board
MP8763 MPS-MP8763 Datasheet
1Mb / 24P
   High Efficiency, 12A, 18V, Synchronous, Step-Down Converter
EV8712-L-00A MPS-EV8712-L-00A Datasheet
624Kb / 9P
   High Efficiency,12A,18V, Synchronous Step-Down Converter
MPQ8636GV MPS-MPQ8636GV Datasheet
718Kb / 24P
   High Efficiency, 20A, 18V Synchronous, Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com