Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPQ8616GL-12 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MPQ8616GL-12
Description  High Efficiency, 6A/12A, 6V Synchronous Step-down Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ8616GL-12 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MPQ8616GL-12 Datasheet HTML 5Page - Monolithic Power Systems MPQ8616GL-12 Datasheet HTML 6Page - Monolithic Power Systems MPQ8616GL-12 Datasheet HTML 7Page - Monolithic Power Systems MPQ8616GL-12 Datasheet HTML 8Page - Monolithic Power Systems MPQ8616GL-12 Datasheet HTML 9Page - Monolithic Power Systems MPQ8616GL-12 Datasheet HTML 10Page - Monolithic Power Systems MPQ8616GL-12 Datasheet HTML 11Page - Monolithic Power Systems MPQ8616GL-12 Datasheet HTML 12Page - Monolithic Power Systems MPQ8616GL-12 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
MPQ8616, 6A/12A, 6V, SYNCHRONOUS STEP-DOWN CONVERTER
MPQ8616 Rev. 1.01
www.MonolithicPower.com
9
2/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Performance waveforms are tested on the evaluation board of the Design Example section.
MPQ8616GL-6, VIN=5V, VOUT=1.2V, L=1.0µH, TA=+25°C, unless otherwise noted.
Line Regulation
Load Regulation
Frequency vs.
Input Voltage
Frequency vs.
Load Current
Frequency vs. RFREQ
Supply Current (Quiescent)
vs. VCC Voltage
Supply Current (Shutdown)
vs. Temperature
One-Shot-On Time
vs. VIN
OUTPUT CURRENT (A)
VIN (V)
IOUT (A)
VIN (V)
VCC VOLTAGE (V)
LOAD CURRENT (A)
INPUT VOLTAGE (V)
90
91
92
93
94
95
96
97
98
99
100
0.5
1.5
2.5 3.5
4.5
5.5
6.5
-0.60
-0.40
-0.20
0.00
0.20
0.40
0.60
34
56
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
01
234
56
0
200
400
600
800
1000
1200
200
400
600
800 1000 1200
550
570
590
610
630
650
3
3.5
4
4.5
5
5.5
6
550
560
570
580
590
600
610
0123456
300
400
500
600
700
800
900
3
3.5
4
4.5
5
5.5
6
500
600
700
800
900
1000
1100
1200
3
3.5
4
4.5
5
5.5
6
-1.0
-0.5
0.0
0.5
1.0
3
3.5
4
4.5
5
5.5
6
IOUT=0A
IOUT=3A
IOUT=6A


Similar Part No. - MPQ8616GL-12

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ8616GL-12 MPS-MPQ8616GL-12 Datasheet
1Mb / 29P
   High Efficiency, 6A/12A, 6V Synchronous Step-Down Converter
MPQ8616GL-12 MPS-MPQ8616GL-12 Datasheet
1Mb / 29P
   High Efficiency, 6A/12A, 6V Synchronous Step-down Converter
More results

Similar Description - MPQ8616GL-12

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MPQ8616-12 MPS-MPQ8616-12 Datasheet
1Mb / 29P
   High Efficiency, 6A/12A, 6V Synchronous Step-Down Converter
MPQ8616 MPS-MPQ8616 Datasheet
1Mb / 29P
   High Efficiency, 6A/12A, 6V Synchronous Step-down Converter
MPQ8632D-6 MPS-MPQ8632D-6 Datasheet
2Mb / 23P
   High Efficiency, 6A/12A, 18V Synchronous Step-down Converter
MPQ8612-12 MPS-MPQ8612-12 Datasheet
776Kb / 27P
   High Efficiency, 12A/16A/20A, 6V Synchronous Step-down Converter
EVQ8612-L-12-00A MPS-EVQ8612-L-12-00A Datasheet
328Kb / 10P
   High Efficiency, 12A, 6V Synchronous Step-down Converter Evaluation Board
MPQ8612 MPS-MPQ8612 Datasheet
826Kb / 27P
   High Efficiency, 12A/16A/20A, 6V Synchronous Step-down Converter
MPQ8612-16 MPS-MPQ8612-16 Datasheet
776Kb / 27P
   High Efficiency, 12A/16A/20A, 6V Synchronous Step-down Converter
MPQ8612-20 MPS-MPQ8612-20 Datasheet
776Kb / 27P
   High Efficiency, 12A/16A/20A, 6V Synchronous Step-down Converter
EVQ8616-L-6-00A MPS-EVQ8616-L-6-00A Datasheet
708Kb / 10P
   High Efficiency, 6A, 6V Synchronous Step-down Converter Evaluation Board
MP8763 MPS-MP8763 Datasheet
1Mb / 24P
   High Efficiency, 12A, 18V, Synchronous, Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com