Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7812YRUZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD7812YRUZ
Description  2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7812YRUZ Datasheet(HTML) 3 Page - Analog Devices

  AD7812YRUZ Datasheet HTML 1Page - Analog Devices AD7812YRUZ Datasheet HTML 2Page - Analog Devices AD7812YRUZ Datasheet HTML 3Page - Analog Devices AD7812YRUZ Datasheet HTML 4Page - Analog Devices AD7812YRUZ Datasheet HTML 5Page - Analog Devices AD7812YRUZ Datasheet HTML 6Page - Analog Devices AD7812YRUZ Datasheet HTML 7Page - Analog Devices AD7812YRUZ Datasheet HTML 8Page - Analog Devices AD7812YRUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
–3–
REV. B
AD7811/AD7812
Parameter
Y Version
Unit
Test Conditions/Comments
POWER SUPPLY
VDD
2.7
V min
For Specified Performance
5.5
V max
IDD
Digital Inputs = 0 V or VDD
Normal Operation
3.5
mA max
Power-Down
Full Power-Down
1
µA max
Partial Power-Down (Internal Ref)
350
µA max
See Power-Up Times Section
Power Dissipation
VDD = 3 V
Normal Operation
10.5
mW max
Auto Full Power-Down
See Power vs. Throughput Section
Throughput 1 kSPS
31.5
µW max
Throughput 10 kSPS
315
µW max
Throughput 100 kSPS
3.15
mW max
Partial Power-Down (Internal Ref)
1.05
mW max
Full Power-Down
3
µW max
NOTES
1See Terminology.
2Sample tested during initial release and after any redesign or process change that may affect this parameter.
Specifications subject to change without notice.
TIMING CHARACTERISTICS1, 2
Parameter
Y Version
Unit
Conditions/Comments
t
POWER-UP
1.5
µs (max)
Power-Up Time of AD7811/AD7812 after Rising Edge of
CONVST
t
1
2.3
µs (max)
Conversion Time
t
2
20
ns (min)
CONVST Pulsewidth
t
3
25
ns (min)
SCLK High Pulsewidth
t
4
25
ns (min)
SCLK Low Pulsewidth
t
5
3
5
ns (min)
RFS Rising Edge to SCLK Rising Edge Setup Time
t
6
3
5
ns (min)
TFS Falling Edge to SCLK Falling Edge Setup Time
t
7
3
10
ns (max)
SCLK Rising Edge to Data Out Valid
t
8
10
ns (min)
DIN Data Valid to SCLK Falling Edge Setup Time
t
9
5
ns (min)
DIN Data Valid after SCLK Falling Edge Hold Time
t
10
3, 4
20
ns (max)
SCLK Rising Edge to DOUT High Impedance
t
11
100
ns (min)
DOUT High Impedance to
CONVST Falling Edge
NOTES
1Sample tested to ensure compliance.
2See Figures 16, 17 and 18.
3These numbers are measured with the load circuit of Figure 1. They are defined as the time required for the o/p to cross 0.8 V or 2.4 V for V
DD = 5 V
± 10% and
0.4 V or 2 V for VDD = 3 V
± 10%.
4Derived from the measured time taken by the data outputs to change 0.5 V when loaded with the circuit of Figure 1. The measured number is then extrapolated back
to remove the effects of charging or discharging the 50 pF capacitor. This means that the time, t 11, quoted in the Timing Characteristics is the true bus relinquish
time of the part and as such is independent of external bus loading capacitances.
Specifications subject to change without notice.
(VDD = 2.7 V to 5.5 V, VREF = VDD [EXT] unless otherwise noted)
2.1V
200 A
CL
50pF
IOH
TO
OUTPUT
PIN
IOL
200 A
Figure 1. Load Circuit for Digital Output Timing Specifications


Similar Part No. - AD7812YRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7812YRUZ AD-AD7812YRUZ Datasheet
211Kb / 19P
   2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. B
More results

Similar Description - AD7812YRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7811YRUZ AD-AD7811YRUZ Datasheet
211Kb / 19P
   2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. B
AD7811 AD-AD7811 Datasheet
200Kb / 19P
   2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. B
AD7812YRUZ AD-AD7812YRUZ Datasheet
211Kb / 19P
   2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. B
AD7811 AD-AD7811_15 Datasheet
333Kb / 24P
   2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. C
AD7812 AD-AD7812_15 Datasheet
333Kb / 24P
   2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. C
AD7811YRUZ AD-AD7811YRUZ Datasheet
198Kb / 19P
   2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. B
AD7813 AD-AD7813_15 Datasheet
194Kb / 11P
   2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
REV. C
AD7813YNZ AD-AD7813YNZ Datasheet
174Kb / 11P
   2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
REV. C
AD7813 AD-AD7813_17 Datasheet
219Kb / 12P
   2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
AD7813 AD-AD7813 Datasheet
185Kb / 11P
   2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com