Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7811YR Datasheet(PDF) 4 Page - Analog Devices

Part # AD7811YR
Description  2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7811YR Datasheet(HTML) 4 Page - Analog Devices

  AD7811YR Datasheet HTML 1Page - Analog Devices AD7811YR Datasheet HTML 2Page - Analog Devices AD7811YR Datasheet HTML 3Page - Analog Devices AD7811YR Datasheet HTML 4Page - Analog Devices AD7811YR Datasheet HTML 5Page - Analog Devices AD7811YR Datasheet HTML 6Page - Analog Devices AD7811YR Datasheet HTML 7Page - Analog Devices AD7811YR Datasheet HTML 8Page - Analog Devices AD7811YR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
AD7811/AD7812
–4–
REV. B
ABSOLUTE MAXIMUM RATINGS
*
V
DD to DGND . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
Digital Input Voltage to DGND (
CONVST, SCLK, RFS, TFS,
DIN, A0) . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, VDD + 0.3 V
Digital Output Voltage to DGND (DOUT)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, VDD + 0.3 V
REFIN to AGND . . . . . . . . . . . . . . . . . . . –0.3 V, VDD + 0.3 V
Analog Inputs
VIN1–VIN4 (AD7811) . . . . . . . . . . . . . . –0.3 V, VDD + 0.3 V
VIN1–VIN8 (AD7812) . . . . . . . . . . . . . . –0.3 V, VDD + 0.3 V
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 150
°C
Plastic DIP Package, Power Dissipation . . . . . . . . . . 450 mW
θJA Thermal Impedance . . . . . . . . . . . . . . . . . . . . 105°C/W
Lead Temperature, (Soldering 10 sec) . . . . . . . . . . . . 260
°C
ORDERING GUIDE
Linearity
Package
Package
Model
Error
Descriptions
Options
AD7811YN
±1 LSB
16-Lead Plastic DIP
N-16
AD7811YR
±1 LSB
16-Lead Small Outline IC (SOIC)
R-16A
AD7811YRU
±1 LSB
16-Lead Thin Shrink Small Outline Package (TSSOP)
RU-16
AD7812YN
±1 LSB
20-Lead Plastic DIP
N-20
AD7812YR
±1 LSB
20-Lead Small Outline IC (SOIC)
R-20A
AD7812YRU
±1 LSB
20-Lead Thin Shrink Small Outline Package (TSSOP)
RU-20
SOIC Package, Power Dissipation . . . . . . . . . . . . . . . 450 mW
θ
JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . 75
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
TSSOP Package, Power Dissipation . . . . . . . . . . . . . 450 mW
θJA Thermal Impedance . . . . . . . . . . . . . . . . . . . . 115°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD7811/AD7812 features proprietary ESD protection circuitry, permanent damage may occur
on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions
are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE


Similar Part No. - AD7811YR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7811YR AD-AD7811YR Datasheet
200Kb / 19P
   2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. B
AD7811YR AD-AD7811YR Datasheet
198Kb / 19P
   2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. B
AD7811YR AD-AD7811YR Datasheet
211Kb / 19P
   2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. B
AD7811YR AD-AD7811YR Datasheet
211Kb / 19P
   2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. B
AD7811YRU AD-AD7811YRU Datasheet
200Kb / 19P
   2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. B
More results

Similar Description - AD7811YR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7811YRUZ AD-AD7811YRUZ Datasheet
211Kb / 19P
   2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. B
AD7811 AD-AD7811 Datasheet
200Kb / 19P
   2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. B
AD7812YRUZ AD-AD7812YRUZ Datasheet
211Kb / 19P
   2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. B
AD7812YRUZ AD-AD7812YRUZ Datasheet
198Kb / 19P
   2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. B
AD7811 AD-AD7811_15 Datasheet
333Kb / 24P
   2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. C
AD7812 AD-AD7812_15 Datasheet
333Kb / 24P
   2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. C
AD7813 AD-AD7813_15 Datasheet
194Kb / 11P
   2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
REV. C
AD7813YNZ AD-AD7813YNZ Datasheet
174Kb / 11P
   2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
REV. C
AD7813 AD-AD7813_17 Datasheet
219Kb / 12P
   2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
AD7813 AD-AD7813 Datasheet
185Kb / 11P
   2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com