Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7812YN Datasheet(PDF) 1 Page - Analog Devices

Part # AD7812YN
Description  2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7812YN Datasheet(HTML) 1 Page - Analog Devices

  AD7812YN Datasheet HTML 1Page - Analog Devices AD7812YN Datasheet HTML 2Page - Analog Devices AD7812YN Datasheet HTML 3Page - Analog Devices AD7812YN Datasheet HTML 4Page - Analog Devices AD7812YN Datasheet HTML 5Page - Analog Devices AD7812YN Datasheet HTML 6Page - Analog Devices AD7812YN Datasheet HTML 7Page - Analog Devices AD7812YN Datasheet HTML 8Page - Analog Devices AD7812YN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD7811/AD7812
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
2.7 V to 5.5 V, 350 kSPS, 10-Bit
4-/8-Channel Sampling ADCs
FEATURES
10-Bit ADC with 2.3
s Conversion Time
The AD7811 has Four Single-Ended Inputs that
Can Be Configured as Three Pseudo Differential
Inputs with Respect to a Common, or as Two Inde-
pendent Pseudo Differential Channels
The AD7812 has Eight Single-Ended Inputs that Can
Be Configured as Seven Pseudo Differential Inputs
with Respect to a Common, or as Four Independent
Pseudo Differential Channels
Onboard Track and Hold
Onboard Reference 2.5 V
2.5%
Operating Supply Range: 2.7 V to 5.5 V
Specifications at 2.7 V–3.6 V and 5 V
10%
DSP-/Microcontroller-Compatible Serial Interface
High Speed Sampling and Automatic Power-Down Modes
Package Address Pin on the AD7811 and AD7812 Allows
Sharing of the Serial Bus in Multipackage Applications
Input Signal Range: 0 V to VREF
Reference Input Range: 1.2 V to VDD
GENERAL DESCRIPTION
The AD7811 and AD7812 are high speed, low power, 10-bit
A/D converters that operate from a single 2.7 V to 5.5 V supply.
The devices contain a 2.3
µs successive approximation A/D
converter, an on-chip track/hold amplifier, a 2.5 V on-chip refer-
ence and a high speed serial interface that is compatible with the
serial interfaces of most DSPs (Digital Signal Processors) and
microcontrollers. The user also has the option of using an exter-
nal reference by connecting it to the VREF pin and setting the
EXTREF bit in the control register. The VREF pin may be tied
to VDD. At slower throughput rates the power-down mode may
be used to automatically power down between conversions.
The control registers of the AD7811 and AD7812 allow the
input channels to be configured as single-ended or pseudo
differential. The control register also features a software convert
start and a software power-down. Two of these devices can
share the same serial bus and may be individually addressed in
a multipackage application by hardwiring the device address pin.
The AD7811 is available in a small, 16-lead 0.3" wide, plastic
dual-in-line package (mini-DIP), in a 16-lead 0.15" wide, Small
Outline IC (SOIC) and in a 16-lead, Thin Shrink Small Out-
line Package (TSSOP). The AD7812 is available in a small,
20-lead 0.3" wide, plastic dual-in-line package (mini-DIP), in a
20-lead, Small Outline IC (SOIC) and in a 20-lead, Thin Shrink
Small Outline Package (TSSOP).
PRODUCT HIGHLIGHTS
1. Low Power, Single Supply Operation
Both the AD7811 and AD7812 operate from a single 2.7 V
to 5.5 V supply and typically consume only 10 mW of power.
The power dissipation can be significantly reduced at
lower throughput rates by using the automatic power-
down mode e.g., 315
µW @ 10 kSPS, V
DD = 3 V—see
Power vs. Throughput.
2. 4-/8-Channel, 10-Bit ADC
The AD7811 and AD7812 have four and eight single-ended
input channels respectively. These inputs can be configured
as pseudo differential inputs by using the Control Register.
3. On-chip 2.5 V (
±2.5%) reference circuit that is powered
down when using an external reference.
4. Hardware and Software Control
The AD7811 and AD7812 provide for both hardware and
software control of Convert Start and Power-Down.
FUNCTIONAL BLOCK DIAGRAMS
REV. B
CHARGE
REDISTRIBUTION
DAC
CLOCK
OSC
AD7811
CONVST
AGND
VDD/3
COMP
REFIN
VDD
DOUT
DGND
A0
VIN1
VIN2
VIN3
VIN4
DIN
RFS
TFS
SCLK
BUF
CONTROL
LOGIC
MUX
CREF
SERIAL
PORT
1.23V
REF
CHARGE
REDISTRIBUTION
DAC
CLOCK
OSC
AD7812
AGND
REFIN
VDD
DOUT
DGND
A0
DIN
RFS
TFS
SCLK
BUF
CONTROL
LOGIC
MUX
CREF
SERIAL
PORT
VIN1
VIN2
VIN3
VIN4
VIN5
VIN6
VIN7
VIN8
CONVST
VDD/3
COMP
1.23V
REF


Similar Part No. - AD7812YN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7812YN AD-AD7812YN Datasheet
200Kb / 19P
   2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. B
AD7812YN AD-AD7812YN Datasheet
198Kb / 19P
   2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. B
AD7812YN AD-AD7812YN Datasheet
211Kb / 19P
   2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. B
AD7812YN AD-AD7812YN Datasheet
211Kb / 19P
   2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. B
More results

Similar Description - AD7812YN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7811YRUZ AD-AD7811YRUZ Datasheet
211Kb / 19P
   2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. B
AD7811 AD-AD7811 Datasheet
200Kb / 19P
   2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. B
AD7812YRUZ AD-AD7812YRUZ Datasheet
211Kb / 19P
   2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. B
AD7812YRUZ AD-AD7812YRUZ Datasheet
198Kb / 19P
   2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. B
AD7811 AD-AD7811_15 Datasheet
333Kb / 24P
   2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. C
AD7812 AD-AD7812_15 Datasheet
333Kb / 24P
   2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. C
AD7813 AD-AD7813_15 Datasheet
194Kb / 11P
   2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
REV. C
AD7813YNZ AD-AD7813YNZ Datasheet
174Kb / 11P
   2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
REV. C
AD7813 AD-AD7813_17 Datasheet
219Kb / 12P
   2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
AD7813 AD-AD7813 Datasheet
185Kb / 11P
   2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com