Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8047AR Datasheet(PDF) 1 Page - Analog Devices

Part # AD8047AR
Description  250 MHz, General Purpose Voltage Feedback Op Amps
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8047AR Datasheet(HTML) 1 Page - Analog Devices

  AD8047AR Datasheet HTML 1Page - Analog Devices AD8047AR Datasheet HTML 2Page - Analog Devices AD8047AR Datasheet HTML 3Page - Analog Devices AD8047AR Datasheet HTML 4Page - Analog Devices AD8047AR Datasheet HTML 5Page - Analog Devices AD8047AR Datasheet HTML 6Page - Analog Devices AD8047AR Datasheet HTML 7Page - Analog Devices AD8047AR Datasheet HTML 8Page - Analog Devices AD8047AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
AD8047/AD8048
250 MHz, General Purpose
Voltage Feedback Op Amps
The AD8047 and AD8048’s low distortion and cap load drive
make the AD8047/AD8048 ideal for buffering high speed ADCs.
They are suitable for 12-bit/10 MSPS or 8-bit/60 MSPS ADCs.
Additionally, the balanced high impedance inputs of the voltage
feedback architecture allow maximum flexibility when designing
active filters.
The AD8047 and AD8048 are offered in industrial (–40
°C to
+85
°C) temperature ranges and are available in 8-lead PDIP
and SOIC packages.
5ns
1V
Figure 1. AD8047 Large Signal Transient Response,
VO = 4 V p-p, G = +1
FEATURES
Wide Bandwidth
AD8047, G = +1
AD8048, G = +2
Small Signal
250 MHz
260 MHz
Large Signal (2 V p-p) 130 MHz
160 MHz
5.8 mA Typical Supply Current
Low Distortion, (SFDR) Low Noise
–66 dBc Typ @ 5 MHz
–54 dBc Typ @ 20 MHz
5.2 nV/
√Hz (AD8047), 3.8 nV/√Hz (AD8048) Noise
Drives 50 pF Capacitive Load
High Speed
Slew Rate 750 V/ s (AD8047), 1000 V/ s (AD8048)
Settling 30 ns to 0.01%, 2 V Step
3 V to
6 V Supply Operation
APPLICATIONS
Low Power ADC Input Driver
Differential Amplifiers
IF/RF Amplifiers
Pulse Amplifiers
Professional Video
DAC Current to Voltage Conversion
Baseband and Video Communications
Pin Diode Receivers
Active Filters/Integrators
PRODUCT DESCRIPTION
The AD8047 and AD8048 are very high speed and wide band-
width amplifiers. The AD8047 is unity gain stable. The AD8048 is
stable at gains of two or greater. The AD8047 and AD8048,
which utilize a voltage feedback architecture, meet the require-
ments of many applications that previously depended on current
feedback amplifiers.
A proprietary circuit has produced an amplifier that combines
many of the best characteristics of both current feedback and
voltage feedback amplifiers. For the power (6.6 mA max), the
AD8047 and AD8048 exhibit fast and accurate pulse response
(30 ns to 0.01%) as well as extremely wide small signal and large
signal bandwidth and low distortion. The AD8047 achieves
–54 dBc distortion at 20 MHz, 250 MHz small signal, and
130 MHz large signal bandwidths.
FUNCTIONAL BLOCK DIAGRAM
8-Pin Plastic PDIP (N)
and SOIC (R) Packages
1
2
3
4
8
7
6
5
NC
–INPUT
+INPUT
–V
S
NC
+V
S
OUTPUT
NC
(TOP VIEW)
NC = NO CONNECT
AD8047/
AD8048


Similar Part No. - AD8047AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8047AR AD-AD8047AR Datasheet
478Kb / 16P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. 0
AD8047AR AD-AD8047AR Datasheet
284Kb / 16P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
AD8047AR AD-AD8047AR Datasheet
516Kb / 17P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
AD8047AR AD-AD8047AR Datasheet
516Kb / 17P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
AD8047AR-REEL AD-AD8047AR-REEL Datasheet
284Kb / 16P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
More results

Similar Description - AD8047AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8047 AD-AD8047_15 Datasheet
516Kb / 17P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
AD8048 AD-AD8048_15 Datasheet
516Kb / 17P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
AD8047ANZ AD-AD8047ANZ Datasheet
516Kb / 17P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
AD8047 AD-AD8047 Datasheet
478Kb / 16P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. 0
AD8047 AD-AD8047_03 Datasheet
284Kb / 16P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
AD8047ARZ AD-AD8047ARZ Datasheet
516Kb / 17P
   250 MHz, General Purpose Voltage Feedback Op Amps
REV. A
logo
STMicroelectronics
UA741 STMICROELECTRONICS-UA741 Datasheet
490Kb / 11P
   GENERAL-PURPOSE SINGLE OP-AMPs
logo
3PEAK INC.
LM2904A 3PEAK-LM2904A Datasheet
1Mb / 15P
   36V General Purpose Op Amps
LM321A 3PEAK-LM321A Datasheet
1Mb / 17P
   36V General Purpose Op Amps
Rev.0.02
logo
ON Semiconductor
NCS2551 ONSEMI-NCS2551 Datasheet
197Kb / 12P
   500 MHz Voltage Feedback Op Amp
September, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com