Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPE5C1H182J2S2Y03A Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # RPE5C1H182J2S2Y03A
Description  Radial Lead Type Monolithic Ceramic Capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

RPE5C1H182J2S2Y03A Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  RPE5C1H182J2S2Y03A Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. RPE5C1H182J2S2Y03A Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. RPE5C1H182J2S2Y03A Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. RPE5C1H182J2S2Y03A Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. RPE5C1H182J2S2Y03A Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. RPE5C1H182J2S2Y03A Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. RPE5C1H182J2S2Y03A Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. RPE5C1H182J2S2Y03A Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. RPE5C1H182J2S2Y03A Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
C49E.pdf
May.10,2011
4
1
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
Radial Lead Type Monolithic Ceramic Capacitors
RPE Series (DC25V-DC100V)
s Features
1. The RPE series capacitors have small dimensions,
large capacitance, and a capacity volume ratio of
10 micro F/cm cubed, close to that of electrolytic
capacitors. They do not have polarity.
2. Excellent frequency characteristics and due to
their small internal inductance are suitable for
high frequencies.
3. Not coated with wax so there is no change in
their exterior appearance due to the outflow of
wax during soldering or solvent during cleansing.
4. They are highly nonflammable, having characteristics
equivalent to the UL94V-0 standard.
(in mm)
L max.
ød : 0.5
±0.05
T max.
F
±0.8
∗ Coating extension does not exceed the end of the lead bend.
· Lead Wire : Solder Coated Copper Wire or
Solder Coated CP Wire
Dimensions code: 2/3
Lead style code: P1
(in mm)
∗ Coating extension does not exceed the end of the lead bend.
· Lead Wire : Solder Coated Copper Wire or
Solder Coated CP Wire
ød : 0.5
±0.05
T max.
L max.
F
±0.8
Dimensions code: 2/3/8
Lead style code: K1
(in mm)
T max.
L max.
ød : 0.5
±0.05
F
±0.8
· Lead Wire : Solder Coated Copper Wire or
Solder Coated CP Wire
Dimensions code: 5/6/7
Lead style code: B1/C1
s Dimensions
Dimensions and
Lead Style Code
Dimensions (mm)
L
W
W1
T
F
d
2P1/2S1/2S2
2K1/2M1/2M2
3P1/3S1/3S2
3K1/3M1/3M2
5B1/5E1/5E2
6B1/6E1/6E2
7C1
0.5
2.5
5.0
3.5
5.0
0.5
5.0
5.0
3.5
5.0
0.5
2.5
6.3
See
the individual
product
specifications
4.5
5.0
0.5
5.0
6.3
4.5
5.0
0.5
5.0
-
7.5
7.5
0.5
5.0
-
10.0
10.0
0.5
10.0
-
12.5
12.5
8K1/8M1/8M2
0.5
5.0
8.0
5.5
7.5
Continued on the following page.


Similar Part No. - RPE5C1H182J2S2Y03A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RPE5C2A391J2M2A03A MURATA-RPE5C2A391J2M2A03A Datasheet
381Kb / 1P
   capacitor data sheet
More results

Similar Description - RPE5C1H182J2S2Y03A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RPER71H104K2M1A03A MURATA-RPER71H104K2M1A03A Datasheet
1Mb / 57P
   Radial Lead Type Monolithic Ceramic Capacitors
RHDL82A683K2K1C03B MURATA-RHDL82A683K2K1C03B Datasheet
29Kb / 2P
   Radial Lead Type Monolithic Ceramic Capacitors
RDER72J104K8M1C11A MURATA-RDER72J104K8M1C11A Datasheet
393Kb / 19P
   Radial Lead Type Monolithic Ceramic Capacitors
logo
Panasonic Semiconductor
EEUFS0J221B PANASONIC-EEUFS0J221B Datasheet
77Kb / 4P
   Aluminum Electrolytic Capacitors (Radial Lead Type)
ECA-1VHG330 PANASONIC-ECA-1VHG330 Datasheet
448Kb / 6P
   Alumlnum Electrolytic Capacitors Radial Lead Type
logo
United Chemi-Con, Inc.
KTD251B335M90 CHEMI-CON-KTD251B335M90 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KVD101L104M32 CHEMI-CON-KVD101L104M32 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KHD160E685M32A0T00 CHEMI-CON-KHD160E685M32A0T00 Datasheet
45Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KTD251B104M32A0T00 CHEMI-CON-KTD251B104M32A0T00 Datasheet
56Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KTD251B155M55 CHEMI-CON-KTD251B155M55 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com