Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDSOD323-T12C-DSL Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # CDSOD323-T12C-DSL
Description  TVS Diode Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CDSOD323-T12C-DSL Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  CDSOD323-T12C-DSL Datasheet HTML 1Page - Bourns Electronic Solutions CDSOD323-T12C-DSL Datasheet HTML 2Page - Bourns Electronic Solutions CDSOD323-T12C-DSL Datasheet HTML 3Page - Bourns Electronic Solutions CDSOD323-T12C-DSL Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Product Dimensions
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CDSOD323-TxxC-DSL - TVS Diode Series
This is a molded JEDEC SOD-323 package with lead free 100 %
Sn plating on the terminations. It weighs approximately 30 mg and
has a flammability rating of UL 94V-0.
Typical Part Marking
Each device has device marking outlined below.
CDSOD323-T12C-DSL ............................................................... 2D
CDSOD323-T24C-DSL ................................................................ 4D
DIMENSIONS:
MM
(INCHES)
Dimensions
A
1.60 - 1.90
(0.063 - 0.075)
B
1.15 - 1.45
(0.045 - 0.057)
C
2.39 - 2.70
(0.094 - 0.106)
D
0.92 - 1.10
(0.036 - 0.043)
E
0.25 - 0.40
(0.010 - 0.016)
F
0.10 - 0.20
(0.004 - 0.008)
H
0.10
MAX.
(0.004) .........
H
F
E
A
C
D
B
Recommended Footprint
A
BC
D
DIMENSIONS:
MM
(INCHES)
Dimensions (Nominal)
A
0.80
(0.031)
B
0.80
(0.031)
C
1.40
(0.055)
D
0.80
(0.031)


Similar Part No. - CDSOD323-T12C-DSL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CDSOD323-T12C-DSLQ BOURNS-CDSOD323-T12C-DSLQ Datasheet
389Kb / 4P
   TVS Diode Series
More results

Similar Description - CDSOD323-T12C-DSL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CDSOD323-T12C-DSLQ BOURNS-CDSOD323-T12C-DSLQ Datasheet
389Kb / 4P
   TVS Diode Series
CDSOD323-TXXC-DSL BOURNS-CDSOD323-TXXC-DSL Datasheet
280Kb / 4P
   TVS Diode Series
logo
Wurth Elektronik GmbH &...
824032813 WURTH-824032813 Datasheet
630Kb / 7P
   WE-TVS TVS Diode – Standard Series
001.002
824045817 WURTH-824045817 Datasheet
686Kb / 8P
   WE-TVS TVS Diode – Standard Series
001.001
824031815 WURTH-824031815 Datasheet
630Kb / 7P
   WE-TVS TVS Diode – Standard Series
001.001
824032815 WURTH-824032815 Datasheet
630Kb / 7P
   WE-TVS TVS Diode – Standard Series
001.002
824045812 WURTH-824045812 Datasheet
686Kb / 8P
   WE-TVS TVS Diode – Standard Series
001.001
824094024 WURTH-824094024 Datasheet
844Kb / 8P
   WE-TVS TVS Diode – Standard Series
001.000
824043810 WURTH-824043810 Datasheet
459Kb / 6P
   WE-TVS TVS Diode – Standard Series
001.002
824043817 WURTH-824043817 Datasheet
458Kb / 6P
   WE-TVS TVS Diode – Standard Series
001.002
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com