Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9203-EB Datasheet(PDF) 10 Page - Analog Devices

Part # AD9203-EB
Description  10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9203-EB Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9203-EB Datasheet HTML 6Page - Analog Devices AD9203-EB Datasheet HTML 7Page - Analog Devices AD9203-EB Datasheet HTML 8Page - Analog Devices AD9203-EB Datasheet HTML 9Page - Analog Devices AD9203-EB Datasheet HTML 10Page - Analog Devices AD9203-EB Datasheet HTML 11Page - Analog Devices AD9203-EB Datasheet HTML 12Page - Analog Devices AD9203-EB Datasheet HTML 13Page - Analog Devices AD9203-EB Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD9203
Rev. B | Page 10 of 28
–9
0
–1
–2
–3
–4
–5
–6
–7
–8
10
100
1000
INPUT FREQUENCY (MHz)
Figure 16. Full Power Bandwidth
0
500
1000
1500
2000
2500
3000
3500
0
800
600
400
200
1000
OFF-TIME (ms)
0.5V REFERENCE
1V REFERENCE
Figure 17. Wake-Up Time vs. Off Time (VREF Decoupling = 10 µF)
–0.4
0.2
0.1
0
–0.1
–0.2
–0.3
–40
–20
0
20
40
60
80
100
TEMPERATURE (
°C)
1V
0.5V
Figure 18. Reference Voltage vs. Temperature


Similar Part No. - AD9203-EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9203-EB AD-AD9203-EB Datasheet
216Kb / 19P
   10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV. 0
AD9203-EB AD-AD9203-EB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9203-EB AD-AD9203-EB Datasheet
1Mb / 28P
   10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV. B
AD9203-EB AD-AD9203-EB Datasheet
1Mb / 29P
   A/D Converter
More results

Similar Description - AD9203-EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9203 AD-AD9203_15 Datasheet
1Mb / 28P
   10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV. B
AD9203ARUZ AD-AD9203ARUZ Datasheet
1Mb / 28P
   10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV. B
AD9203ARUZRL7 AD-AD9203ARUZRL7 Datasheet
1Mb / 28P
   10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV. B
AD9203 AD-AD9203 Datasheet
216Kb / 19P
   10-Bit, 40 MSPS, 3 V, 74 mW A/D Converter
REV. 0
AD9203W AD-AD9203W Datasheet
134Kb / 8P
   10-Bit, 40 MSPS, 3 V, 74 mW Analog-to-Digital Converter
REV. 0
logo
Fairchild Semiconductor
SPT7861 FAIRCHILD-SPT7861 Datasheet
87Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7863 CADEKA-SPT7863 Datasheet
183Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
SPT7860 CADEKA-SPT7860 Datasheet
193Kb / 12P
   10-BIT, 40 MSPS, 175 mW A/D CONVERTER
SPT7861 CADEKA-SPT7861 Datasheet
180Kb / 11P
   10-BIT, 40 MSPS, 160 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7860 FAIRCHILD-SPT7860 Datasheet
99Kb / 12P
   10-BIT, 40 MSPS, 175 mW A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com