Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NB638 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # NB638
Description  High Efficiency, Fast Transient, 7A, 28V Synchronous Step-down Converter in a Tiny 3x4mm QFN Package
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

NB638 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button NB638 Datasheet HTML 7Page - Monolithic Power Systems NB638 Datasheet HTML 8Page - Monolithic Power Systems NB638 Datasheet HTML 9Page - Monolithic Power Systems NB638 Datasheet HTML 10Page - Monolithic Power Systems NB638 Datasheet HTML 11Page - Monolithic Power Systems NB638 Datasheet HTML 12Page - Monolithic Power Systems NB638 Datasheet HTML 13Page - Monolithic Power Systems NB638 Datasheet HTML 14Page - Monolithic Power Systems NB638 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
NB638–HIGH EFFICIENCY, FAST TRANSIENT SYNCHRONOUS STEP-DOWN CONVERTER
NB638 Rev.1.16
www.MonolithicPower.com
11
4/18/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
SW
ON
ESR
OUT
TT
0.7
2
R
C
+
×π
(4)
Tsw is the switching period.
Ramp with small ESR Cap
When the output capacitors are ceramic ones,
the ESR ripple is not high enough to stabilize the
system, and external ramp compensation is
needed. Skip to application information section
for design steps with small ESR caps.
R1
R2
Ceramic
SW
FB
Vo
L
R4
C4
IR4
IC4
IFB
R9
Figure 7—Simplified Circuit in PWM Mode
with External Ramp Compensation
In PWM mode, an equivalent circuit with HS-FET
off
and
the
use
of
an
external
ramp
compensation circuit (R4, C4) is simplified in
Figure 7. The external ramp is derived from the
inductor ripple current. If one chooses C4, R9,
R1 and R2 to meet the following condition:
12
9
SW
4
1
2
RR
11
R
2F
C
5
R
R
⎛⎞
×
+
⎜⎟
π×
×
+
⎝⎠
(5)
Where:
R4
C4
FB
C4
II
II
=+≈
(6)
And the ramp on the VFB can then be estimated
as:
IN
O
12
RAMP
ON
44
1
2
9
VV
R//R
VT
RC
R // R
R
×
×+
(7)
The downward slope of the VFB ripple then
follows
==
×
OUT
RAMP
SLOPE1
off
4
4
V
V
V
TR
C
(8)
As can be seen from equation 8, if there is
instability in PWM mode, we can reduce either
R4 or C4. If C4 can not be reduced further due to
limitation from equation 5, then we can only
reduce R4. For a stable PWM operation, the
Vslope1 should be design follow equation 9.
3
10
SW
ON
ESR
OUT
slope1
OUT
OUT
SW
on
TT
+-R
C
Io
0.7 π
2
-V
V
+
2L C
T -T
×
×
××
(9)
Io is the load current.
In skip mode, the downward slope of the VFB
ripple is almost the same whether the external
ramp is used or not. Fig.9 shows the simplified
circuit of the skip mode when both the HS-FET
and LS-FET are off.
R1
R2
Cout
FB
Vo
Ro
Figure 8—Simplified Circuit in skip Mode
The downward slope of the VFB ripple in skip
mode can be determined as follow:
()
REF
SLOPE2
12
OUT
V
V
(R
R // Ro) C
=
(10)
Where Ro is the equivalent load resistor.
As described in Fig.5, VSLOPE2 in the skip mode is
lower than that is in the PWM mode, so it is
reasonable that the jitter in the skip mode is
larger. If one wants a system with less jitter
during ultra light load condition, the values of the
VFB resistors should not be too big, however, that
will decrease the light load efficiency.
Soft Start/Stop
The
NB638
employs
soft
start/stop
(SS)
mechanism to ensure smooth output during
power-up and power shutdown. When the EN pin
becomes high, an internal current source (8.5μA)
charges up the SS CAP. The SS CAP voltage
takes over the REF voltage to the PWM
comparator. The output voltage smoothly ramps


Similar Part No. - NB638

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
NB6381 MPS-NB6381 Datasheet
747Kb / 19P
   High Efficiency, Fast Transient, 8A, 28V Synchronous Step-down Converter in a Tiny QFN20 (3x4mm) Package
NB6381DL MPS-NB6381DL Datasheet
747Kb / 19P
   High Efficiency, Fast Transient, 8A, 28V Synchronous Step-down Converter in a Tiny QFN20 (3x4mm) Package
More results

Similar Description - NB638

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
NB639 MPS-NB639 Datasheet
868Kb / 19P
   High Efficiency, Fast Transient, 8A, 28V Synchronous Step-down Converter In a Tiny QFN20 (3x4mm) Package
NB6381 MPS-NB6381 Datasheet
747Kb / 19P
   High Efficiency, Fast Transient, 8A, 28V Synchronous Step-down Converter in a Tiny QFN20 (3x4mm) Package
MP8736 MPS-MP8736 Datasheet
1Mb / 23P
   High Efficiency, Fast Transient, 6A, 19V Synchronous Buck Converter in a Tiny QFN20 (3x4mm) Package
MP38900 MPS-MP38900 Datasheet
859Kb / 23P
   High Efficiency, Fast Transient, 10A, 16V Synchronous Step-down Converter In a Tiny QFN20 Package
MP9181 MPS-MP9181 Datasheet
815Kb / 19P
   High Efficiency, Fast Transient, 3A, 4.5V-20V Input Synchronous Step-down Converter in a Tiny 2mmx3mm QFN12 Package
MP2338 MPS-MP2338 Datasheet
1Mb / 25P
   High-Efficiency, 28V, 3A, 450kHz, Synchronous Step-Down Converter In SOT583 Package
Rev. 1.0 12.11.2020
MP8757 MPS-MP8757 Datasheet
1Mb / 21P
   High Efficiency, 7A, 18V Synchronous, Step-Down Converter
logo
Texas Instruments
TPS62097-Q1 TI1-TPS62097-Q1_18 Datasheet
1Mb / 28P
[Old version datasheet]   2-A High Efficiency Step-Down Converter in Wettable Flanks QFN Package
TPS62097-Q1 TI1-TPS62097-Q1 Datasheet
318Kb / 20P
[Old version datasheet]   2-A High Efficiency Step-Down Converter in Wettable Flanks QFN Package
logo
Monolithic Power System...
MP2388 MPS-MP2388 Datasheet
1Mb / 18P
   1A, 21V, 2MHz, High-Efficiency, Synchronous, Step-Down Converter in Ultra-Thin QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com