Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTV20N50E Datasheet(PDF) 3 Page - Motorola, Inc

Part # MTV20N50E
Description  TMOS POWER FET 20 AMPERES 500 VOLTS RDS(on) = 0.240 OHM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTV20N50E Datasheet(HTML) 3 Page - Motorola, Inc

  MTV20N50E Datasheet HTML 1Page - Motorola, Inc MTV20N50E Datasheet HTML 2Page - Motorola, Inc MTV20N50E Datasheet HTML 3Page - Motorola, Inc MTV20N50E Datasheet HTML 4Page - Motorola, Inc MTV20N50E Datasheet HTML 5Page - Motorola, Inc MTV20N50E Datasheet HTML 6Page - Motorola, Inc MTV20N50E Datasheet HTML 7Page - Motorola, Inc MTV20N50E Datasheet HTML 8Page - Motorola, Inc MTV20N50E Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MTV20N50E
3
Motorola TMOS Power MOSFET Transistor Device Data
TYPICAL ELECTRICAL CHARACTERISTICS
0
4
8
12
16
20
0
8
16
24
40
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Figure 1. On–Region Characteristics
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
Figure 2. Transfer Characteristics
Figure 3. On–Resistance versus Drain Current
and Temperature
Figure 4. On–Resistance versus Drain Current
and Gate Voltage
Figure 5. On–Resistance Variation with
Temperature
Figure 6. Drain–To–Source Leakage
Current versus Voltage
TJ = 25°C
VDS w 10 V
TJ = –55°C
25
°C
100
°C
VGS = 10 V
8 V
6 V
7 V
32
2.5
4
5
6
7
6.5
0
8
16
24
40
32
5 V
3
2
6
10
14
18
3.5
4.5
5.5
0
30
40
0
0.1
0.3
0.4
0.6
0.24
0.26
0.28
0.30
0.22
ID, DRAIN CURRENT (AMPS)
ID, DRAIN CURRENT (AMPS)
TJ = 100°C
25
°C
– 55
°C
TJ = 25°C
VGS = 10 V
0.2
0.5
10
20
0.32
VGS = 10 V
15 V
0
30
40
10
20
0.2
– 50
0
0.8
1.6
2.4
0
100
200
300
400
500
1
10
100
1000
10000
TJ, JUNCTION TEMPERATURE (°C)
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
– 25
0
25
50
75
100
125
150
VGS = 0 V
0.4
1.2
2.0
50
150
250
350
450
100
°C
25
°C
TJ = 125°C
VGS = 10 V
ID = 10 A


Similar Part No. - MTV20N50E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTV20N50E ONSEMI-MTV20N50E Datasheet
287Kb / 11P
   Power Field Effect Transistor
August, 2006 ??Rev. 1
logo
Inchange Semiconductor ...
MTV20N50E ISC-MTV20N50E Datasheet
297Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - MTV20N50E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTW20N50E MOTOROLA-MTW20N50E Datasheet
193Kb / 8P
   TMOS POWER FET 20 AMPERES 500 VOLTS RDS(on) = 0.24 OHM
MTD2N50E MOTOROLA-MTD2N50E Datasheet
299Kb / 10P
   TMOS POWER FET 2.0 AMPERES 500 VOLTS RDS(on) = 3.6 OHM
MTP2P50E MOTOROLA-MTP2P50E Datasheet
230Kb / 8P
   TMOS POWER FET 2.0 AMPERES 500 VOLTS RDS(on) = 6.0 OHM
MTE30N50E MOTOROLA-MTE30N50E Datasheet
229Kb / 8P
   TMOS POWER FET 30 AMPERES 500 VOLTS RDS(on) = 0.150 OHM
MTE53N50E MOTOROLA-MTE53N50E Datasheet
167Kb / 8P
   TMOS POWER FET 53 AMPERES 500 VOLTS RDS(on) = 0.080 OHM
MTP1N50E MOTOROLA-MTP1N50E Datasheet
159Kb / 8P
   TMOS POWER FET 1.0 AMPERES 500 VOLTS RDS(on) = 5.0 OHM
MTV16N50E MOTOROLA-MTV16N50E Datasheet
276Kb / 10P
   TMOS POWER FET 16 AMPERES 500 VOLTS RDS(on) = 0.40 OHM
MTW14N50E MOTOROLA-MTW14N50E Datasheet
205Kb / 8P
   TMOS POWER FET 14 AMPERES 500 VOLTS RDS(on) = 0.40 OHM
MTP2N50E MOTOROLA-MTP2N50E Datasheet
244Kb / 8P
   TMOS POWER FET 2.0 AMPERES 500 VOLTS RDS(on) = 3.6 OHM
MTP8N50E MOTOROLA-MTP8N50E Datasheet
158Kb / 6P
   TMOS POWER FET 8.0 AMPERES 500 VOLTS RDS(on) = 0.8 OHM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com