Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9516-5BCPZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD9516-5BCPZ
Description  14-Output Clock Generator
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9516-5BCPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9516-5BCPZ Datasheet HTML 6Page - Analog Devices AD9516-5BCPZ Datasheet HTML 7Page - Analog Devices AD9516-5BCPZ Datasheet HTML 8Page - Analog Devices AD9516-5BCPZ Datasheet HTML 9Page - Analog Devices AD9516-5BCPZ Datasheet HTML 10Page - Analog Devices AD9516-5BCPZ Datasheet HTML 11Page - Analog Devices AD9516-5BCPZ Datasheet HTML 12Page - Analog Devices AD9516-5BCPZ Datasheet HTML 13Page - Analog Devices AD9516-5BCPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 76 page
background image
AD9516-5
Rev. A | Page 10 of 76
SERIAL CONTROL PORT
Table 10.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CS (INPUT)
CS has an internal 30 kΩ pull-up resistor
Input Logic 1 Voltage
2.0
V
Input Logic 0 Voltage
0.8
V
Input Logic 1 Current
3
μA
Input Logic 0 Current
110
μA
Input Capacitance
2
pF
SCLK (INPUT)
SCLK has an internal 30 kΩ pull-down resistor
Input Logic 1 Voltage
2.0
V
Input Logic 0 Voltage
0.8
V
Input Logic 1 Current
110
μA
Input Logic 0 Current
1
μA
Input Capacitance
2
pF
SDIO (WHEN INPUT)
Input Logic 1 Voltage
2.0
V
Input Logic 0 Voltage
0.8
V
Input Logic 1 Current
10
nA
Input Logic 0 Current
20
nA
Input Capacitance
2
pF
SDIO, SDO (OUTPUTS)
Output Logic 1 Voltage
2.7
V
Output Logic 0 Voltage
0.4
V
TIMING
Clock Rate (SCLK, 1/tSCLK)
25
MHz
Pulse Width High, tHIGH
16
ns
Pulse Width Low, tLOW
16
ns
SDIO to SCLK Setup, tDS
2
ns
SCLK to SDIO Hold, tDH
1.1
ns
SCLK to Valid SDIO and SDO, tDV
8
ns
CS to SCLK Setup and Hold, tS, tH
2
ns
CS Minimum Pulse Width High, tPWH
3
ns
PD, RESET, AND SYNC PINS
Table 11.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
INPUT CHARACTERISTICS
Each of these pins has an internal 30 kΩ pull-up resistor
Logic 1 Voltage
2.0
V
Logic 0 Voltage
0.8
V
Logic 1 Current
110
μA
Logic 0 Current
1
μA
Capacitance
2
pF
RESET TIMING
Pulse Width Low
50
ns
SYNC TIMING
Pulse Width Low
1.5
High speed
clock cycles
High speed clock is CLK input signal


Similar Part No. - AD9516-5BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9516-5BCPZ AD-AD9516-5BCPZ Datasheet
1Mb / 76P
   14-Output Clock Generator
REV. A
AD9516-5BCPZ-REEL7 AD-AD9516-5BCPZ-REEL7 Datasheet
1Mb / 76P
   14-Output Clock Generator
REV. A
More results

Similar Description - AD9516-5BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9516-5BCPZ AD-AD9516-5BCPZ Datasheet
1Mb / 76P
   14-Output Clock Generator
REV. A
AD9516-4 AD-AD9516-4 Datasheet
1Mb / 84P
   14-Output Clock Generator with Integrated 1.6 GHz VCO
REV. 0
AD9516-3 AD-AD9516-3 Datasheet
957Kb / 84P
   14-Output Clock Generator with Integrated 2.0 GHz VCO
REV. 0
AD9516-2 AD-AD9516-2 Datasheet
946Kb / 84P
   14-Output Clock Generator with Integrated 2.2 GHz VCO
REV. 0
AD9516-2 AD-AD9516-2_15 Datasheet
1Mb / 80P
   14-Output Clock Generator with Integrated 2.2 GHz VCO
REV. C
AD9516-3 AD-AD9516-3_15 Datasheet
1Mb / 80P
   14-Output Clock Generator with Integrated 2.0 GHz VCO
REV. C
AD9516-4 AD-AD9516-4_15 Datasheet
1Mb / 80P
   14-Output Clock Generator with Integrated 1.6 GHz VCO
REV. C
AD9516-1 AD-AD9516-1 Datasheet
1Mb / 84P
   14-Output Clock Generator with Integrated 2.5 GHz VCO
REV. 0
AD9518-3 AD-AD9518-3 Datasheet
1,002Kb / 64P
   6-Output Clock Generator with 6-Output Clock Generator with
REV. B
AD9516-0 AD-AD9516-0_07 Datasheet
1Mb / 84P
   14-Output Clock Generator with Integrated 2.8 GHz VCO
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com