Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPE5C2A272J3M1D03A Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # RPE5C2A272J3M1D03A
Description  Radial Lead Type Monolithic Ceramic Capacitors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

RPE5C2A272J3M1D03A Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  RPE5C2A272J3M1D03A Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. RPE5C2A272J3M1D03A Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. RPE5C2A272J3M1D03A Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. RPE5C2A272J3M1D03A Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. RPE5C2A272J3M1D03A Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. RPE5C2A272J3M1D03A Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. RPE5C2A272J3M1D03A Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. RPE5C2A272J3M1D03A Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. RPE5C2A272J3M1D03A Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
C49E.pdf
May.10,2011
5
1
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
Continued from the preceding page.
s Marking
Type
Temp. Char.
Individual
Specification
Code
App
Bpp
Zpp
Individual
Specification
Code
Except
App
Bpp
Zpp
Dimensions
Code
3, 8
5, 6, 7
Temperature Characteristics
Nominal Capacitance
Capacitance Tolerance
Rated Voltage
Manufacturer's Identification
2
Temperature Compensating Type
High Dielectric Constant Type
C0G
X7R
Y5V
102J
222K
224Z
5A
682
J5A
M
M
224
K5C
225
K5C
684
K5C
M
M
M
474
Z5F
M
Under 100pF: Actual value
100pF and over: marked with 3 figures
Marked with code
Marked with code (C0G char.: A, X7R char.: C, Y5V char.: F)
A part is omitted (Please refer to the marking example.)
Marked with code (DC25V: 2, DC50V: 5, DC100V: 1)
A part is omitted (Please refer to the marking example.)
Marked with
A part is omitted (Please refer to the marking example.)
Marked on both sides


Similar Part No. - RPE5C2A272J3M1D03A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RPE5C2A391J2M2A03A MURATA-RPE5C2A391J2M2A03A Datasheet
381Kb / 1P
   capacitor data sheet
More results

Similar Description - RPE5C2A272J3M1D03A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RPER71H104K2M1A03A MURATA-RPER71H104K2M1A03A Datasheet
1Mb / 57P
   Radial Lead Type Monolithic Ceramic Capacitors
RHDL82A683K2K1C03B MURATA-RHDL82A683K2K1C03B Datasheet
29Kb / 2P
   Radial Lead Type Monolithic Ceramic Capacitors
RDER72J104K8M1C11A MURATA-RDER72J104K8M1C11A Datasheet
393Kb / 19P
   Radial Lead Type Monolithic Ceramic Capacitors
logo
Panasonic Semiconductor
EEUFS0J221B PANASONIC-EEUFS0J221B Datasheet
77Kb / 4P
   Aluminum Electrolytic Capacitors (Radial Lead Type)
ECA-1VHG330 PANASONIC-ECA-1VHG330 Datasheet
448Kb / 6P
   Alumlnum Electrolytic Capacitors Radial Lead Type
logo
United Chemi-Con, Inc.
KTD251B335M90 CHEMI-CON-KTD251B335M90 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KVD101L104M32 CHEMI-CON-KVD101L104M32 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KHD160E685M32A0T00 CHEMI-CON-KHD160E685M32A0T00 Datasheet
45Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KTD251B104M32A0T00 CHEMI-CON-KTD251B104M32A0T00 Datasheet
56Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KTD251B155M55 CHEMI-CON-KTD251B155M55 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com