Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9662ARQZ1 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9662ARQZ1
Description  3-Channel Laser Diode Driver with Oscillator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9662ARQZ1 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9662ARQZ1 Datasheet HTML 4Page - Analog Devices AD9662ARQZ1 Datasheet HTML 5Page - Analog Devices AD9662ARQZ1 Datasheet HTML 6Page - Analog Devices AD9662ARQZ1 Datasheet HTML 7Page - Analog Devices AD9662ARQZ1 Datasheet HTML 8Page - Analog Devices AD9662ARQZ1 Datasheet HTML 9Page - Analog Devices AD9662ARQZ1 Datasheet HTML 10Page - Analog Devices AD9662ARQZ1 Datasheet HTML 11Page - Analog Devices AD9662ARQZ1 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD9662
Rev. C | Page 8 of 16
TEMPERATURE (°C)
–40
35
55
20
60
100
40
–20
40
80
0
45
50
Figure 9. Oscillator Amplitude vs. Temperature
10ns/DIV
Figure 10. Optical Response 50 mA Read, 50 mA Write2,
Sharp GH0781JA2C Diode
0
25
50
75
100
125
150
175
200
225
0.5
0
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
(VCC – V (IOUT)) (Volts)
Figure 11. Output Current vs. Voltage Compliance
TEMPERATURE (°C)
–40
275
280
295
305
20
60
100
290
300
–20
40
80
0
285
Figure 12. Oscillator Frequency vs. Temperature
10ns/DIV
Figure 13. Optical Response 50 mA Read, 200 mA Write3,
Sharp GH0781JA2C Diode
WRITE PULSE
ZERO LEVEL
OUTEN3
OUTEN2
OUTENR
T
BIAS LEVEL
Pb
ERASE LEVEL
Pe
Pw
OUTPUT WAVEFORM
Figure 14. Typical Waveform


Similar Part No. - AD9662ARQZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9662ARQZ1 AD-AD9662ARQZ1 Datasheet
265Kb / 16P
   3-Channel Laser Diode Driver with Oscillator
REV. C
More results

Similar Description - AD9662ARQZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9662 AD-AD9662 Datasheet
65Kb / 2P
   3-Channel Laser Diode Driver with Oscillator
Rev. SpA
AD9662 AD-AD9662_15 Datasheet
265Kb / 16P
   3-Channel Laser Diode Driver with Oscillator
REV. C
AD9662ARQZ AD-AD9662ARQZ Datasheet
265Kb / 16P
   3-Channel Laser Diode Driver with Oscillator
REV. C
logo
Elantec Semiconductor
EL6253C ELANTEC-EL6253C Datasheet
133Kb / 2P
   3-Channel Laser Diode Driver Oscillator
logo
Intersil Corporation
EL6211 INTERSIL-EL6211 Datasheet
23Kb / 2P
   3-Channel Laser Diode Driver Oscillator
EL6215 INTERSIL-EL6215 Datasheet
94Kb / 2P
   3-Channel Laser Diode Driver Oscillator
EL6216 INTERSIL-EL6216 Datasheet
22Kb / 2P
   3-Channel Laser Diode Driver Oscillator
logo
Elantec Semiconductor
EL6277C ELANTEC-EL6277C Datasheet
40Kb / 2P
   3-Channel Laser Diode Driver Oscillator
logo
Intersil Corporation
EL6224 INTERSIL-EL6224 Datasheet
119Kb / 2P
   3-Channel Laser Diode Driver w/ Oscillator
logo
ATMEL Corporation
T0816 ATMEL-T0816 Datasheet
352Kb / 14P
   3 - CHANNEL LASER DRIVER WITH RF OSCILLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com