Electronic Components Datasheet Search |
|
ECJ0EF1E102Z Datasheet(PDF) 10 Page - Panasonic Semiconductor |
|
ECJ0EF1E102Z Datasheet(HTML) 10 Page - Panasonic Semiconductor |
10 / 12 page – EC17 – Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Multilayer Ceramic Capacitors(For General Usage) ■ Standard Products for EIA “0603”, Taped Version ● Class 2 ◆ Temperature Characteristic Code : B (Temperature Characteristics : B, X7R, X5R) Standard packaging quantity of Packaging Style Code “V” (T = 0.8 mm): 4,000 pcs./reel Recommend soldering method: Reflow soldering. For capacitance 1 µF or more, see page 6 and 7 for High Capacitance. Rated voltage DC 50 V DC 25 V DC 16 V DC 10 V DC 6.3 V Capaci- tance (pF) Capacitance Tolerance Part No. Dim. T (mm) Temp. Char. Part No. Dim. T (mm) Temp. Char. Part No. Dim. T (mm) Temp. Char. Part No. Dim. T (mm) Temp. Char. Part No. Dim. T (mm) Temp. Char. B X7R X5R B X7R X5R B X7R X5R B X7R X5R B X7R X5R 1000 ±10 %(K) or ±20 %(M) ECJ1VB1H102 0.8 — 1200 ECJ1VB1H122K 0.8 — 1500 ECJ1VB1H152 0.8 — 1800 ECJ1VB1H182K 0.8 — 2200 ECJ1VB1H222 0.8 — 2700 ECJ1VB1H272K 0.8 — 3300 ECJ1VB1H332 0.8 — 3900 ECJ1VB1H392K 0.8 — 4700 ECJ1VB1H472 0.8 — 5600 ECJ1VB1H562K 0.8 — 6800 ECJ1VB1H682 0.8 — 8200 ECJ1VB1H822K 0.8 — 10000 ECJ1VB1H103 0.8 — ECJ1VB1E103 0.8 — ECJ1VB1C103 0.8 — 12000 ECJ1VB1H123K 0.8 — ECJ1VB1E123K 0.8 — ECJ1VB1C123K 0.8 — 15000 ECJ1VB1H153 0.8 — ECJ1VB1E153 0.8 — ECJ1VB1C153 0.8 — 18000 ECJ1VB1H183K 0.8 — ECJ1VB1E183K 0.8 — ECJ1VB1C183K 0.8 — 22000 ECJ1VB1H223 0.8 — ECJ1VB1E223 0.8 — ECJ1VB1C223 0.8 — 27000 ECJ1VB1H273K 0.8 — ECJ1VB1E273K 0.8 — ECJ1VB1C273K 0.8 — 33000 ECJ1VB1H333 0.8 — ECJ1VB1E333 0.8 — ECJ1VB1C333 0.8 — 39000 ECJ1VB1H393K 0.8 — ECJ1VB1E393K 0.8 — ECJ1VB1C393K 0.8 — 47000 ECJ1VB1H473 0.8 — ECJ1VB1E473 0.8 — ECJ1VB1C473 0.8 — 56000 ECJ1VB1H563K 0.8 — ECJ1VB1E563K 0.8 — ECJ1VB1C563K 0.8 — 68000 ECJ1VB1H683 0.8 — ECJ1VB1E683 0.8 — ECJ1VB1C683 0.8 — 82000 ECJ1VB1H823K 0.8 — ECJ1VB1E823K 0.8 — ECJ1VB1C823K 0.8 — 100000 ECJ1VB1H104 0.8 — ECJ1VB1E104 0.8 — ECJ1VB1C104 0.8 — 150000 ECJ1VB1E154 0.8 —— ECJ1VB1C154 0.8 —— ECJ1VB1A154 0.8 — 220000 ECJ1VB1E224 0.8 —— ECJ1VB1C224 0.8 —— ECJ1VB1A224 0.8 — 330000 ECJ1VB1E334 0.8 —— ECJ1VB1C334 0.8 —— ECJ1VB1A334 0.8 —— 470000 ECJ1VB1E474 0.8 —— ECJ1VB1C474 0.8 —— ECJ1VB1A474 0.8 —— ECJ1VB0J474 0.8 — 680000 ECJ1VB1E684 0.8 —— ECJ1VB1C684 0.8 —— ECJ1VB1A684 0.8 —— ECJ1VB0J684 0.8 — Rated voltage DC 50 V DC 25 V DC 16 V Capaci- tance (pF) Capacitance Tolerance Part No. Dim. T (mm) Temp. Char. Part No. Dim. T (mm) Temp. Char. Part No. Dim. T (mm) Temp. Char. F Y5V F Y5V F Y5V 10000 +80, –20 % (Z) ECJ1VF1H103Z 0.8 22000 ECJ1VF1H223Z 0.8 47000 ECJ1VF1H473Z 0.8 100000 ECJ1VF1H104Z 0.8 ECJ1VF1E104Z 0.8 ECJ1VF1C104Z 0.8 220000 ECJ1VF1C224Z 0.8 470000 ECJ1VF1C474Z 0.8 : Capacitance tolerance code : “ ” for “K” or “M” Standard packaging quantity of Packaging Style Code “V” (T = 0.8 mm): 4,000 pcs./reel Recommend soldering method: Reflow soldering. For capacitance 1 µF or more, see page 6 and 7 for High Capacitance. ◆ Temperature Characteristics Code : F (Temperature Characteristics : F, Y5V) Sep. 2008 00 |
Similar Part No. - ECJ0EF1E102Z |
|
Similar Description - ECJ0EF1E102Z |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |