Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9860 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9860
Description  Mixed-Signal Front-End (MxFE) Processor
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9860 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9860 Datasheet HTML 4Page - Analog Devices AD9860 Datasheet HTML 5Page - Analog Devices AD9860 Datasheet HTML 6Page - Analog Devices AD9860 Datasheet HTML 7Page - Analog Devices AD9860 Datasheet HTML 8Page - Analog Devices AD9860 Datasheet HTML 9Page - Analog Devices AD9860 Datasheet HTML 10Page - Analog Devices AD9860 Datasheet HTML 11Page - Analog Devices AD9860 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
REV. 0
–8–
AD9860/AD9862
DEFINITIONS OF SPECIFICATIONS
Differential Nonlinearity Error (DNL, No Missing Codes)
An ideal converter exhibits code transitions that are exactly 1 LSB
apart. DNL is the deviation from this ideal value. Guaranteed no
missing codes to 10-bit resolution indicate that all 1024 codes
respectively, must be present over all operating ranges.
Integral Nonlinearity Error (INL)
Linearity error refers to the deviation of each individual code from
a line drawn from “negative full scale” through “positive full
scale.” The point used as “negative full scale” occurs 1/2 LSB
before the first code transition. “Positive full scale” is defined as
a level 1 1/2 LSB beyond the last code transition. The deviation
is measured from the middle of each particular code to the true
straight line.
Phase Noise
Single-sideband phase noise power is specified relative to the
carrier (dBc/Hz) at a given frequency offset (1 kHz) from the
carrier. Phase noise can be measured directly in Single Tone Trans-
mit Mode with a spectrum analyzer that supports noise marker
measurements. It detects the relative power between the carrier
and the offset (1 kHz) sideband noise and takes the resolution
bandwidth (rbw) into account by subtracting 10 log(rbw). It also
adds a correction factor that compensates for the implementation
of the resolution bandwidth, log display, and detector characteristic.
Output Compliance Range
The range of allowable voltage at the output of a current-output
DAC. Operation beyond the maximum compliance limits may
cause either output stage saturation or breakdown, resulting in
nonlinear performance.
Spurious-Free Dynamic Range (SFDR)
The difference, in dB, between the rms amplitude of the DAC’s
output signal (or ADC’s input signal) and the peak spurious
signal over the specified bandwidth (Nyquist bandwidth unless
otherwise noted).
Pipeline Delay (Latency)
The number of clock cycles between conversion initiation and
the associated output data being made available.
Offset Error
First transition should occur for an analog value 1/2 LSB above
–full scale. Offset error is defined as the deviation of the actual
transition from that point.
Gain Error
The first code transition should occur at an analog value 1/2 LSB
above –full scale. The last transition should occur for an analog
value 1 1/2 LSB below the nominal full scale. Gain error is the
deviation of the actual difference between first and last code
transitions and the ideal difference between first and last code
transitions.
Aperture Delay
The aperture delay is a measure of the Sample-and-Hold Ampli-
fier (SHA) performance and specifies the time delay between the
rising edge of the sampling clock input to when the input signal
is held for conversion.
Aperture Uncertainty (Jitter)
Aperture jitter is the variation in aperture delay for successive
samples and is manifested as noise on the input to the ADC.
Input Referred Noise
The rms output noise is measured using histogram techniques.
The ADC output code’s standard deviation is calculated in LSB
and converted to an equivalent voltage. This results in a noise
figure that can be referred directly to the input of the AD9860/
AD9862.
Signal-to-Noise and Distortion (S/N+D, SINAD) Ratio
S/N+D is the ratio of the rms value of the measured input signal
to the rms sum of all other spectral components below the Nyquist
frequency, including harmonics but excluding dc. The value for
S/N+D is expressed in decibels.
Effective Number of Bits (ENOB)
For a sine wave, SINAD can be expressed in terms of the number
of bits. Using the following formula:
N
= ()
SINAD
dB
– .
.
176
602
it is possible to get a measure of performance expressed as N,
the effective number of bits. Thus, effective number of bits for
a device for sine wave inputs at a given input frequency can be
calculated directly from its measured SINAD.
Signal-to-Noise Ratio (SNR)
SNR is the ratio of the rms value of the measured input signal to
the rms sum of all other spectral components below the Nyquist
frequency, excluding harmonics and dc. The value for SNR is
expressed in decibels.
Total Harmonic Distortion (THD)
THD is the ratio of the rms sum of the first six harmonic
components to the rms value of the measured input signal and
is expressed as a percentage or in decibels.
Power Supply Rejection
Power supply rejection specifies the converter’s maximum full-scale
change when the supplies are varied from nominal to minimum
and maximum specified voltages.
Channel-to-Channel Isolation (Crosstalk)
In an ideal multichannel system, the signal in one channel will
not influence the signal level of another channel. The channel-
to-channel isolation specification is a measure of the change that
occurs to a grounded channel as a full-scale signal is applied to
another channel.


Similar Part No. - AD9860

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9860 AD-AD9860 Datasheet
617Kb / 32P
   Mixed-Signal Front-End (MxFE?? Processor for Broadband Communications
REV. 0
AD9860BST AD-AD9860BST Datasheet
617Kb / 32P
   Mixed-Signal Front-End (MxFE?? Processor for Broadband Communications
REV. 0
AD9860BST AD-AD9860BST Datasheet
386Kb / 32P
   Mixed-Signal Front-End Processor for Broadband Communications
REV. 0
AD9860BSTZ AD-AD9860BSTZ Datasheet
386Kb / 32P
   Mixed-Signal Front-End Processor for Broadband Communications
REV. 0
AD9860PCB AD-AD9860PCB Datasheet
617Kb / 32P
   Mixed-Signal Front-End (MxFE?? Processor for Broadband Communications
REV. 0
More results

Similar Description - AD9860

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9993 AD-AD9993 Datasheet
2Mb / 56P
   Integrated Mixed-Signal Front End (MxFE)
AD9862BSTZ AD-AD9862BSTZ Datasheet
386Kb / 32P
   Mixed-Signal Front-End (MxFE?? Processor for Broadband Communications
REV. 0
AD9860 AD-AD9860 Datasheet
617Kb / 32P
   Mixed-Signal Front-End (MxFE?? Processor for Broadband Communications
REV. 0
AD9861 AD-AD9861 Datasheet
1Mb / 52P
   Mixed-Signal Front-End (MxFE?? Baseband Transceiver for Broadband Applications
Rev. 0
AD9861BCPZ-50 AD-AD9861BCPZ-50 Datasheet
1Mb / 52P
   Mixed-Signal Front-End (MxFE) Baseband Transceiver for Broadband Applications
REV. 0
AD9863 AD-AD9863 Datasheet
997Kb / 40P
   Mixed-Signal Front-End (MxFE?? Baseband Transceiver for Broadband Applications
REV. A
AD9863-50EBZ AD-AD9863-50EBZ Datasheet
997Kb / 40P
   Mixed-Signal Front-End (MxFE) Baseband Transceiver for Broadband Applications
REV. A
AD9860 AD-AD9860_15 Datasheet
386Kb / 32P
   Mixed-Signal Front-End Processor for Broadband Communications
REV. 0
AD9862 AD-AD9862_15 Datasheet
386Kb / 32P
   Mixed-Signal Front-End Processor for Broadband Communications
REV. 0
AD9860BSTZ AD-AD9860BSTZ Datasheet
386Kb / 32P
   Mixed-Signal Front-End Processor for Broadband Communications
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com