Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG622BRMZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADG622BRMZ
Description  CMOS 5 V/5 V, 4 Dual SPST Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG622BRMZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG622BRMZ Datasheet HTML 4Page - Analog Devices ADG622BRMZ Datasheet HTML 5Page - Analog Devices ADG622BRMZ Datasheet HTML 6Page - Analog Devices ADG622BRMZ Datasheet HTML 7Page - Analog Devices ADG622BRMZ Datasheet HTML 8Page - Analog Devices ADG622BRMZ Datasheet HTML 9Page - Analog Devices ADG622BRMZ Datasheet HTML 10Page - Analog Devices ADG622BRMZ Datasheet HTML 11Page - Analog Devices ADG622BRMZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADG621/ADG622/ADG623
Rev. B | Page 9 of 12
VS
250
–5
–4
–3
–2
–1
0
1
2
3
5
TA = 25°C
200
150
100
50
0
4
VDD = +5V
VSS = 0V
VDD = +5V
VSS = –5V
Figure 11. Charge Injection vs. Source Voltage
TEMPERATURE (°C)
–40
–20
0
20
40
60
80
180
160
0
80
60
40
20
140
100
120
tON
tOFF
VDD = +5V
VSS = 0V
VDD = +5V
VSS = –5V
VDD = +5V
VSS = –5V
VDD = +5V
VSS = 0V
Figure 12. tON/tOFF Times vs. Temperature
0.2
1
10
100
FREQUENCY (MHz)
VDD = +5V
VSS = –5V
TA = 25°C
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
Figure 13. Off Isolation vs. Frequency
0.2
1
10
100
FREQUENCY (MHz)
VDD = +5V
VSS = –5V
TA = 25°C
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
Figure 14. Crosstalk vs. Frequency
0.2
1k
10
VDD = +5V
VSS = –5V
TA = 25°C
1
100
FREQUENCY (MHz)
0
–2
–4
–6
–8
–10
–12
–14
Figure 15. On Response vs. Frequency


Similar Part No. - ADG622BRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG622BRM AD-ADG622BRM Datasheet
141Kb / 12P
   CMOS -5 V/ 5V 4 OHM DUAL SPST SWITCHES
REV. 0
More results

Similar Description - ADG622BRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG621BRMZ AD-ADG621BRMZ Datasheet
378Kb / 12P
   CMOS 5,-5 V/5 V, 4 ohm Dual SPST Switches
REV. B
ADG623BRMZ AD-ADG623BRMZ Datasheet
378Kb / 12P
   CMOS 짹5 V/5 V, 4 廓 Dual SPST Switches
REV. B
ADG621 AD-ADG621 Datasheet
141Kb / 12P
   CMOS -5 V/ 5V 4 OHM DUAL SPST SWITCHES
REV. 0
ADG601 AD-ADG601 Datasheet
132Kb / 8P
   2 ohm CMOS -5 V/5 V, SPST SWITCHES
REV. 0
ADG663 AD-ADG663_15 Datasheet
131Kb / 8P
   Precision 5 V Quad SPST Switches
REV. 0
ADG662 AD-ADG662_15 Datasheet
131Kb / 8P
   Precision 5 V Quad SPST Switches
REV. 0
ADG661 AD-ADG661_15 Datasheet
131Kb / 8P
   Precision 5 V Quad SPST Switches
REV. 0
ADG511 AD-ADG511_15 Datasheet
144Kb / 12P
   Precision 5 V/3 V Quad SPST Switches
REV. C
ADG512 AD-ADG512_15 Datasheet
144Kb / 12P
   Precision 5 V/3 V Quad SPST Switches
REV. C
ADG513 AD-ADG513_15 Datasheet
144Kb / 12P
   Precision 5 V/3 V Quad SPST Switches
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com