Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG1221 Datasheet(PDF) 4 Page - Analog Devices

Part # ADG1221
Description  Low Capacitance, Low Charge Injection, 15 V/12 V iCMOS Dual SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1221 Datasheet(HTML) 4 Page - Analog Devices

  ADG1221 Datasheet HTML 1Page - Analog Devices ADG1221 Datasheet HTML 2Page - Analog Devices ADG1221 Datasheet HTML 3Page - Analog Devices ADG1221 Datasheet HTML 4Page - Analog Devices ADG1221 Datasheet HTML 5Page - Analog Devices ADG1221 Datasheet HTML 6Page - Analog Devices ADG1221 Datasheet HTML 7Page - Analog Devices ADG1221 Datasheet HTML 8Page - Analog Devices ADG1221 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADG1221/ADG1222/ADG1223
Rev. A | Page 4 of 16
Temperature
Parameter
25°C
–40°C to +85°C
–40°C to +125°C
Unit
Test Conditions/Comments
Channel-to-Channel
Crosstalk
90
dB typ
RL = 50 Ω, CL = 1 pF, f = 1 MHz
(see Figure 30)
Total Harmonic
Distortion + Noise, THD + N
0.15
% typ
RL = 10 kΩ, 5 V rms, f = 20 Hz to 20 kHz
–3 dB Bandwidth
960
MHz typ
RL = 50 Ω, CL = 1 pF (see Figure 31)
CS (Off )
VS = 0 V, f = 1 MHz
1.7
pF typ
2.2
pF max
CD (Off )
VS = 0 V, f = 1 MHz
1.7
pF typ
2.2
pF max
CD, CS (On)
VS = 0 V, f = 1 MHz
3
pF typ
4
pF max
POWER REQUIREMENTS
VDD = +16.5 V, VSS = –16.5 V
IDD
0.001
μA typ
Digital inputs = 0 V or VDD
1.0
μA max
Digital inputs = 0 V or VDD
140
μA typ
Digital inputs = 5 V
190
μA max
Digital inputs = 5 V
ISS
Digital inputs = 0 V, 5 V, or VDD
0.001
μA typ
1.0
μA max
VDD/VSS
±5/±16.5
V min/max
GND = 0 V
1 Guaranteed by design, not subject to production test.
SINGLE SUPPLY
VDD = 12 V ± 10%, VSS = 0 V, GND = 0 V, unless otherwise noted.
Table 2.
Temperature
Parameter
25°C
–40°C to +85°C
–40°C to +125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance, RON
VDD = 10.8 V, VSS = 0 V, VS = 0 V to 10 V,
IS = –1 mA (see Figure 23)
300
Ω typ
475
567
625
Ω max
On Resistance Match
Between Channels, ∆RON
VS = 0 V to 10 V, IS = –1 mA
4.5
Ω typ
16
26
27
Ω max
On Resistance Flatness, RFLAT(ON)
60
Ω typ
VS = 3 V/6 V/9 V, IS = –1 mA
LEAKAGE CURRENTS
VDD = 13.2 V, VSS = 0 V
Source Off Leakage, IS (Off )
VS = 1 V/10 V, VD = 10 V/1 V
(see Figure 24)
±0.002
nA typ
±0.1
±0.6
±1
nA max
Drain Off Leakage, ID (Off )
VS = 1 V/10 V, VD = 10 V/1 V
(see Figure 24)
±0.002
nA typ
±0.1
±0.6
±1
nA max


Similar Part No. - ADG1221

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1221BRMZ AD-ADG1221BRMZ Datasheet
279Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS짰 Dual SPST Switches
REV. A
ADG1221BRMZ-REEL7 AD-ADG1221BRMZ-REEL7 Datasheet
279Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS짰 Dual SPST Switches
REV. A
More results

Similar Description - ADG1221

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1213YRUZ AD-ADG1213YRUZ Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1211 AD-ADG1211_12 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1223BRMZ AD-ADG1223BRMZ Datasheet
279Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS짰 Dual SPST Switches
REV. A
ADG1201 AD-ADG1201 Datasheet
293Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS SPST in SOT-23
REV. 0
ADG1236YRUZ AD-ADG1236YRUZ Datasheet
288Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS?? Dual SPDT Switch
REV. 0
ADG1204 AD-ADG1204_09 Datasheet
398Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V, 4:1 iCMOS Multiplexer
REV. B
ADG1211 AD-ADG1211 Datasheet
271Kb / 16P
   1 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Quad SPST Switches
Rev. PrE
ADG1219 AD-ADG1219 Datasheet
308Kb / 17P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS??SPDT in SOT-23
Rev. PrB
ADG1204 AD-ADG1204 Datasheet
453Kb / 16P
   2 pF Off Capacitance, 1 pC Charge Injection, -15 V/12 V 4:1 iCMOS Multiplexer
Rev. PrD
ADG1208 AD-ADG1208 Datasheet
445Kb / 20P
   Low Capacitance, 4-/8-Channel -15 V/12 V iCMOS Multiplexers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com