Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG5206BRUZ-RL7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADG5206BRUZ-RL7
Description  High Voltage, Latch-Up Proof, 8-/16-Channel Multiplexers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5206BRUZ-RL7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG5206BRUZ-RL7 Datasheet HTML 7Page - Analog Devices ADG5206BRUZ-RL7 Datasheet HTML 8Page - Analog Devices ADG5206BRUZ-RL7 Datasheet HTML 9Page - Analog Devices ADG5206BRUZ-RL7 Datasheet HTML 10Page - Analog Devices ADG5206BRUZ-RL7 Datasheet HTML 11Page - Analog Devices ADG5206BRUZ-RL7 Datasheet HTML 12Page - Analog Devices ADG5206BRUZ-RL7 Datasheet HTML 13Page - Analog Devices ADG5206BRUZ-RL7 Datasheet HTML 14Page - Analog Devices ADG5206BRUZ-RL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Data Sheet
ADG5206/ADG5207
Rev. A | Page 11 of 28
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 7.
Parameter
Rating
VDD to VSS
48 V
VDD to GND
−0.3 V to +48 V
VSS to GND
+0.3 V to −48 V
Analog Inputs1
VSS − 0.3 V to VDD + 0.3 V or
30 mA, whichever occurs first
Digital Inputs1
VSS − 0.3 V to VDD + 0.3 V or
30 mA, whichever occurs first
Peak Current, Sx, D, or Dx Pins
ADG5206
140 mA (pulsed at 1 ms, 10%
duty cycle maximum)
ADG5207
105 mA (pulsed at 1 ms, 10%
duty cycle maximum)
Continuous Current, Sx, D, or Dx
Pins2
Data + 15%
Temperature Range
Operating
−40°C to +125°C
Storage
−65°C to +150°C
Junction Temperature
150°C
Thermal Impedance, θJA
28-Lead TSSOP (4-Layer Board)
67.7°C/W
32-Lead LFCSP (4-Layer Board)
27.27°C/W
Reflow Soldering Peak
Temperature, Pb Free
As per JEDEC J-STD-020
HBM ESD
(ESDA/JEDEC JS-001-2011)
ADG5206
All Pins
8 kV
ADG5207
I/O Port to Supplies
8 kV
I/O Port to I/O Port
2 kV
All Other Pins
8 kV
1
Overvoltages at the Ax, EN, Sx, D, and Dx pins are clamped by internal
diodes. Limit current to the maximum ratings given.
2
See Table 5 and Table 6.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Only one absolute maximum rating can be applied at any
one time.
ESD CAUTION


Similar Part No. - ADG5206BRUZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5206BRUZ-RL7 AD-ADG5206BRUZ-RL7 Datasheet
441Kb / 28P
   High Voltage, Latch-Up Proof, 8-/16-Channel Multiplexers
REV. A
More results

Similar Description - ADG5206BRUZ-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG5206BRUZ-RL7 AD-ADG5206BRUZ-RL7 Datasheet
441Kb / 28P
   High Voltage, Latch-Up Proof, 8-/16-Channel Multiplexers
REV. A
ADG5408 AD-ADG5408 Datasheet
345Kb / 24P
   High Voltage Latch-Up Proof, 4-/8-Channel Multiplexers
REV. 0
ADG5408 AD-ADG5408_12 Datasheet
384Kb / 24P
   High Voltage Latch-Up Proof, 4-/8-Channel Multiplexers
REV. B
ADG5298 AD-ADG5298 Datasheet
563Kb / 20P
   High Temperature, High Voltage, Latch-Up Proof, 8-Channel Multiplexer
ADG5233 AD-ADG5233 Datasheet
360Kb / 24P
   High Voltage Latch-Up Proof
REV. A
ADG5208 AD-ADG5208 Datasheet
366Kb / 24P
   High Voltage, Latch-Up Proof
REV. A
ADG5236 AD-ADG5236 Datasheet
400Kb / 20P
   High Voltage Latch-Up Proof
REV. A
ADG5404 AD-ADG5404 Datasheet
332Kb / 20P
   High Voltage, Latch-up Proof, 4-Channel Multiplexer
REV. 0
ADG5404BRUZ AD-ADG5404BRUZ Datasheet
481Kb / 20P
   High Voltage, Latch-up Proof, 4-Channel Multiplexer
REV. A
ADG5412 AD-ADG5412_11 Datasheet
340Kb / 20P
   High Voltage Latch-Up Proof, Quad SPST Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com