Electronic Components Datasheet Search |
|
TBU-CA025-200-WH Datasheet(PDF) 2 Page - Bourns Electronic Solutions |
|
TBU-CA025-200-WH Datasheet(HTML) 2 Page - Bourns Electronic Solutions |
2 / 6 page Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. TBU-CA Series - TBU® High-Speed Protectors Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted) Symbol Parameter Part Number Min. Typ. Max. Unit Itrigger Current required for the device to go from operating state to protected state TBU-CAxxx-050-WH TBU-CAxxx-100-WH TBU-CAxxx-200-WH TBU-CAxxx-300-WH TBU-CAxxx-500-WH 50 100 200 300 500 75 150 300 450 750 100 200 400 600 1000 mA Rdevice Series resistance of the TBU device Vimp = 250 V Itrigger (min.) = 50 mA Vimp = 250 V Itrigger (min.) = 100 mA Vimp = 250 V Itrigger (min.) = 200 mA Vimp = 250 V Itrigger (min.) = 300 mA Vimp = 250 V Itrigger (min.) = 500 mA Vimp = 400 V Itrigger (min.) = 50 mA Vimp = 400 V Itrigger (min.) = 100 mA Vimp = 400 V Itrigger (min.) = 200 mA Vimp = 400 V Itrigger (min.) = 300 mA Vimp = 400 V Itrigger (min.) = 500 mA Vimp = 500 V Itrigger (min.) = 50 mA Vimp = 500 V Itrigger (min.) = 100 mA Vimp = 500 V Itrigger (min.) = 200 mA Vimp = 500 V Itrigger (min.) = 300 mA Vimp = 500 V Itrigger (min.) = 500 mA Vimp = 650 V Itrigger (min.) = 50 mA Vimp = 650 V Itrigger (min.) = 100 mA Vimp = 650 V Itrigger (min.) = 200 mA Vimp = 650 V Itrigger (min.) = 300 mA Vimp = 650 V Itrigger (min.) = 500 mA Vimp = 850 V Itrigger (min.) = 50 mA Vimp = 850 V Itrigger (min.) = 100 mA Vimp = 850 V Itrigger (min.) = 200 mA Vimp = 850 V Itrigger (min.) = 300 mA Vimp = 850 V Itrigger (min.) = 500 mA TBU-CA025-050-WH TBU-CA025-100-WH TBU-CA025-200-WH TBU-CA025-300-WH TBU-CA025-500-WH TBU-CA040-050-WH TBU-CA040-100-WH TBU-CA040-200-WH TBU-CA040-300-WH TBU-CA040-500-WH TBU-CA050-050-WH TBU-CA050-100-WH TBU-CA050-200-WH TBU-CA050-300-WH TBU-CA050-500-WH TBU-CA065-050-WH TBU-CA065-100-WH TBU-CA065-200-WH TBU-CA065-300-WH TBU-CA065-500-WH TBU-CA085-050-WH TBU-CA085-100-WH TBU-CA085-200-WH TBU-CA085-300-WH TBU-CA085-500-WH 13.3 7.1 4.2 3.2 2.6 14.3 8.1 5.2 4.3 3.6 15.7 9.5 6.6 5.6 5.0 17.7 11.5 8.6 7.6 7.0 21.4 15.2 12.3 11.3 10.7 15.3 8.2 4.8 3.8 3.0 16.5 9.4 6.0 5.0 4.2 18.0 10.9 7.5 6.5 5.7 20.3 13.2 9.8 8.8 8.0 24.5 17.4 14.0 13.0 12.2 Ω tblock Time for the device to go from normal operating state to protected state 1 µs IQ Current through the triggered TBU® device with 50 Vdc circuit voltage 0.25 0.50 1.00 mA Vreset Voltage below which the triggered TBU® device will transition to normal operating state 12 16 20 V Rth(j-l) Junction to package pads - FR4 using recommended pad layout 98 °C/W Rth(j-l) Junction to package pads - FR4 using heat sink on board (6 cm2) (1 in2) 40 °C/W |
Similar Part No. - TBU-CA025-200-WH |
|
Similar Description - TBU-CA025-200-WH |