Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TBU-DT065-200-WH Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # TBU-DT065-200-WH
Description  TBU-DT Series - TBU High-Speed Protectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TBU-DT065-200-WH Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  TBU-DT065-200-WH Datasheet HTML 1Page - Bourns Electronic Solutions TBU-DT065-200-WH Datasheet HTML 2Page - Bourns Electronic Solutions TBU-DT065-200-WH Datasheet HTML 3Page - Bourns Electronic Solutions TBU-DT065-200-WH Datasheet HTML 4Page - Bourns Electronic Solutions TBU-DT065-200-WH Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
3312 - 2 mm SMD Trimming Potentiometer
TBU-DT Series - TBU® High-Speed Protectors
How to Order
TBU - DT 065 - 500 - WH
TBU® Product
Series
DT = Dual Uni-Series
Impulse Voltage Rating
065 = 650 V
085 = 850 V
Trigger Current
100 = 100 mA
300 = 300 mA
200 = 200 mA
500 = 500 mA
Hold to Trip Ratio Suffix
W = Hold to Trip Ratio
Package Suffix
H = DFN Package
Typical Part Marking
“TBU” is a registered trademark of Bourns, Inc. in the United States and other countries.
REV. 11/12
Packaging Specifications
B
A
D
C
N
F
G (MEASURED AT HUB)
USER DIRECTION OF FEED
K0
B0
P2
D1
CENTER
LINES OF
CAVITY
EMBOSSMENT
t
D
P0
TOP
COVER
TAPE
E
W
P
A0
DIMENSIONS:
MM
(INCHES)
A
B
C
D
G
N
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Ref.
Ref.
326
(12.835)
330
(13.002)
1.5
(.059)
2.5
(.098)
12.8
(.504)
13.5
(.531)
20.2
(.795)
-
16.5
(.650)
102
(4.016)
A0
B0
D
D1
E
F
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
max.
5.15
(.203)
5.35
(.211)
5.15
(.203)
5.35
(.211)
1.5
(.059)
1.6
(.063)
1.5
(.059)
-
1.65
(.065)
1.85
(.073)
5.45
(.214)
5.55
(.218)
K0
P
P0
P2
t
W
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
1.0
(.039)
1.2
(.047)
7.9
(.311)
8.1
(.319)
3.8
(.150)
4.2
(.165)
1.95
(.077)
2.05
(.081)
0.25
(.010)
0.35
(.014)
11.7
(.461)
12.3
(.484)
QUANTITY: 3000 PIECES PER REEL
PIN 1
MANUFACTURER’S TRADEMARK
MANUFACTURING DATE CODE
- 1ST DIGIT INDICATES THE YEAR’S 6-MONTH PERIOD.
- 2ND DIGIT INDICATES THE WEEK NUMBER IN THE 6-MONTH PERIOD.
- 3RD & 4TH DIGITS INDICATE SPECIFIC LOT FOR THE WEEK.
6-MONTH PERIOD CODES:
A = JAN-JUN 2009
C = JAN-JUN 2010
E = JAN-JUN 2011
B = JUL-DEC 2009
D = JUL-DEC 2010
F = JUL-DEC 2011
PRODUCT CODE
- 1ST DIGIT INDICATES PRODUCT FAMILY:
T = TBU-DT SERIES
- 2ND & 3RD DIGITS INDICATE IMPULSE VOLTAGE:
25 = 250 V
40 = 400 V
50 = 500 V
- 4TH DIGIT INDICATES TRIGGER CURRENT:
1 = 100 mA
2 = 200 mA
3 = 300 mA
5 = 500 mA
Asia-Pacific: Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe: Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas: Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com


Similar Part No. - TBU-DT065-200-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TBU-DT065-200-WH BOURNS-TBU-DT065-200-WH Datasheet
590Kb / 5P
   TBU High Speed Protectors
TBU-DT065-200-WH BOURNS-TBU-DT065-200-WH Datasheet
1Mb / 8P
   Bidirectional Dual TBU짰 Protectors
More results

Similar Description - TBU-DT065-200-WH

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
C650-180-WH BOURNS-C650-180-WH_15 Datasheet
667Kb / 6P
   TBU High-Speed Protectors
TBU-PL050-100-WH BOURNS-TBU-PL050-100-WH Datasheet
800Kb / 7P
   TBU High Speed Protectors
TBU-DB-Q BOURNS-TBU-DB-Q Datasheet
800Kb / 7P
   TBU High-Speed Protectors
TBU-CX085-VTC-WH BOURNS-TBU-CX085-VTC-WH Datasheet
613Kb / 5P
   TBU-CX Series - TBU High-Speed Protectors
TBU-KE040-500-WH BOURNS-TBU-KE040-500-WH Datasheet
539Kb / 6P
   TBU-KE Series - TBU High-Speed Protectors
TBU-PK085-100-WH BOURNS-TBU-PK085-100-WH Datasheet
812Kb / 7P
   TBU-PK Series - TBU High-Speed Protectors
TBU-PL085-100-WH BOURNS-TBU-PL085-100-WH Datasheet
812Kb / 7P
   TBU-PL Series - TBU High-Speed Protectors
TBU-DT065-500-WH BOURNS-TBU-DT065-500-WH Datasheet
590Kb / 5P
   TBU High Speed Protectors
TBU-DF BOURNS-TBU-DF Datasheet
783Kb / 7P
   TBU High-Speed Protectors
TBU-CX025-VTC-WH BOURNS-TBU-CX025-VTC-WH Datasheet
561Kb / 5P
   TBU High Speed Protectors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com