Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM695AN Datasheet(PDF) 8 Page - Analog Devices

Part # ADM695AN
Description  Microprocessor Supervisory Circuits
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM695AN Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM695AN Datasheet HTML 4Page - Analog Devices ADM695AN Datasheet HTML 5Page - Analog Devices ADM695AN Datasheet HTML 6Page - Analog Devices ADM695AN Datasheet HTML 7Page - Analog Devices ADM695AN Datasheet HTML 8Page - Analog Devices ADM695AN Datasheet HTML 9Page - Analog Devices ADM695AN Datasheet HTML 10Page - Analog Devices ADM695AN Datasheet HTML 11Page - Analog Devices ADM695AN Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADM690–ADM695
REV. A
–8–
CE
Gating and RAM Write Protection (ADM691/ADM693/
ADM695)
The ADM691/ADM693/ADM695 products include memory
protection circuitry which ensures the integrity of data in mem-
ory by preventing write operations when VCC is at an invalid
level. There are two additional pins, CEIN and CEOUT, which
may be used to control the Chip Enable or Write inputs of
CMOS RAM. When VCC is present, CEOUT is a buffered replica
of CEIN, with a 5 ns propagation delay. When VCC falls below
the reset voltage threshold or VBATT, an internal gate forces
CEOUT high, independent of CEIN.
CEOUT typically drives the CE, CS, or write input of battery
backed up CMOS RAM. This ensures the integrity of the data
in memory by preventing write operations when VCC is at an in-
valid level. Similar protection of EEPROMs can be achieved by
using the CEOUT to drive the store or write inputs.
If the 5 ns typical propagation delay of CEOUT is excessive, con-
nect CEIN to GND and use the resulting CEOUT to control a
high speed external logic gate.
ADM69x
CE
OUT
CE
IN
V
CC
LOW = 0
V
CC
OK = 1
Figure 5. Chip Enable Gating
Power Fail Warning Comparator
An additional comparator is provided for early warning of failure
in the microprocessor’s power supply. The Power Fail Input
(PFI) is compared to an internal +1.3 V reference. The Power
Fail Output (PFO) goes low when the voltage at PFI is less than
1.3 V. Typically PFI is driven by an external voltage divider
which senses either the unregulated dc input to the system’s 5 V
regulator or the regulated 5 V output. The voltage divider ratio
can be chosen such that the voltage at PFI falls below 1.3 V sev-
eral milliseconds before the +5 V power supply falls below the
reset threshold. PFO is normally used to interrupt the micropro-
cessor so that data can be stored in RAM and the shut down
procedure executed before power is lost
ADM69x
POWER
FAIL
INPUT
R
2
INPUT
POWER
1.3V
PFO
POWER
FAIL
OUTPUT
R
1
Figure 7. Power Fail Comparator
Table II. Input and Output Status In Battery Backup Mode
Signal
Status
VOUT
VOUT is connected to VBATT via an internal
PMOS switch.
RESET
Logic low.
RESET
Logic high. The open circuit output voltage is
equal to VOUT.
LOW LINE
Logic low.
BATT ON
Logic high. The open circuit voltage is equal to
VOUT.
WDI
WDI is ignored. It is internally disconnected
from the internal pull-up resistor and does not
source or sink current as long as its input voltage
is between GND and VOUT. The input voltage
does not affect supply current.
WDO
Logic high. The open circuit voltage is equal
to VOUT.
PFI
The Power Fail Comparator is turned off and
has no effect on the Power Fail Output.
PFO
Logic low.
CEIN
CEIN is ignored. It is internally disconnected
from its internal pull-up and does not source or
sink current as long as its input voltage is
between GND and VOUT. The input voltage
does not affect supply current.
CEOUT
Logic high. The open circuit voltage is equal to
VOUT.
OSC IN
OSC IN is ignored.
OSC SEL
OSC SEL is ignored.
t
1
t
1
= RESET TIME.
V1 = RESET VOLTAGE THRESHOLD LOW
V2 = RESET VOLTAGE THRESHOLD HIGH
HYSTERESIS = V2–V1
V2
V2
V1
V1
t1
V
CC
LOW LINE
RESET
CE
IN
CE
OUT
Figure 6. Chip Enable Timing


Similar Part No. - ADM695AN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM695AN AD-ADM695AN Datasheet
284Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM695AN AD-ADM695AN Datasheet
199Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM695AN AD-ADM695AN Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM695AN AD-ADM695AN Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM695AN AD-ADM695AN Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
More results

Similar Description - ADM695AN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM706P AD-ADM706P_15 Datasheet
333Kb / 16P
   Microprocessor Supervisory Circuits
REV. D
logo
Linear Technology
LTC691 LINER-LTC691_15 Datasheet
270Kb / 20P
   Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com