Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP4S040M1BJR-S Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # TISP4S040M1BJR-S
Description  TISP4SxxxBJ Overvoltage Protector Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP4S040M1BJR-S Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  TISP4S040M1BJR-S Datasheet HTML 1Page - Bourns Electronic Solutions TISP4S040M1BJR-S Datasheet HTML 2Page - Bourns Electronic Solutions TISP4S040M1BJR-S Datasheet HTML 3Page - Bourns Electronic Solutions TISP4S040M1BJR-S Datasheet HTML 4Page - Bourns Electronic Solutions TISP4S040M1BJR-S Datasheet HTML 5Page - Bourns Electronic Solutions TISP4S040M1BJR-S Datasheet HTML 6Page - Bourns Electronic Solutions TISP4S040M1BJR-S Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
JUNE 2012
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
1.20
1.05
1.10
1.15
1.00
0.95
0.90
-50
0
-25
25
50
100
75
125
150
175
TJ, Junction Temperature (°C)
NORMALIZED BREAKOVER VOLTAGE
vs
JUNCTION TEMPERATURE
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
-50
0
-25
25
75
50
100
125
TJ, Junction Temperature (°C)
NORMALIZED HOLDING CURRENT
vs
JUNCTION TEMPERATURE
IH (TJ)
IH (TJ = 25 °C)
VBR (TJ)
VBR (TJ = 25 °C)
Typical Characteristics
TISP4SxxxBJ Overvoltage Protector Series
Figure 1. Voltage- current Characteristic for T and R Terminals
All Mea surements are Referenced to the R Terminal
-v
V
DRM
I
DRM
V
D
I
H
I
T
V
T
I
TSM
I
TSP
V
(BO)
I
(BO)
I
D
Quadrant I
Switching
Characteristic
+v
+i
V
(BO)
I
(BO)
V
D
I
D
I
H
I
T
V
T
I
TSM
I
TSP
-i
Quadrant III
Switching
Characteristic
PMXXAAB
V
DRM
I
DRM
Parameter Measurement Information


Similar Part No. - TISP4S040M1BJR-S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP4015H1BJ BOURNS-TISP4015H1BJ Datasheet
356Kb / 9P
   VERY LOW VOLTAGE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4015H1BJR BOURNS-TISP4015H1BJR Datasheet
321Kb / 9P
   VERY LOW VOLTAGE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4015H1BJR-S BOURNS-TISP4015H1BJR-S Datasheet
321Kb / 9P
   VERY LOW VOLTAGE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4015H1BJ BOURNS-TISP4015H1BJ_07 Datasheet
356Kb / 9P
   VERY LOW VOLTAGE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4015L1AJ BOURNS-TISP4015L1AJ Datasheet
378Kb / 11P
   VERY LOW VOLTAGE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP4S040M1BJR-S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP3XXXH3SL BOURNS-TISP3XXXH3SL Datasheet
353Kb / 12P
   Overvoltage Protector Series
TISP4P0XXL1N BOURNS-TISP4P0XXL1N Datasheet
397Kb / 5P
   Overvoltage Protector Series
TISP1XXXH3BJ BOURNS-TISP1XXXH3BJ Datasheet
205Kb / 7P
   Overvoltage Protector Series
TISP3XXXT3BJ BOURNS-TISP3XXXT3BJ Datasheet
363Kb / 11P
   Overvoltage Protector Series
TISP9110LDM BOURNS-TISP9110LDM_07 Datasheet
212Kb / 5P
   Overvoltage Protector
TISP4A250H3BJ BOURNS-TISP4A250H3BJ Datasheet
535Kb / 8P
   Overvoltage Protector
TISP4350H3LMR BOURNS-TISP4350H3LMR Datasheet
518Kb / 13P
   TISP4xxxH3LM Overvoltage Protector Series
TISP61089HDM BOURNS-TISP61089HDM_07 Datasheet
279Kb / 7P
   Overvoltage Protector
TISP1XXXF3 BOURNS-TISP1XXXF3 Datasheet
752Kb / 13P
   Overvoltage Protector
TISP4300H3BJR-S BOURNS-TISP4300H3BJR-S Datasheet
392Kb / 13P
   TISP4xxxH3BJ Overvoltage Protector Series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com