Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP7072F3 Datasheet(PDF) 9 Page - Bourns Electronic Solutions

Part # TISP7072F3
Description  LOW-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP7072F3 Datasheet(HTML) 9 Page - Bourns Electronic Solutions

Back Button TISP7072F3_08 Datasheet HTML 5Page - Bourns Electronic Solutions TISP7072F3_08 Datasheet HTML 6Page - Bourns Electronic Solutions TISP7072F3_08 Datasheet HTML 7Page - Bourns Electronic Solutions TISP7072F3_08 Datasheet HTML 8Page - Bourns Electronic Solutions TISP7072F3_08 Datasheet HTML 9Page - Bourns Electronic Solutions TISP7072F3_08 Datasheet HTML 10Page - Bourns Electronic Solutions TISP7072F3_08 Datasheet HTML 11Page - Bourns Electronic Solutions TISP7072F3_08 Datasheet HTML 12Page - Bourns Electronic Solutions TISP7072F3_08 Datasheet HTML 13Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
MARCH 1994 - REVISED SEPTEMBER 2008
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Thermal Information
TISP70xxF3 (LV) Overvoltage Protector Series
Non-Repetitive Peak On-state Pulse Derated Values for 0 °C ≤ TA ≤ 70 °C
Rating
Symbol
Value
Unit
Non-repetitive peak on-state pulse current, 0 °C < TA < 70 °C (see Notes 5, 6 and 7)
IPPSM
A
1/2 (Gas tube differential transient, 1/2 voltage wave shape)
130
2/10 (Telcordia GR-1089-CORE, 2/10 voltage wave shape)
80
1/20 (ITU-T K.22, 1.2/50 voltage wave shape, 25 resistor)
45
8/20 (IEC 61000-4-5, combination wave generator, 1.2/50 voltage wave shape)
75
10/160 (FCC Part 68, 10/160 voltage wave shape)
55
4/250 (ITU-T K.20/21, 10/700 voltage wave shape, dual)
50
0.2/310 (CNET I 31-24, 0.5/700 voltage wave shape)
50
5/310 (ITU-T K.20/21, 10/700 voltage wave shape, single)
50
5/320 (FCC Part 68, 9/720 voltage wave shape)
50
10/560 (FCC Part 68, 10/560 voltage wave shape)
40
10/1000 (Telcordia GR-1089-CORE, 10/1000 voltage wave shape)
40
NOTES: 5. Initially, the TISP device must be in thermal equilibrium at the specified T . The impulse may be repeated after the TISP
device
returns to its initial conditions. The rated current values may be applied either to the R to G or to the T to G or to the T to R
terminals. Additionally, both R to G and T to G may have their rated current values applied simultaneously (In this case the total
G terminal current will be twice the above rated current values).
A
®
®
6. See Applications Information for details on wave shapes.
7. Above 70 °C, derate IPPSM linearly to zero at 150 °C lead temperature.


Similar Part No. - TISP7072F3_08

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP7072F3D POINN-TISP7072F3D Datasheet
400Kb / 22P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
logo
Bourns Electronic Solut...
TISP7072F3D BOURNS-TISP7072F3D Datasheet
496Kb / 16P
   LOW-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP7072F3D-S BOURNS-TISP7072F3D-S Datasheet
496Kb / 16P
   LOW-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP7072F3DR POINN-TISP7072F3DR Datasheet
400Kb / 22P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
logo
Bourns Electronic Solut...
TISP7072F3DR BOURNS-TISP7072F3DR Datasheet
496Kb / 16P
   LOW-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP7072F3_08

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP70XXF3 BOURNS-TISP70XXF3 Datasheet
496Kb / 16P
   LOW-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP7XXXH3SL BOURNS-TISP7XXXH3SL Datasheet
395Kb / 13P
   TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP7125F3 BOURNS-TISP7125F3_08 Datasheet
988Kb / 19P
   MEDIUM & HIGH-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP7XXXF3 BOURNS-TISP7XXXF3 Datasheet
555Kb / 19P
   MEDIUM & HIGH-VOLTAGE TRIPLE ELEMENT BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP70XXL1 BOURNS-TISP70XXL1 Datasheet
244Kb / 10P
   TRIPLE ELEMENT THYRISTOR OVERVOLTAGE PROTECTORS
TISP7015L1 BOURNS-TISP7015L1_08 Datasheet
507Kb / 8P
   TRIPLE ELEMENT THYRISTOR OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP7070H3SL POINN-TISP7070H3SL Datasheet
283Kb / 14P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP7072F3 POINN-TISP7072F3 Datasheet
400Kb / 22P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
TISP7125F3 POINN-TISP7125F3 Datasheet
489Kb / 25P
   TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
logo
Bourns Electronic Solut...
TISP40XXL1AJBJ BOURNS-TISP40XXL1AJBJ Datasheet
489Kb / 15P
   VERY LOW VOLTAGE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com