Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

276XAXH-5D Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 276XAXH-5D
Description  PRINTED CIRCUIT BOARD RELAYS 1 TO 30 AMPERES
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

276XAXH-5D Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  276XAXH-5D Datasheet HTML 1Page - List of Unclassifed Manufacturers 276XAXH-5D Datasheet HTML 2Page - List of Unclassifed Manufacturers 276XAXH-5D Datasheet HTML 3Page - List of Unclassifed Manufacturers 276XAXH-5D Datasheet HTML 4Page - List of Unclassifed Manufacturers 276XAXH-5D Datasheet HTML 5Page - List of Unclassifed Manufacturers 276XAXH-5D Datasheet HTML 6Page - List of Unclassifed Manufacturers 276XAXH-5D Datasheet HTML 7Page - List of Unclassifed Manufacturers 276XAXH-5D Datasheet HTML 8Page - List of Unclassifed Manufacturers 276XAXH-5D Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
DPDT 5 AMPS
GENERAL
GENERAL SPECIFICA
SPECIFICATIONS
TIONS
COIL
Pull-in Voltage:
Dropout Voltage:
Max. Voltage:
Resistance:
Duty:
CONTACTS
Contact Material:
Contact Resistance:
Contact Rating:
TIMING
Operate Time:
Release Time:
DIELECTRIC STRENGTH
Coil to Frame:
Across Open Contacts:
Contact to Frame:
Insulation Resistance:
TEMPERATURE
Ambient Temperature:
LIFE EXPECTANCY
Electrical:
Mechanical:
MISCELLANEOUS
Operating Position:
Insulating Material:
Enclosure:
Weight:
c
us
UL Recognized
File No. E52197
STANDARD
PART
NUMBERS
NOMINAL
INPUT
VOLTAGE
NOMINAL
RESISTANCE
(OHMS)
COIL MEASURED
@ 25˚C
CONTACT
CONFIGU-
RATION
W1330P-2C-24A
W1330P-2C-120A
W1335P-2C-12D
W1335P-2C-24D
DPDT
DPDT
DPDT
DPDT
24 VAC
120 VAC
12 VDC
24 VDC
245
5400
125
500
CIRCUIT DIAGRAM
(VIEWED FROM PIN END)
75% of nominal voltage or
less for AC or DC coils
10% min.or more for DC
110%
±10% measured @ 25˚C
Continuous
Silver cadmium oxide, 0.093 Dia. (2.36)
100 milliohms max
UL RATED - 5 Amps @ 120 VAC resistive
NOT UL RATED - 30 VDC resistive,
3 Amp inductive, 1/8 Hp @ 120 VAC
20 mS max
AC, 15 mS max. DC @ nominal voltage
20 mS max.
AC, 15 mS max. DC @ nominal voltage
1500 V rms
500 V rms
1500 V rms
1500 megohms min
-45˚C to +70˚C @ rated operation
100,000 operations @ rated resistive load
AC operated device in excess of
50,000,000 operations
DC operated devices, in excess of
100,000,000 operations
Any
Molded parts are diallyl phthalate for
higher arc resistance
Clear heat resistant polycarbonate
dust cover
24 grams approx.
1.075 MAX.
(27.3)
0.200 MAX.
(5.08)
0.905 MAX.
(23)
0.020 MAX.
(0.5)REF.
1
2
3
4
5
6
7
8
9
10
11
AC OPERATED COILS
DC OPERATED COILS
0.905 REF.
(23)
0.067 DIA.
(1.7) 8 PLACES
0.728 REF.
(18.5)
0.350
(8.9)
0.189
(4.8)
0.197
(5)
0.197
(5)
0.354
(9)
0.551
(14)
0.231
(5.9)
0.157
(4)
0.123
(3.1)
MANUFACTURED UNDER
ISO 9002 & QS 9000
PRINTED CIRCUIT
MOUNTING HOLE LAYOUT
(BOTTOM VIEW)
0.052 TYP.
(1.31)
0.728 MAX.
(18.5)
PHONE: ( 843 ) 393-5778
FAX: ( 843 ) 393-4123
EMAIL: info@magnecraft.com
CLASS
1330 & 1335
PRINTED CIRCUIT BOARD TRANSPARENT ENCLOSED RELAY
OUTLINE DIMENSIONS
DIMENSIONS SHOWN IN INCHES & (MILLIMETERS).
7...4


Similar Part No. - 276XAXH-5D

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
276XAXH-5D SCHNEIDER-276XAXH-5D Datasheet
184Kb / 4P
   Power relay, SE Relays, SPDT, 10A, 5 VDC, epoxy sealed
More results

Similar Description - 276XAXH-5D

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
RTD14012 SIEMENS-RTD14012 Datasheet
193Kb / 8P
   Miniature Printed Circuit Board Relays, Sockets and Accessories
logo
ITT Industries
XLM-3-31-PCS ITT-XLM-3-31-PCS Datasheet
330Kb / 3P
   Printed Circuit Board
logo
Semikron International
SKPC22-2 SEMIKRON-SKPC22-2 Datasheet
437Kb / 3P
   PRINTED CIRCUIT BOARD
logo
Schneider Electric
70-379-1 SCHNEIDER-70-379-1 Datasheet
110Kb / 4P
   Socket, SE Relays, 5A, 14 pins, for printed circuit board, for 782H / 792 relays,
logo
STMicroelectronics
ANT7-T-M24LR04E STMICROELECTRONICS-ANT7-T-M24LR04E Datasheet
173Kb / 3P
   Ready to use printed circuit board including
logo
PHOENIX CONTACT
1805517 PHOENIX-1805517 Datasheet
71Kb / 4P
   Printed-circuit board connector
logo
Omron Electronics LLC
E3S-LS3N OMRON-E3S-LS3N Datasheet
93Kb / 2P
   Printed Circuit Board Sensor
logo
List of Unclassifed Man...
BK-1 ETC2-BK-1 Datasheet
80Kb / 2P
   Printed Circuit Board Fuses
logo
PHOENIX CONTACT
1852451 PHOENIX-1852451 Datasheet
63Kb / 3P
   Printed-circuit board connector - MCC 1/11-STZF-3,81
1883886 PHOENIX-1883886 Datasheet
81Kb / 5P
   Printed-circuit board connector - QC 1/15-STF-5,08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com