Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM6315-31D2ARTRL7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADM6315-31D2ARTRL7
Description  Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6315-31D2ARTRL7 Datasheet(HTML) 5 Page - Analog Devices

  ADM6315-31D2ARTRL7 Datasheet HTML 1Page - Analog Devices ADM6315-31D2ARTRL7 Datasheet HTML 2Page - Analog Devices ADM6315-31D2ARTRL7 Datasheet HTML 3Page - Analog Devices ADM6315-31D2ARTRL7 Datasheet HTML 4Page - Analog Devices ADM6315-31D2ARTRL7 Datasheet HTML 5Page - Analog Devices ADM6315-31D2ARTRL7 Datasheet HTML 6Page - Analog Devices ADM6315-31D2ARTRL7 Datasheet HTML 7Page - Analog Devices ADM6315-31D2ARTRL7 Datasheet HTML 8Page - Analog Devices ADM6315-31D2ARTRL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADM6315
Rev. E | Page 5 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
GND
RESET
1
4
MR
VCC
2
3
ADM6315
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
GND
Ground Reference for All Signals, 0 V.
2
RESET
Active Low Logic Output. RESET remains low while VCC is below the reset threshold or when MR is low. RESET
then remains low for a minimum of 1 ms, 20 ms, 140 ms, or 1120 ms after VCC rises above the reset threshold
and MR is high.
3
MR
Manual Reset. This active low debounced input ignores input pulses of 100 ns (typical) and is guaranteed to
accept input pulses of greater than 1 μs. Leave floating when not used.
4
VCC
Monitored Supply Voltage.


Similar Part No. - ADM6315-31D2ARTRL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6315-31D2ARTRL7 AD-ADM6315-31D2ARTRL7 Datasheet
197Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. G
ADM6315-31D2ARTRL7 AD-ADM6315-31D2ARTRL7 Datasheet
197Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. G
More results

Similar Description - ADM6315-31D2ARTRL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6315 AD-ADM6315_15 Datasheet
197Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. G
ADM6315_VE AD-ADM6315_VE Datasheet
272Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. E
ADM6315-29D3ARTRL7 AD-ADM6315-29D3ARTRL7 Datasheet
197Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. G
ADM6315-26D3ARTZR7 AD-ADM6315-26D3ARTZR7 Datasheet
228Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. F
ADM6315 AD-ADM6315 Datasheet
99Kb / 8P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
REV. 0
ADM6315-46D3ART-RL7 AD-ADM6315-46D3ART-RL7 Datasheet
197Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. G
ADM6315-26D4ART-RL AD-ADM6315-26D4ART-RL Datasheet
228Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. F
ADM6315-26D3ARTRL7 AD-ADM6315-26D3ARTRL7 Datasheet
286Kb / 12P
   Open-Drain Microprocessor Supervisory Circuit in 4-Lead SOT-143
Rev. E
ADM812 AD-ADM812_15 Datasheet
178Kb / 12P
   Microprocessor Supervisory Circuit in 4-Lead SOT-143 with DSP
Rev. G
ADM811RART AD-ADM811RART Datasheet
178Kb / 12P
   Microprocessor Supervisory Circuit in 4-Lead SOT-143 with DSP
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com