Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP61089BSD Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # TISP61089BSD
Description  DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP61089BSD Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  TISP61089BSD Datasheet HTML 1Page - Bourns Electronic Solutions TISP61089BSD Datasheet HTML 2Page - Bourns Electronic Solutions TISP61089BSD Datasheet HTML 3Page - Bourns Electronic Solutions TISP61089BSD Datasheet HTML 4Page - Bourns Electronic Solutions TISP61089BSD Datasheet HTML 5Page - Bourns Electronic Solutions TISP61089BSD Datasheet HTML 6Page - Bourns Electronic Solutions TISP61089BSD Datasheet HTML 7Page - Bourns Electronic Solutions TISP61089BSD Datasheet HTML 8Page - Bourns Electronic Solutions TISP61089BSD Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
SEPTEMBER 2005 - REVISED MAY 2007
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
TISP61089BSD High Voltage Ringing SLIC Protector
Thermal Information
Figure 2. Non-Repetitive Peak On-State Current
against Duration
Figure 3. Typical Non-Repetitive Peak On-state Current
against Duration
PEAK NON-RECURRING AC
vs
CURRENT DURATION
t — Current Duration — s
0.01
0.1
1
10
100
1000
0.5
0.6
0.7
0.8
1.5
2
3
4
5
6
7
8
15
20
1
10
V
GG = -60 V
V
GG = -80 V
V
GG = -100 V
V
GG = -120 V
RING AND TIP TERMINALS:
Equal I
TSM values applied
simultaneously
GROUND TERMINAL:
Current twice I
TSM value
EIA /JESD51
Environment and
PCB, T
A = 25 °C
TI61AF
TYPICAL PEAK NON-RECURRING AC
vs
CURRENT DURATION
t — Current Duration — s
0.01
0.1
1
10
100
1000
0.5
0.6
0.7
0.8
1.5
2
3
4
5
6
7
8
15
20
1
10
RING AND TIP TERMINALS:
Equal I
TSM values applied
simultaneously
GROUND TERMINAL:
Current twice I
TSM value
V
GG = -100 V
V
GG = -120 V
Typical PCB
Mounting,
T
A = 25 °C
V
GG = -60 V
V
GG = -80 V
TI61DA


Similar Part No. - TISP61089BSD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TISP61089B ETC1-TISP61089B Datasheet
411Kb / 22P
   TISP61089B High Voltage Ringing SLIC Protector
logo
Bourns Electronic Solut...
TISP61089B BOURNS-TISP61089B Datasheet
1Mb / 20P
   High Voltage Ringing SLIC Protector
logo
UN Semiconducctor INC
TISP61089B UNSEMI-TISP61089B Datasheet
2Mb / 4P
   Thyristor Surge Suppressors (TSS)
Revision March 1,2022
logo
List of Unclassifed Man...
TISP61089BD ETC1-TISP61089BD Datasheet
411Kb / 22P
   TISP61089B High Voltage Ringing SLIC Protector
TISP61089BD-S ETC1-TISP61089BD-S Datasheet
411Kb / 22P
   TISP61089B High Voltage Ringing SLIC Protector
More results

Similar Description - TISP61089BSD

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP61089AS POINN-TISP61089AS Datasheet
277Kb / 16P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
logo
Bourns Electronic Solut...
TISP61521 BOURNS-TISP61521_08 Datasheet
374Kb / 9P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089 BOURNS-TISP61089 Datasheet
182Kb / 12P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521 BOURNS-TISP61521 Datasheet
253Kb / 11P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089 POINN-TISP61089 Datasheet
425Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
logo
Bourns Electronic Solut...
TISP61089D BOURNS-TISP61089D Datasheet
253Kb / 8P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089S POINN-TISP61089S Datasheet
284Kb / 16P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP61511D BOURNS-TISP61511D_08 Datasheet
653Kb / 9P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61060D POINN-TISP61060D Datasheet
286Kb / 14P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089A POINN-TISP61089A Datasheet
319Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com