Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP61089QB Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # TISP61089QB
Description  PROGRAMMABLE OVERVOLTAGE PROTECTOR QUAD FORWARD-CONDUCTING P-GATE THYRISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP61089QB Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  TISP61089QB Datasheet HTML 1Page - Bourns Electronic Solutions TISP61089QB Datasheet HTML 2Page - Bourns Electronic Solutions TISP61089QB Datasheet HTML 3Page - Bourns Electronic Solutions TISP61089QB Datasheet HTML 4Page - Bourns Electronic Solutions TISP61089QB Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
JULY 2010 - REVISED MAY 2012
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
t
i
n
U
e
u
l
a
V
l
o
b
m
y
S
g
n
i
t
a
R
Repetitive peak off-state voltage, IG
C
°
0
4
-
0
=
TJ 85 °C VDRM
-170
V
V
Repetitive peak gate-cathode voltage, VKA
C
°
0
4
-
0
=
TJ 85 °C VGKRM
-167
Non-repetitive peak on-state pulse current (see Notes 1 and 2)
ITSP
30
40
120
A
85
Non-repetitive peak on-state current, 60 Hz (see Notes 1, 2 and 3)
ITSM
0.5
A
900 s
Non-repetitive peak ga
I
)
2
d
n
a
1
s
e
t
o
N
e
e
s
(
d
e
n
o
m
m
o
c
s
e
d
o
h
t
a
c
,
e
s
l
u
p
s
µ
0
1
/
2
,
t
n
e
r
r
u
c
e
t
GSM
40
A
Junction temperature
TJ
-40 to +150
°C
Storage temperature range
Tstg
-40 to +150
°C
NOTES: 1. Initially the protector must be in thermal equilibrium with TJ = 25 °C. The surge may be repeated after the device returns to its initial
conditions.
2. These non-repetitive rated currents are peak values for either polarity. The rated current values may be applied to any cathode-
anode terminal pair. Additionally, all cathode-anode terminal pairs may have their rated current values applied simultaneously (in
this case the anode terminal current will be four times the rated current value of an individual terminal pair).
3. EIA/JESD51-2 environment and EIA/JESD51-7 high effective thermal conductivity test board (multi-layer) connected with 0.6 mm
printed wiring track widths.
Min
Typ
Max
Unit
CG Gate decoupling capacitor
100
nF
t
i
d
n
o
C
t
s
e
T
r
e
t
e
m
a
r
a
P
t
i
n
U
x
a
M
p
y
T
n
i
M
s
n
o
i
ID
Off-state current
VD = VDRM, VGK = 0
-5
µA
V(BO)
Breakover voltage
10/700 µs, IT = -40 A, RS = 55 Ω, VGG = -48 V, CG
V
4
6
-
F
n
0
0
1
=
VF
Forward voltage
IF = 5 A, tw = 200 µs
3V
VFRM
Peak forward recovery
voltage
10/700 µs, IF = 40 A, RS = 55 Ω, VGG = -48 V, CG
V
2
1
F
n
0
0
1
=
IH
Holding current
IT =-1A, di/dt=1A/ms, VGG
A
m
0
5
1
-
100 V
-
=
IGAS
Gate reverse current
VGG =VGK = VGKRM, VKA
A
µ
5
-
0
=
IGT
Gate trigger current
IT = 3 A, tp(g) ≥ 20 µs, VGG
A
m
5
100 V
-
=
VGT
Gate trigger voltage
IT = 3 A, tp(g) ≥ 20 µs, VGG
V
5
.
2
100 V
-
=
CAK
Anode-cathode off-state
capacitance
f = 1 MHz, Vd = 1 V IG = 0, (see Note 5)
VD = -3 V
100
pF
VD = -48 V
50
NOTE:
5. These capacitance measurements employ a three terminal capacitance bridge incorporating a guard circuit. The unmeasured
device terminals are a.c. connected to the guard terminal of the bridge.
10/1000 µs (Bellcore GR-1089-CORE, Issue 1, November 1994, Section 4)
5/310 µs (ITU-T K.20/21/45, YD/T-950, open circuit voltage waveshape 10/700)
2/10 µs (Bellcore GR-1089-CORE, Issue 1, November 1994, Section 4)
2/40 µs (IEC61000-4-5, 1.2/50 µs open circuit voltage, 2 ohm + 10 ohm, see Note 4)
4. Combination wave generator as specified in ITU-T K.20, K.21, K.44.
TISP61089QB SLIC Overvoltage Protector
Absolute Maximum Ratings, TJ = 25 °C (Unless Otherwise Noted)
Recommended Operating Conditions
Electrical Characteristics, TJ = 25 °C (Unless Otherwise Noted)


Similar Part No. - TISP61089QB

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP61089 POINN-TISP61089 Datasheet
425Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
logo
Bourns Electronic Solut...
TISP61089 BOURNS-TISP61089 Datasheet
182Kb / 12P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089A POINN-TISP61089A Datasheet
319Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP61089AD BOURNS-TISP61089AD Datasheet
253Kb / 8P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089AD BOURNS-TISP61089AD Datasheet
182Kb / 12P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP61089QB

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP61089HDM BOURNS-TISP61089HDM Datasheet
218Kb / 7P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTOR PROGRAMMABLE OVERVOLTAGE PROTECTOR
TISP1120F3D BOURNS-TISP1120F3D Datasheet
183Kb / 5P
   DUAL FORWARD-CONDUCTING UNIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTOR
logo
Power Innovations Ltd
TISP61089AS POINN-TISP61089AS Datasheet
277Kb / 16P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
logo
Bourns Electronic Solut...
TISP61089BSD BOURNS-TISP61089BSD Datasheet
428Kb / 20P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521 BOURNS-TISP61521_08 Datasheet
374Kb / 9P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089 BOURNS-TISP61089 Datasheet
182Kb / 12P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521 BOURNS-TISP61521 Datasheet
253Kb / 11P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089 POINN-TISP61089 Datasheet
425Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
logo
Bourns Electronic Solut...
TISP61089D BOURNS-TISP61089D Datasheet
253Kb / 8P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
List of Unclassifed Man...
TISP6L7591 ETC1-TISP6L7591 Datasheet
227Kb / 7P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com