Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

76-1220 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 76-1220
Description  LICON. SNAP ACTION SWITCHES
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

76-1220 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 76-1220 Datasheet HTML 3Page - List of Unclassifed Manufacturers 76-1220 Datasheet HTML 4Page - List of Unclassifed Manufacturers 76-1220 Datasheet HTML 5Page - List of Unclassifed Manufacturers 76-1220 Datasheet HTML 6Page - List of Unclassifed Manufacturers 76-1220 Datasheet HTML 7Page - List of Unclassifed Manufacturers 76-1220 Datasheet HTML 8Page - List of Unclassifed Manufacturers 76-1220 Datasheet HTML 9Page - List of Unclassifed Manufacturers 76-1220 Datasheet HTML 10Page - List of Unclassifed Manufacturers 76-1220 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
SUB-MINIATURE 10.1 AMP DOUBLE-BREAK
SNAP ACTION SWITCHES
Series 16 switches feature the Butterfly® double-
break momentary switch mechanism. This offers
the capability of handling high (or low) current
loads in a small switch and gives the options of
controlling two circuits with the Form Z switch
circuitry.
Contact an Authorized Distributor or Factory for Pricing
50
www.itwswitches.com
KEY FEATURES:
Gold or silver contacts
Meets MIL-PRF-8805/7
UL recognized and CSA certified:
10.1 amps @ 125/250 VAC
Variety of terminal configurations
and styles
Roller lever, lever, short roller lever
and bushing mount actuator are
available
ACTUAL SIZE
STANDARDS / AGENCY / RATINGS:
RoHS
COMPLIANT
2002 / 95 / EC

IEC
IP67
COMPLIANT

®
V
D E
SNAP ACTION SWITCHES
ORDERING INFORMATION:
Part Number
Circuit
Temperature Index
Contacts
Terminals
RoHS Compliant
16-104
SPDT (Form Z)
To 275°F Ambient
Silver **
End Solder

16-188051
SPDT (Form Z)
To 275°F Ambient
Gold Plated
End Solder

16-204
SPDT (Form Z)
To 275°F Ambient
Silver **
End Screw
16-304
SPDT (Form Z)
To 275°F Ambient
Silver **
Side Solder

16-404
SPDT (Form Z)
To 275°F Ambient
Silver **
Bottom Solder

16-40401
SPDT (Form Z)
To 275°F Ambient
Gold Plated
Bottom Solder

16-4044*
SPDT (Form Z)
To 275°F Ambient
Silver **
Bottom Solder

16-40441*
SPDT (Form Z)
To 275°F Ambient
Gold Plated
Bottom Solder

16-488051
SPDT (Form Z)
To 275°F Ambient
Gold Plated
Bottom Solder
16-530004***
SPDT (Form Z)
To 275°F Ambient
Silver **
Bottom QC .110

* Thermoplastic case and cover.
** For electrical loads under 250mA, consult factory.
*** Mounts easily to Series 76-95 Switches.
Part Number
Switch Series
Oper. Force
Release Force
Pretravel
Overtravel
Movement Diff.
76-1200
16
4 oz max
1 oz min
.125 max
.025 min
.045 ± .011
Roller Lever
76-1210
16
2.5 oz max
1 oz min
.125 max
.025 min
.047 ± .013
Lever
76-1220
16
5 + 3 oz - 2 oz min
2 oz min
.050 max
.023 min
.020 ± .005
Short Roller Lever
76-22604
16
5 oz
.050 max
.156 MIN
Bushing Mount
Actuators (see page 69 for additional specifications)
APPLICATIONS
Lift truck seat switch
Aircraft contactor or actuator
Sump pump float switch
Valve actuator
Industrial equipment and machinery
Office equipment


Similar Description - 76-1220

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
LS0851503F040C2A E-SWITCH-LS0851503F040C2A Datasheet
279Kb / 3P
   SNAP ACTION SWITCHES
logo
TE Connectivity Ltd
SAJ2 TEC-SAJ2 Datasheet
604Kb / 4P
   Snap Action Switches
SAJ3 TEC-SAJ3 Datasheet
675Kb / 5P
   Snap Action Switches
SAJ1 TEC-SAJ1 Datasheet
323Kb / 3P
   Snap Action Switches
logo
E-SWITCH
MS085R100F130S1A E-SWITCH-MS085R100F130S1A Datasheet
800Kb / 3P
   SNAP ACTION SWITCHES-MINIATURE
logo
SHINMEI ELECTRIC CO., L...
MQS-53 SHINMEI-MQS-53 Datasheet
171Kb / 6P
   Compact-sized Snap Action Switches
logo
E-SWITCH
TS0101F020V1 E-SWITCH-TS0101F020V1 Datasheet
304Kb / 2P
   SNAP ACTION SWITCHES - SUB-MINIATURE
logo
SHINMEI ELECTRIC CO., L...
MQS-54 SHINMEI-MQS-54 Datasheet
311Kb / 11P
   Compact-sized Snap Action Switches
logo
E-SWITCH
TS1 E-SWITCH-TS1 Datasheet
90Kb / 1P
   SNAP ACTION SWITCHES - SUB-MINIATURE
SS0750301F030P1A E-SWITCH-SS0750301F030P1A Datasheet
1,009Kb / 2P
   SNAP ACTION SWITCHES - SUB-MINIATURE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com