Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

18-40421 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 18-40421
Description  LICON. SNAP ACTION SWITCHES
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

18-40421 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 18-40421 Datasheet HTML 5Page - List of Unclassifed Manufacturers 18-40421 Datasheet HTML 6Page - List of Unclassifed Manufacturers 18-40421 Datasheet HTML 7Page - List of Unclassifed Manufacturers 18-40421 Datasheet HTML 8Page - List of Unclassifed Manufacturers 18-40421 Datasheet HTML 9Page - List of Unclassifed Manufacturers 18-40421 Datasheet HTML 10Page - List of Unclassifed Manufacturers 18-40421 Datasheet HTML 11Page - List of Unclassifed Manufacturers 18-40421 Datasheet HTML 12Page - List of Unclassifed Manufacturers 18-40421 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Contact an Authorized Distributor or Factory for Pricing
52
www.itwswitches.com
APPLICATIONS
Lift truck seat switch
Aircraft contactor
Sump pump float switch
Aircraft actuator
Valve actuator
Industrial equipment and machinery
Office equipment
Medical equipment
SUB-MINIATURE 10.1 AMP DOUBLE-BREAK
SNAP ACTION SWITCHES
Similar to Series 16 switches with improved
materials and performance. Ideal for critical
applications where long life and reliability are
needed.
KEY FEATURES:
Enhanced gold contacts for high or
low power applications
Thermoplastic case sealed to
prevent flux intrusion
Meets MIL-PRF-8805 requirements
Roller lever, lever, short roller lever
and bushing mount actuator are
available.
ACTUAL SIZE
STANDARDS / AGENCY / RATINGS:
RoHS
COMPLIANT
2002 / 95 / EC

V
DE
IEC
IP67
COMPLIANT
®
SNAP ACTION SWITCHES
ORDERING INFORMATION:
Part Number
Contacts
Terminals
16-110
Enhanced Gold
End
16-111
Silver
End
16-410
Enhanced Gold
Bottom
Part Number
Switch Series
Oper. Force
Release Force
Pretravel
Overtravel
Movement Diff.
76-1200
16
4 oz max
1 oz min
.125 max
.025 min
.045 ± .011
Roller Lever
76-1210
16
2.5 oz max
1 oz min
.125 max
.025 min
.047 ± .013
Lever
76-1220
16
5 + 3 oz - 2 oz min
2 oz min
.050 max
.023 min
.020 ± .005
Short Roller Lever
76-22604
16
5 oz
.050 max
.156 min
Bushing Mount
Actuator (see page 69 for additional specifications)
Switches


Similar Part No. - 18-40421

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
18-4 AMPHENOL-18-4 Datasheet
2Mb / 38P
   Amphenol 97 Series Connectors
12-022-18
18-420 AMPHENOL-18-420 Datasheet
2Mb / 38P
   Amphenol 97 Series Connectors
12-022-18
More results

Similar Description - 18-40421

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
LS0851503F040C2A E-SWITCH-LS0851503F040C2A Datasheet
279Kb / 3P
   SNAP ACTION SWITCHES
logo
TE Connectivity Ltd
SAJ2 TEC-SAJ2 Datasheet
604Kb / 4P
   Snap Action Switches
SAJ3 TEC-SAJ3 Datasheet
675Kb / 5P
   Snap Action Switches
SAJ1 TEC-SAJ1 Datasheet
323Kb / 3P
   Snap Action Switches
logo
E-SWITCH
MS085R100F130S1A E-SWITCH-MS085R100F130S1A Datasheet
800Kb / 3P
   SNAP ACTION SWITCHES-MINIATURE
logo
SHINMEI ELECTRIC CO., L...
MQS-53 SHINMEI-MQS-53 Datasheet
171Kb / 6P
   Compact-sized Snap Action Switches
logo
E-SWITCH
TS0101F020V1 E-SWITCH-TS0101F020V1 Datasheet
304Kb / 2P
   SNAP ACTION SWITCHES - SUB-MINIATURE
logo
SHINMEI ELECTRIC CO., L...
MQS-54 SHINMEI-MQS-54 Datasheet
311Kb / 11P
   Compact-sized Snap Action Switches
logo
E-SWITCH
TS1 E-SWITCH-TS1 Datasheet
90Kb / 1P
   SNAP ACTION SWITCHES - SUB-MINIATURE
SS0750301F030P1A E-SWITCH-SS0750301F030P1A Datasheet
1,009Kb / 2P
   SNAP ACTION SWITCHES - SUB-MINIATURE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com