Electronic Components Datasheet Search |
|
19N502 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers |
|
19N502 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers |
7 / 30 page SUB-MINIATURE 10.1 AMP DOUBLE-BREAK SNAP ACTION SWITCHES Series 16 switches feature the Butterfly® double- break momentary switch mechanism. This offers the capability of handling high (or low) current loads in a small switch and gives the options of controlling two circuits with the Form Z switch circuitry. Contact an Authorized Distributor or Factory for Pricing 50 www.itwswitches.com KEY FEATURES: • Gold or silver contacts • Meets MIL-PRF-8805/7 • UL recognized and CSA certified: 10.1 amps @ 125/250 VAC • Variety of terminal configurations and styles • Roller lever, lever, short roller lever and bushing mount actuator are available ACTUAL SIZE STANDARDS / AGENCY / RATINGS: RoHS COMPLIANT 2002 / 95 / EC IEC IP67 COMPLIANT ® V D E SNAP ACTION SWITCHES ORDERING INFORMATION: Part Number Circuit Temperature Index Contacts Terminals RoHS Compliant 16-104 SPDT (Form Z) To 275°F Ambient Silver ** End Solder 16-188051 SPDT (Form Z) To 275°F Ambient Gold Plated End Solder 16-204 SPDT (Form Z) To 275°F Ambient Silver ** End Screw — 16-304 SPDT (Form Z) To 275°F Ambient Silver ** Side Solder 16-404 SPDT (Form Z) To 275°F Ambient Silver ** Bottom Solder 16-40401 SPDT (Form Z) To 275°F Ambient Gold Plated Bottom Solder 16-4044* SPDT (Form Z) To 275°F Ambient Silver ** Bottom Solder 16-40441* SPDT (Form Z) To 275°F Ambient Gold Plated Bottom Solder 16-488051 SPDT (Form Z) To 275°F Ambient Gold Plated Bottom Solder — 16-530004*** SPDT (Form Z) To 275°F Ambient Silver ** Bottom QC .110 * Thermoplastic case and cover. ** For electrical loads under 250mA, consult factory. *** Mounts easily to Series 76-95 Switches. Part Number Switch Series Oper. Force Release Force Pretravel Overtravel Movement Diff. 76-1200 16 4 oz max 1 oz min .125 max .025 min .045 ± .011 Roller Lever 76-1210 16 2.5 oz max 1 oz min .125 max .025 min .047 ± .013 Lever 76-1220 16 5 + 3 oz - 2 oz min 2 oz min .050 max .023 min .020 ± .005 Short Roller Lever 76-22604 16 5 oz — .050 max .156 MIN — Bushing Mount Actuators (see page 69 for additional specifications) APPLICATIONS • Lift truck seat switch • Aircraft contactor or actuator • Sump pump float switch • Valve actuator • Industrial equipment and machinery • Office equipment |
Similar Part No. - 19N502 |
|
Similar Description - 19N502 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |