Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECKAVS102ME Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ECKAVS102ME
Description  Ceramic Disc Capacitors (Safety Regulations)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECKAVS102ME Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ECKAVS102ME Datasheet HTML 1Page - Panasonic Semiconductor ECKAVS102ME Datasheet HTML 2Page - Panasonic Semiconductor ECKAVS102ME Datasheet HTML 3Page - Panasonic Semiconductor ECKAVS102ME Datasheet HTML 4Page - Panasonic Semiconductor ECKAVS102ME Datasheet HTML 5Page - Panasonic Semiconductor ECKAVS102ME Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
n Typical Temperature Characteristics (Type TS, and Type NS-A)
—30
—20
—10
0
10
—20
0
20
40
60
80
100
120
Temperature (ßC)
—60
—40
—20
0
20
—20
0
20
40
60
80
100
120
Temperature (ßC)
—60
—40
—80
—20
0
20
—20
0
20
40
60
80
100
120
Temperature (ßC)
Ceramic Disc Capacitors (Safety Regulations)
Note: Dimensions ÒFÓ (Lead space) of 5.0 mm is available instead of 7.5 mm by special order
l Type BE (250 VAC For Electrical Appliance and Material Safety Law compliance (Former Electrical Appliance
and Material Control Law))
Cap.
Dimensions in mm
Kinked Lead Type (Bulk)
Kimked Lead Taped Type
Cap.
Tol.
Temp.
DT
Part Number
Dim. in mm
Part Number
Taped Dim. in mm
in pF
(%)
Char.
max.
max.
F
d
Type
Fd
1000
+80, -20
E/Y5U
7.0
5.0
ECKABE102ZE
7.5 0.65
ECKNBE102ZE
N1
7.5
0.65
2200
+80, -20
E/Y5U
8.0
5.0
ECKABE222ZE
7.5 0.65
ECKNBE222ZE
N1
7.5
0.65
3300
+80, -20
E/Y5U
9.0
5.0
ECKABE332ZE
7.5 0.65
ECKNBE332ZE
N1
7.5
0.65
4700
+80, -20
E/Y5U
11.0
5.0
ECKABE472ZE
7.5 0.65
ECKNBE472ZE
N1
7.5
0.65
4700
+80, -20
F/Y5V
8.0
5.0
ECKABE472ZF
7.5 0.65
ECKNBE472ZF
N1
7.5
0.65
10000
+80, -20
F/Y5V
11.0
5.0
ECKABE103ZF
7.5 0.65
ECKNBE103ZF
N1
7.5
0.65
(
)
Char. E/Y5U)
Temp. Range:Ð25 to 85û
max.Cap.Change:+20, Ð55%
(
)
Char. B/Y5P)
Temp. Range:Ð25 to 85û
max.Cap.Change:+10%
(
)
Char. F/Y5V)
Temp. Range:Ð25 to 85û
max.Cap.Change:+30, Ð80%


Similar Part No. - ECKAVS102ME

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECKAVS102ME PANASONIC-ECKAVS102ME Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations) Flame-retardant insulating coating applied
More results

Similar Description - ECKAVS102ME

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECK-ANA472ME PANASONIC-ECK-ANA472ME Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-ATS102ME PANASONIC-ECK-ATS102ME Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-NVS222ME PANASONIC-ECK-NVS222ME Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-ATS102MB PANASONIC-ECK-ATS102MB Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations)
ECK-DNA222ME PANASONIC-ECK-DNA222ME Datasheet
90Kb / 6P
   Ceramic Disc Capacitors for Safety Regulations
ECK-DNA101MB PANASONIC-ECK-DNA101MB Datasheet
90Kb / 6P
   Ceramic Disc Capacitors for Safety Regulations
ECK-DNA152ME PANASONIC-ECK-DNA152ME Datasheet
90Kb / 6P
   Ceramic Disc Capacitors for Safety Regulations
ECKNTS102ME PANASONIC-ECKNTS102ME Datasheet
345Kb / 6P
   Ceramic Disc Capacitors (Safety Regulations) Flame-retardant insulating coating applied
logo
Vishay Siliconix
EMIY1-VY1 VISHAY-EMIY1-VY1 Datasheet
446Kb / 5P
   Ceramic Disc Capacitors Safety Standard Approved Disc Capacitors
Revision: 14-Mar-08
logo
Panasonic Semiconductor
ECKTHC101KB PANASONIC-ECKTHC101KB Datasheet
780Kb / 6P
   Ceramic Capacitors (Safety Regulations) For Surface Mounting Types
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com