Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AA162301111 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AA162301111
Description  Ulysses Ultra-Low Profile Miniature Magnet Mounted GPS-GLONASS Antenna
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AA162301111 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AA162301111 Datasheet HTML 3Page - List of Unclassifed Manufacturers AA162301111 Datasheet HTML 4Page - List of Unclassifed Manufacturers AA162301111 Datasheet HTML 5Page - List of Unclassifed Manufacturers AA162301111 Datasheet HTML 6Page - List of Unclassifed Manufacturers AA162301111 Datasheet HTML 7Page - List of Unclassifed Manufacturers AA162301111 Datasheet HTML 8Page - List of Unclassifed Manufacturers AA162301111 Datasheet HTML 9Page - List of Unclassifed Manufacturers AA162301111 Datasheet HTML 10Page - List of Unclassifed Manufacturers AA162301111 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
SPE-12-8-148/C/SS | page 7 of 14
90
270
180
0
2
-5
-10
-15
-20
-25
-30
-35
-40
-45
5. Radiation Patterns
1575.42MHz XZ Plane
Pattern
Model No.
Test Mode
Freq (MHz)
Max Gain(dBi)
Min Gain(dBi)
Avg. Gain(dBi) Source Polar.
1
AA.162.301111
XZ
1575.42
-0.69 / 359.00 -11.62 / 245.00
-4.12
V+H


Similar Part No. - AA162301111

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
AA162301111 TAOGLAS-AA162301111 Datasheet
1Mb / 12P
   Ulysses Ultra-Low Profile Miniatuire Magnet
More results

Similar Description - AA162301111

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
AA161301111 TAOGLAS-AA161301111 Datasheet
1Mb / 12P
   Magnet Mounted GPS-GLONASS-GALILEO Antenna
logo
List of Unclassifed Man...
AA161301111 ETC2-AA161301111 Datasheet
1Mb / 16P
   Dominator Magnet Mounted GPS-GLONASS Antenna
logo
Taoglas antenna solutio...
AA.161.301111 TAOGLAS-AA.161.301111_17 Datasheet
1Mb / 12P
   Magnet Mounted GPS-GLONASS-GALILEO Antenna
logo
List of Unclassifed Man...
AA160301111 ETC2-AA160301111 Datasheet
864Kb / 7P
   Magnet Mount GPS-GLONASS Antenna
logo
Taoglas antenna solutio...
AA162301111 TAOGLAS-AA162301111 Datasheet
1Mb / 12P
   Ulysses Ultra-Low Profile Miniatuire Magnet
AA160301111 TAOGLAS-AA160301111 Datasheet
399Kb / 6P
   Magnet Mount GPS-GLONASS-GALILEO Antenna
logo
Abracon Corporation
APAMPG-130 ABRACON-APAMPG-130 Datasheet
4Mb / 3P
   GPSGLONASS Active Antenna Module - Magnet Base
10.30.14
logo
Yuechung International ...
YIC71513PGMGG YIC-YIC71513PGMGG Datasheet
663Kb / 13P
   Ultra Low Power GPS & GLONASS Antenna Module
logo
List of Unclassifed Man...
AA107301111 ETC2-AA107301111 Datasheet
1Mb / 14P
   Stingray Low Profile Adhesive Mount GPS-GLONASS Antenna
logo
Raltron Electronics Cor...
RPA-GPGL-A-49-SMA-3000-Y RALTRON-RPA-GPGL-A-49-SMA-3000-Y Datasheet
147Kb / 2P
   GPS/GLONASS ACTIVE ANTENNA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com