Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECQUAAF684KA Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECQUAAF684KA
Description  Metallized Polypropylene Film Capacitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQUAAF684KA Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECQUAAF684KA Datasheet HTML 1Page - Panasonic Semiconductor ECQUAAF684KA Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Panasonic
Plastic Film Capacitors
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
■Dimensions in mm (not to scale)
■Rating & Dimensions
●Capacitance tolerance : ±10 % (K),±20 % (M)
Dimension (mm)
Min. order Q’ty
Part No.
Capacitance
(μF)
φd
Q
Straight
Cutlead
ECQUAAF104□( )
0.10
17.5
5.0
12.0
15.0
0.60
0±0.8
1.3
ECQUAAF154□( )
0.15
17.5
6.0
13.0
15.0
0.60
0±0.8
1.3
ECQUAAF224□( )
0.22
17.5
7.5
14.0
15.0
0.60
0±0.8
1.3
1000
ECQUAAF334□( )
0.33
17.5
9.0
16.0
15.0
0.60
0±0.8
1.3
1000
ECQUAAF474□( )
0.47
26.0
8.5
15.0
22.5
0.80
0±0.8
1.8
600
800
ECQUAAF684□( )
0.68
26.0
10.0
17.0
22.5
0.80
0±0.8
1.8
500
500
ECQUAAF105□( )
1.0
26.0
12.0
19.0
22.5
0.80
0±0.8
1.8
300
300
Marking Example
※≧1.2μF ±1.0
Cap. tol. code
Solder-plated copper-clad steel wire
P (Lead location limits from center)
Note : only ± 10 % as cap. tol. be marked as “K”. Note
Data Code.
(A)
(B)
or
(C)
Cut lead
(Suffix A)
P( Lead location limits from center)
Solder-plated copper-clad steel wire


Similar Part No. - ECQUAAF684KA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQUAAF684 PANASONIC-ECQUAAF684 Datasheet
174Kb / 3P
   Metallized Polypropylene Film Capacitors
ECQUAAF684 PANASONIC-ECQUAAF684 Datasheet
165Kb / 3P
   Metallized Polypropylene Film Capacitors
ECQUAAF684MA PANASONIC-ECQUAAF684MA Datasheet
164Kb / 2P
   Metallized Polypropylene Film Capacitor
More results

Similar Description - ECQUAAF684KA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
logo
Vishay Siliconix
MKP1837410011 VISHAY-MKP1837410011 Datasheet
155Kb / 3P
   Metallized Polypropylene Film Capacitor
Revision: 23-Jun-05
logo
Panasonic Semiconductor
ECWF4223MLL PANASONIC-ECWF4223MLL Datasheet
110Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
C4BSPBX4200ZBMJ KEMET-C4BSPBX4200ZBMJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
R46KI333000P2M KEMET-R46KI333000P2M Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
R474W422050A1K KEMET-R474W422050A1K Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
C4BSNBX4150ZBJJ KEMET-C4BSNBX4150ZBJJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com