Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECQV1H103JLW Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECQV1H103JLW
Description  Stacked Metallized Plastic Film Capacitor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQV1H103JLW Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECQV1H103JLW Datasheet HTML 1Page - Panasonic Semiconductor ECQV1H103JLW Datasheet HTML 2Page - Panasonic Semiconductor ECQV1H103JLW Datasheet HTML 3Page - Panasonic Semiconductor ECQV1H103JLW Datasheet HTML 4Page - Panasonic Semiconductor ECQV1H103JLW Datasheet HTML 5Page - Panasonic Semiconductor ECQV1H103JLW Datasheet HTML 6Page - Panasonic Semiconductor ECQV1H103JLW Datasheet HTML 7Page - Panasonic Semiconductor ECQV1H103JLW Datasheet HTML 8Page - Panasonic Semiconductor ECQV1H103JLW Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
−FC29−
Plastic Film Capacitors
■Specifications
Category temp. range
(Including temperature-rise on unit surface)
Rated voltage
Capacitance range
Capacitance tolerance
Dissipation factor (tan )
Withstand voltage
– 40 ˚C to + 105 ˚C
50 VDC, 63 VDC, 100 VDC
(Derating of rated voltage by 2.5 %/˚C at more than 85 ˚C)
0.010 µF to 2.2 µF
± 5 %(J)
tan <
=1.0 % (20 ˚C, 1 kHz)
Between terminals : Rated volt. (VDC) 150 % 60 s
Insulation resistance (IR)
Type:
ECQV(L)/(M)
Stacked Metallized Plastic Film Capacitor
Designed for high density insertion applications.
■Features
Small size and large capacitance
Excellent electric characteristics in non-inductive
construction
Wide range for automatic insertion
RoHS directive compliant
■Recommended Applications
General purpose
Noise suppression for logic circuit
■Explanation of Part Numbers
12
34
56
789
10
11
12
E
C
Q
V
Product code
Dielectric &
construction
Rated voltage
Capacitance
J
Cap. Tol. Suffix
Suffix
Cut lead
■Dimensions in mm (not to scale)
■Packaging Specifications for Bulk Package
Packing quantity:100 pcs./bag
C <
= 0.33 µF : IR>
=3000 M
Ω
20 ˚C, 50 VDC, 60 s ECQV1H, ECQV1J
C > 0.33 µF : IR>
=1000 M
Ω . µF
20 ˚C, 100 VDC, 60 s ECQV1
()
❈ In case of applying voltage in alternating current (50 Hz or 60 Hz sine wave) to a capacitor with DC rated voltage, please
refer to the page of “Permissible voltage (R.M.S) in alternating current corresponding to DC rated voltage”.
1H
1J
1
50 VDC
63 VDC
100 VDC
L
M
50 VDC
63 VDC
100 VDC
Suffix
Blank
W
A
2
3
Lead Form
Straight
Crimped lead
Cut lead
Straight taping (Ammo)
Crimped taping (Ammo)
p Œ ¯ ¶
‚ P1 ‘32
12.11.14 20:49
y [ W
29


Similar Part No. - ECQV1H103JLW

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQV1H103JLW PANASONIC-ECQV1H103JLW Datasheet
229Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQV1H103JLW PANASONIC-ECQV1H103JLW Datasheet
223Kb / 9P
   Stacked Metallized Plastic Film Capacitor
More results

Similar Description - ECQV1H103JLW

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-V1J474JMW PANASONIC-ECQ-V1J474JMW Datasheet
223Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1H474JL3 PANASONIC-ECQ-V1H474JL3 Datasheet
112Kb / 4P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1H824JL3 PANASONIC-ECQ-V1H824JL3 Datasheet
223Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1183JM2 PANASONIC-ECQ-V1183JM2 Datasheet
112Kb / 4P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1H154JL2 PANASONIC-ECQ-V1H154JL2 Datasheet
223Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1H224JL3 PANASONIC-ECQ-V1H224JL3 Datasheet
619Kb / 3P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1J393JM9 PANASONIC-ECQ-V1J393JM9 Datasheet
223Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1H473JL2 PANASONIC-ECQ-V1H473JL2 Datasheet
223Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1H273JL3 PANASONIC-ECQ-V1H273JL3 Datasheet
223Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1H104JL2 PANASONIC-ECQ-V1H104JL2 Datasheet
229Kb / 9P
   Stacked Metallized Plastic Film Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com