Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECKD3D182KBP Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ECKD3D182KBP
Description  High Voltage Ceramic Disc Capacitors Rated 1 to 3 kVDC, Temp. Char. Y5P
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECKD3D182KBP Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ECKD3D182KBP Datasheet HTML 1Page - Panasonic Semiconductor ECKD3D182KBP Datasheet HTML 2Page - Panasonic Semiconductor ECKD3D182KBP Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ceramic Disc Capacitors (High Voltage) /KBP
s Ratings and Characteristics
Note:
1. In straight lead types (bulk), dimensions “F” (lead spacing)” of 5.0mm is available
for rated “2 kVDC” and “3 kVDC” capacitors that are 11.0mm or less in the
diameter on special order.
2. In straight lead and taped types, dimensions “F (lead spacing)” of 5.0mm is
available for rated “2 kVDC” and “3 kVDC” capacitors that are 11.0mm or less in
the diameter on special order.
Nom.
Cap.
(pF)
Cap.
Tol.**
(%)
Dim. in mm
D
max.
T
max.
Dim. in mm
Taped
Type
Rated
Voltage
100
120
150
180
220
270
330
390
470
560
680
820
1000
1200
1500
1800
2200
2700
±10
±10
±10
±10
±10
±10
±10
±10
±10
±10
±10
±10
±10
±10
±10
±10
±10
±10
1 kVDC
7.5
7.5
7.5
7.5
7.5
7.5
8.0
9.0
9.5
10.0
11.0
11.0
12.5
14.5
14.5
16.0
17.0
18.5
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
6.0
ECKD3F101KBP
ECKD3F121KBP
ECKD3F151KBP
ECKD3F181KBP
ECKD3F221KBP
ECKD3F271KBP
ECKD3F331KBP
ECKD3F391KBP
ECKD3F471KBP
ECKD3F561KBP
ECKD3F681KBP
ECKD3F821KBP
ECKD3F102KBP
ECKD3F122KBP
ECKD3F152KBP
ECKD3F182KBP
ECKD3F222KBP
ECKD3F272KBP
7.5
±1.5
7.5
±1.5
7.5
±1.5
7.5
±1.5
7.5
±1.5
7.5
±1.5
7.5
±1.5
7.5
±1.5
7.5
±1.5
7.5
±1.5
7.5
±1.5
7.5
±1.5
7.5
±1.5
10.0
±1.5
10.0
±1.5
10.0
±1.5
10.0
±1.5
10.0
±1.5
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
Part No.
Straight Lead Type (Bulk)
Dim. in mm
F
d
ECKZ3F101KBP
ECKZ3F121KBP
ECKZ3F151KBP
ECKZ3F181KBP
ECKZ3F221KBP
ECKZ3F271KBP
ECKZ3F331KBP
ECKZ3F391KBP
ECKZ3F471KBP
ECKZ3F561KBP
ECKZ3F681KBP
ECKZ3F821KBP
ECKZ3F102KBP
ECKZ3F122KBP
ECKZ3F152KBP
ECKZ3F182KBP
ECKZ3F222KBP
ECKZ3F272KBP
Z1
Z1
Z1
Z1
Z1
Z1
Z1
Z1
Z1
Z1
Z1
Z1
Z1
Z1
Z1
Z2
Z2
Z2
R1
R1
R1
R1
R1
R1
R1
R1
R1
R1
R1
R1
R1
R1
R1
R2
R2
R2
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
Part No.
Straight Lead Taped Type*
Taped
Type
Dim. in mm
F
d
ECKR3F101KBP
ECKR3F121KBP
ECKR3F151KBP
ECKR3F181KBP
ECKR3F221KBP
ECKR3F271KBP
ECKR3F331KBP
ECKR3F391KBP
ECKR3F471KBP
ECKR3F561KBP
ECKR3F681KBP
ECKR3F821KBP
ECKR3F102KBP
ECKR3F122KBP
ECKR3F152KBP
ECKR3F182KBP
ECKR3F222KBP
ECKR3F272KBP
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
7.5
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
0.65
Part No.
Crimped Lead Taped Type*
F
d
** Capacitance tolerance of
±5% is available on special order.
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety issues arises from this product, please inform us immediately for technical consultation.


Similar Part No. - ECKD3D182KBP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECKD3D182KBP PANASONIC-ECKD3D182KBP Datasheet
46Kb / 3P
   Ceramic Disc Capacitors (High Voltage) /KBP
ECKD3D182KBP PANASONIC-ECKD3D182KBP Datasheet
46Kb / 3P
   Ceramic Disc Capacitors (High Voltage) /KBP
ECKD3D182KBP PANASONIC-ECKD3D182KBP Datasheet
46Kb / 3P
   Ceramic Disc Capacitors (High Voltage) /KBP
More results

Similar Description - ECKD3D182KBP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECKD3G101MDU PANASONIC-ECKD3G101MDU Datasheet
141Kb / 2P
   High Voltage Ceramic Disc Capacitors, Rated 4 to 15 kVDC, Temp. Char. Y5T
logo
Vishay Siliconix
561R1DF0D10 VISHAY-561R1DF0D10 Datasheet
106Kb / 7P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors 1 kVDC to 3 kVDC Low Dissipation Factor
01-Jan-2022
S222K53X7RP63K7R VISHAY-S222K53X7RP63K7R Datasheet
379Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S101M33Z5UR63K6R VISHAY-S101M33Z5UR63K6R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
615R VISHAY-615R Datasheet
81Kb / 4P
   High Voltage Ceramic DC Disc Capacitors 10 kVDC and 15 kVDC
Revision: 09-Mar-16
S103M47Z5UN63L0R VISHAY-S103M47Z5UN63L0R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
715C-KT VISHAY-715C-KT Datasheet
84Kb / 4P
   High Voltage Class 1 Ceramic DC Disc Capacitors, Screw Terminal Mounting, 10 kVDC to 40 kVDC
Revision: 19-Jan-17
S101K25X7RN6UJ5R VISHAY-S101K25X7RN6UJ5R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
660C VISHAY-660C Datasheet
91Kb / 5P
   High Voltage Ceramic DC Disc Capacitors with Axial Leads, 10 kVDC to 30 kVDC
Revision: 11-Sep-15
564R VISHAY-564R Datasheet
94Kb / 5P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
Revision: 06-Jul-16
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com