Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM29F040-70FC Datasheet(PDF) 6 Page - Advanced Micro Devices

Part # AM29F040-70FC
Description  4 Megabit (524,288 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F040-70FC Datasheet(HTML) 6 Page - Advanced Micro Devices

Back Button AM29F040-70FC Datasheet HTML 2Page - Advanced Micro Devices AM29F040-70FC Datasheet HTML 3Page - Advanced Micro Devices AM29F040-70FC Datasheet HTML 4Page - Advanced Micro Devices AM29F040-70FC Datasheet HTML 5Page - Advanced Micro Devices AM29F040-70FC Datasheet HTML 6Page - Advanced Micro Devices AM29F040-70FC Datasheet HTML 7Page - Advanced Micro Devices AM29F040-70FC Datasheet HTML 8Page - Advanced Micro Devices AM29F040-70FC Datasheet HTML 9Page - Advanced Micro Devices AM29F040-70FC Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
6
Am29F040
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed
by a combination of:
Valid Combinations
Valid Combinations list configurations planned to be sup-
ported in volume for this device. Consult the local AMD sales
office to confirm availability of specific valid combinations and
to check on newly released combinations.
TEMPERATURE RANGE
C = Commercial (0
°C to +70°C)
I = Industrial (–40
°C to +85°C)
E = Extended (–55
°C to +125°C)
PACKAGE TYPE
P = 32-Pin Plastic DIP (PD 032)
J = 32-Pin Rectangular Plastic Leaded Chip
Carrier (PL 032)
E = 32-Pin Thin Small Outline Package (TSOP)
Standard Pinout (TS 032)
F = 32-Pin Thin Small Outline Package (TSOP)
Reverse Pinout (TSR032)
DEVICE NUMBER/DESCRIPTION
Am29F040
4 Megabit (524,288 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
AM29F040
-55
E
C
OPTIONAL PROCESSING
Blank = Standard Processing
B
= Burn-In
B
SPEED OPTION
See Product Selector Guide
and Valid Combinations
Valid Combinations
AM29F040-55
JC, JI, JE, EC, EI, EE, FC, FI, FE
AM29F040-70
AM29F040-90
PC, PCB, PI, PIB, PE, PEB,
JC, JCB, JI, JIB, JE, JEB,
EC, ECB, EI, EIB, EE, EEB,
FC, FCB, FI, FIB, P11
FE, FEB
AM29F040-120
AM29F040-150


Similar Part No. - AM29F040-70FC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29F040B AMD-AM29F040B Datasheet
394Kb / 30P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F040B AMD-AM29F040B Datasheet
981Kb / 36P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
SPANSION
AM29F040B-09 SPANSION-AM29F040B-09 Datasheet
918Kb / 36P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Advanced Micro Devices
AM29F040B-1 AMD-AM29F040B-1 Datasheet
790Kb / 35P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F040B-120EC AMD-AM29F040B-120EC Datasheet
790Kb / 35P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
More results

Similar Description - AM29F040-70FC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29F400AT AMD-AM29F400AT Datasheet
136Kb / 35P
   4 Megabit (524,288 x 8-Bit/262,144 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
AM29F800T AMD-AM29F800T Datasheet
250Kb / 41P
   8 Megabit (1,048,576 x 8-Bit/524,288 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
AM29F016 AMD-AM29F016 Datasheet
219Kb / 36P
   16-Megabit (2,097,152 x 8-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
logo
Hynix Semiconductor
HY29F040A HYNIX-HY29F040A Datasheet
282Kb / 40P
   512K x 8-bit CMOS 5.0 volt-only, Sector Erase Flash Memory
logo
Advanced Micro Devices
AM29LV081B AMD-AM29LV081B Datasheet
39Kb / 6P
   8 Megabit (1 M x 8-Bit) CMOS 3.0 Volt-only Sector Erase Flash Memory
AM29F040B AMD-AM29F040B Datasheet
394Kb / 30P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F004B AMD-AM29F004B Datasheet
993Kb / 37P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
AM29F040B-09 SPANSION-AM29F040B-09 Datasheet
918Kb / 36P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F032B SPANSION-AM29F032B_09 Datasheet
803Kb / 40P
   32 Megabit (4 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
AM29F004B SPANSION-AM29F004B_06 Datasheet
944Kb / 37P
   4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com