Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM28F256-90EI Datasheet(PDF) 6 Page - Advanced Micro Devices

Part # AM28F256-90EI
Description  256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM28F256-90EI Datasheet(HTML) 6 Page - Advanced Micro Devices

Back Button AM28F256-90EI Datasheet HTML 2Page - Advanced Micro Devices AM28F256-90EI Datasheet HTML 3Page - Advanced Micro Devices AM28F256-90EI Datasheet HTML 4Page - Advanced Micro Devices AM28F256-90EI Datasheet HTML 5Page - Advanced Micro Devices AM28F256-90EI Datasheet HTML 6Page - Advanced Micro Devices AM28F256-90EI Datasheet HTML 7Page - Advanced Micro Devices AM28F256-90EI Datasheet HTML 8Page - Advanced Micro Devices AM28F256-90EI Datasheet HTML 9Page - Advanced Micro Devices AM28F256-90EI Datasheet HTML 10Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
6
Am28F256
PIN DESCRIPTION
A0–A14
Address Inputs for memory locations. Internal latches
hold addresses during write cycles.
CE# (E#)
Chip Enable active low input activates the chip’s control
logic and input buffers. Chip Enable high will deselect
the device and operates the chip in stand-by mode.
DQ0–DQ7
Data Inputs during memor y write cycles. Internal
latches hold data during write cycles. Data Outputs
during memory read cycles.
NC
No Connect-corresponding pin is not connected
internally to the die.
OE# (G#)
Output Enable active low input gates the outputs of the
device through the data buffers dur ing memor y
read cycles. Output Enable is high during command
sequencing and program/erase operations.
V
CC
Power supply for device operation. (5.0 V
± 5% or 10%)
V
PP
Program voltage input. VPP must be at high voltage in
order to write to the command register. The command
register controls all functions required to alter the
memory array contents. Memory contents cannot be
altered when VPP ≤ VCC +2 V.
V
SS
Ground
WE# (W#)
Write Enable active low input controls the write function
of the command register to the memory array. The
target address is latched on the falling edge of the
Write Enable pulse and the appropriate data is latched
on the rising edge of the pulse. Write Enable high
inhibits writing to the device.


Similar Part No. - AM28F256-90EI

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM28F256A AMD-AM28F256A Datasheet
456Kb / 35P
   256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F256A-120EC AMD-AM28F256A-120EC Datasheet
456Kb / 35P
   256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F256A-120ECB AMD-AM28F256A-120ECB Datasheet
456Kb / 35P
   256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F256A-120EE AMD-AM28F256A-120EE Datasheet
456Kb / 35P
   256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F256A-120EEB AMD-AM28F256A-120EEB Datasheet
456Kb / 35P
   256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
More results

Similar Description - AM28F256-90EI

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM28F256A AMD-AM28F256A Datasheet
456Kb / 35P
   256 Kilobit (32 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F512 AMD-AM28F512 Datasheet
484Kb / 35P
   512 Kilobit (64 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AM28F020 AMD-AM28F020 Datasheet
509Kb / 35P
   2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AM28F512A AMD-AM28F512A Datasheet
463Kb / 34P
   512 Kilobit (64 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F010 AMD-AM28F010 Datasheet
492Kb / 35P
   1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AM28F020A AMD-AM28F020A Datasheet
470Kb / 35P
   2 Megabit (256 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM28F010A AMD-AM28F010A Datasheet
464Kb / 35P
   1 Megabit (128 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory with Embedded Algorithms
AM27C256 AMD-AM27C256 Datasheet
171Kb / 12P
   256 Kilobit (32 K x 8-Bit) CMOS EPRO
AM27X256 AMD-AM27X256 Datasheet
139Kb / 10P
   256 Kilobit (32 K x 8-Bit) CMOS ExpressROM Device
logo
Mosel Vitelic, Corp
V29LC51000 MOSEL-V29LC51000 Datasheet
52Kb / 12P
   512 KILOBIT 65,536 x 8 BIT 5 VOLT CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com