Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEEHBJ101UAR Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EEEHBJ101UAR
Description  Aluminum Electrolytic Capacitors/ HB
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEEHBJ101UAR Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EEEHBJ101UAR Datasheet HTML 1Page - Panasonic Semiconductor EEEHBJ101UAR Datasheet HTML 2Page - Panasonic Semiconductor EEEHBJ101UAR Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ HB
– EEE-23 –
✽Size code( ):Miniaturization product
If Part number exceeds 12 digits, voltage code is abbreviated as follows; 0J
J, 1A
A, 1C
C, 1E
E, 1V
V
· Please refer to the page of “Reflow Profile” and “The Taping Dimensions”.
· When requesting vibration-proof product, please put the last “V” instead to “P”
High temperate Lead-Free reflow Products
W.V.
Cap.
(±20 %)
Case size
Specification
Part No.
(RoHS:compliant)
Reflow
Min.
Packaging Q'ty
Dia.
Length
✽Size
Code
Ripple
Current
(120 Hz)
(+105°C)
tan
δ
(120 Hz)
(+20 °C)
Taping
(V)
(µF)
(mm)
(mm)
(mA r.m.s.)
(pcs)
35
4.7
4
5.8
B
21
0.12
EEEHB1V4R7AR
(5)
2000
6.8
4
5.8
(B)
25
0.12
EEEHBV6R8UAR
(5)
2000
10
5
5.8
C
28
0.12
EEEHB1V100AR
(5)
1000
22
6.3
5.8
D
55
0.12
EEEHB1V220AP
(5)
1000
33
8
6.2
E
84
0.14
EEEHB1V330AP
(7)
1000
47
6.3
7.7
D8
98
0.20
EEEHBV470YAP
(5)
900
86.2
(E)
91
0.18
EEEHBV470UAP
(7)
1000
810.2
F
98
0.14
EEEHB1V470AP
(7)
500
100
810.2
(F)
98
0.20
EEEHBV101UAP
(7)
500
10
10.2
G
160
0.14
EEEHB1V101AP
(7)
500
220
10
10.2
(G)
180
0.14
EEEHBV221UAP
(7)
500
50
0.1
4
5.8
B
1
0.12
EEEHB1HR10AR
(5)
2000
0.22
4
5.8
B
2
0.12
EEEHB1HR22AR
(5)
2000
0.33
4
5.8
B
3
0.12
EEEHB1HR33AR
(5)
2000
0.47
4
5.8
B
5
0.12
EEEHB1HR47AR
(5)
2000
0.68
4
5.8
B
7
0.12
EEEHB1HR68AR
(5)
2000
14
5.8
B
10
0.12
EEEHB1H1R0AR
(5)
2000
2.2
4
5.8
B
16
0.12
EEEHB1H2R2AR
(5)
2000
3.3
4
5.8
B
16
0.12
EEEHB1H3R3AR
(5)
2000
4.7
5
5.8
C
23
0.12
EEEHB1H4R7AR
(5)
1000
6.8
5
5.8
C
23
0.12
EEEHB1H6R8AR
(5)
1000
10
6.3
5.8
D
35
0.12
EEEHB1H100AP
(5)
1000
22
6.3
5.8
(D)
35
0.14
EEEHBH220UAP
(5)
1000
86.2
E
70
0.12
EEEHB1H220AP
(7)
1000
33
8
10.2
F
91
0.12
EEEHB1H330AP
(7)
500
47
6.3
7.7
D8
63
0.12
EEEHBH470YAP
(5)
900
810.2
(F)
95
0.12
EEEHBH470UAP
(7)
500
10
10.2
G
100
0.12
EEEHB1H470AP
(7)
500
100
10
10.2
(G)
250
0.12
EEEHBH101UAP
(7)
500
220
10
10.2
(G)
270
0.18
EEEHBH221UAP
(7)
500
Endurance : 105 °C 2000 h
00 Nov. 2012


Similar Part No. - EEEHBJ101UAR

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEEHBJ101UAR PANASONIC-EEEHBJ101UAR Datasheet
79Kb / 3P
   Aluminum Electrolytic Capacitors/ HB
EEEHBJ101UAR PANASONIC-EEEHBJ101UAR Datasheet
79Kb / 3P
   Aluminum Electrolytic Capacitors/ HB
EEEHBJ101UAR PANASONIC-EEEHBJ101UAR Datasheet
79Kb / 3P
   Aluminum Electrolytic Capacitors/ HB
EEEHBJ101UAR PANASONIC-EEEHBJ101UAR Datasheet
73Kb / 3P
   Aluminum Electrolytic Capacitors
More results

Similar Description - EEEHBJ101UAR

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEE-HBH101UAP PANASONIC-EEE-HBH101UAP Datasheet
79Kb / 3P
   Aluminum Electrolytic Capacitors/ HB
EEE-HB1C220AR PANASONIC-EEE-HB1C220AR Datasheet
79Kb / 3P
   Aluminum Electrolytic Capacitors/ HB
EEE-HB1V220AP PANASONIC-EEE-HB1V220AP Datasheet
79Kb / 3P
   Aluminum Electrolytic Capacitors/ HB
EEE-HB1H100P PANASONIC-EEE-HB1H100P Datasheet
95Kb / 3P
   Aluminum Electrolytic Capacitors/ HB
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com