Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEEHBJ331UAP Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEEHBJ331UAP
Description  Aluminum Electrolytic Capacitors/ HB
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEEHBJ331UAP Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEEHBJ331UAP Datasheet HTML 1Page - Panasonic Semiconductor EEEHBJ331UAP Datasheet HTML 2Page - Panasonic Semiconductor EEEHBJ331UAP Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ HB
– EEE-22 –
✽Size code( ):Miniaturization product
If Part number exceeds 12 digits, voltage code is abbreviated as follows; 0J
J, 1A
A, 1C
C, 1E
E, 1V
V
· Please refer to the page of “Reflow Profile” and “The Taping Dimensions”.
· When requesting vibration-proof product, please put the last “V” instead to “P”
High temperate Lead-Free reflow Products
W.V.
Cap.
(±20 %)
Case size
Specification
Part No.
(RoHS:compliant)
Reflow
Min.
Packaging Q'ty
Dia.
Length
✽Size
Code
Ripple
Current
(120 Hz)
(+105°C)
tan
δ
(120 Hz)
(+20 °C)
Taping
(V)
(µF)
(mm)
(mm)
(mA r.m.s.)
(pcs)
6.3
22
4
5.8
B
26
0.30
EEEHB0J220AR
(5)
2000
33
4
5.8
B
29
0.30
EEEHB0J330AR
(5)
2000
47
45.8
(B)
26
0.50
EEEHBJ470UAR
(5)
2000
55.8
C
46
0.30
EEEHB0J470AR
(5)
1000
100
55.8
(C)
42
0.50
EEEHBJ101UAR
(5)
1000
6.3
5.8
D
71
0.30
EEEHB0J101AP
(5)
1000
220
6.3
5.8
(D)
80
0.50
EEEHBJ221UAP
(5)
1000
810.2
F
150
0.35
EEEHB0J221AP
(7)
500
330
86.2
(E)
180
0.50
EEEHBJ331UAP
(7)
1000
810.2
F
230
0.35
EEEHB0J331AP
(7)
500
470
8
10.2
(F)
230
0.50
EEEHBJ471UAP
(7)
500
1500
10
10.2
(G)
290
0.50
EEEHBJ152UAP
(7)
500
10
33
45.8
(B)
23
0.30
EEEHBA330UAR
(5)
2000
55.8
C
43
0.26
EEEHB1A330AR
(5)
1000
68
6.3
5.8
D
70
0.22
EEEHB1A680AP
(5)
1000
100
6.3
5.8
(D)
71
0.30
EEEHBA101UAP
(5)
1000
86.2
E
110
0.26
EEEHB1A101AP
(7)
1000
150
6.3
5.8
(D)
64
0.50
EEEHBA151UAP
(5)
1000
220
86.2
(E)
110
0.30
EEEHBA221UAP
(7)
1000
810.2
F
160
0.26
EEEHB1A221AP
(7)
500
470
810.2
(F)
220
0.35
EEEHBA471UAP
(7)
500
10
10.2
G
270
0.26
EEEHB1A471AP
(7)
500
16
10
4
5.8
B
28
0.16
EEEHB1C100AR
(5)
2000
22
45.8
(B)
29.5
0.26
EEEHBC220UAR
(5)
2000
55.8
C
39
0.16
EEEHB1C220AR
(5)
1000
33
6.3
5.8
D
65
0.16
EEEHB1C330AP
(5)
1000
47
55.8
(C)
39
0.26
EEEHBC470UAR
(5)
1000
6.3
5.8
D
70
0.16
EEEHB1C470AP
(5)
1000
6.3
7.7
D8
84
0.16
EEEHBC470XAP
(5)
900
100
6.3
5.8
(D)
70
0.26
EEEHBC101UAP
(5)
1000
810.2
F
120
0.20
EEEHB1C101AP
(7)
500
220
810.2
(F)
150
0.20
EEEHBC221UAP
(7)
500
10
10.2
G
210
0.20
EEEHB1C221AP
(7)
500
330
10
10.2
G
230
0.20
EEEHB1C331AP
(7)
500
470
810.2
(F)
240
0.40
EEEHBC471UAP
(7)
500
10
10.2
G
340
0.20
EEEHB1C471AP
(7)
500
25
4.7
4
5.8
B
22
0.14
EEEHB1E4R7AR
(5)
2000
6.8
4
5.8
B
25
0.14
EEEHB1E6R8AR
(5)
2000
10
45.8
(B)
28
0.16
EEEHBE100UAR
(5)
2000
55.8
C
28
0.14
EEEHB1E100AR
(5)
1000
22
6.3
5.8
D
55
0.14
EEEHB1E220AP
(5)
1000
33
55.8
(C)
50
0.20
EEEHBE330UAR
(5)
1000
6.3
5.8
D
65
0.14
EEEHB1E330AP
(5)
1000
47
6.3
5.8
(D)
65
0.20
EEEHBE470UAP
(5)
1000
86.2
E
91
0.16
EEEHB1E470AP
(7)
1000
100
86.2
(E)
100
0.16
EEEHBE101UAP
(7)
1000
810.2
F
130
0.16
EEEHB1E101AP
(7)
500
220
810.2
(F)
130
0.30
EEEHBE221UAP
(7)
500
10
10.2
G
190
0.16
EEEHB1E221AP
(7)
500
330
810.2
(F)
130
0.30
EEEHBE331UAP
(7)
500
10
10.2
G
220
0.16
EEEHB1E331AP
(7)
500
470
10
10.2
(G)
230
0.30
EEEHBE471UAP
(7)
500
Endurance : 105 °C 2000 h
00 Nov. 2012


Similar Part No. - EEEHBJ331UAP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEEHBJ331UAP PANASONIC-EEEHBJ331UAP Datasheet
79Kb / 3P
   Aluminum Electrolytic Capacitors/ HB
EEEHBJ331UAP PANASONIC-EEEHBJ331UAP Datasheet
79Kb / 3P
   Aluminum Electrolytic Capacitors/ HB
EEEHBJ331UAP PANASONIC-EEEHBJ331UAP Datasheet
79Kb / 3P
   Aluminum Electrolytic Capacitors/ HB
EEEHBJ331UAP PANASONIC-EEEHBJ331UAP Datasheet
73Kb / 3P
   Aluminum Electrolytic Capacitors
More results

Similar Description - EEEHBJ331UAP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEE-HBH101UAP PANASONIC-EEE-HBH101UAP Datasheet
79Kb / 3P
   Aluminum Electrolytic Capacitors/ HB
EEE-HB1C220AR PANASONIC-EEE-HB1C220AR Datasheet
79Kb / 3P
   Aluminum Electrolytic Capacitors/ HB
EEE-HB1V220AP PANASONIC-EEE-HB1V220AP Datasheet
79Kb / 3P
   Aluminum Electrolytic Capacitors/ HB
EEE-HB1H100P PANASONIC-EEE-HB1H100P Datasheet
95Kb / 3P
   Aluminum Electrolytic Capacitors/ HB
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com