Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEFHD0D221R Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEFHD0D221R
Description  Specialty Polymer Aluminum Electrolytic Chip Capacitors (SP?밅ap) / H
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEFHD0D221R Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEFHD0D221R Datasheet HTML 1Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
9
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation.
< 200% of initial specified value
Capacitance change
D.F.
DC leakage current
H
Series:
Features
Specifications
Japan
● High Reliability (125°C)
● Low ESR & High Ripple Current
Surface Mount Type
Operating Temp. Range
-40 to +125
oC
Rated W.V. Range
2 to 8 V. DC
Nominal Cap. Range
33 to 330
mF
Capacitance Tolerance
±20 % (120Hz/+20
oC)
DC Leakage Current
Dissipation Factor
After storing for 500 hours at +60
oC, 90%R.H.
±10% of initial measured value
< Initial specified value
< Initial specified value
I
< 0.1 CV after 2minutes
■ Dimensions in mm(not to scale)
Rated Working Voltage x 1.25 (+15 to +35
oC)
■ Marking
■ Standard product
Surge Voltage
Endurance
Moisture Resistance
D.F.
DC leakage current
Cap.
Polarity bar (Positive)
W.V. code
0.1 max. (120Hz/+20
oC)
P
(
+)
(
-)
L
w1
P
of initial measured value.
Capacitance change
2, 2.5W.V.: +70%,-20%, 4W.V.: +60%,-20%, 6.3W.V.: +50%,-20%, 8W.V.: +40%,-20%
After applying rated working voltage for 1000 hours or derated voltage (working voltage x 0.875 at 115°C or
Initial specified value
working voltage x 0.75 at 125°C) and then being stabilized at 20°C, the capacitor shall meet the following limits.
Specialty Polymer Aluminum Electrolytic
Chip Capacitors (SP–Cap) / H
Ripple Current
(A r.m.s./100kHz)
+20 to 125°C
ESR
(m
o) max
(100kHz/+20°C)
2
100
1.8
18
EEFHL0D101R
3500
2.5
82
1.8
18
EEFHL0E820R
3500
56
1.8
18
EEFHL0G560R
3500
68
1.8
18
EEFHL0G680R
3500
6.3
47
1.8
18
EEFHL0J470R
3500
8
33
1.8
18
EEFHL0K330R
3500
180
2.5
15
EEFHD0D181R
2000
220
2.5
15
EEFHD0D221R
2000
150
2.5
15
EEFHD0E151R
2000
180
2.5
15
EEFHD0E181R
2000
4
120
2.5
15
EEFHD0G121R
2000
6.3
100
2.5
15
EEFHD0J101R
2000
8
68
2.5
15
EEFHD0K680R
2000
270
3.0
12
EEFHE0D271R
2000
330
3.0
12
EEFHE0D331R
2000
220
3.0
12
EEFHE0E221R
2000
270
3.0
12
EEFHE0E271R
2000
4
180
3.0
12
EEFHE0G181R
2000
6.3
150
3.0
12
EEFHE0J151R
2000
8
100
3.0
12
EEFHE0K101R
2000
2.5
2
2.5
4
2
Part Number
Min Pkg
Q'ty
(pcs)
Series
Rated W.V.
(V.DC)
Capacitance
(
* 20%)
(uF)
Specification
HD
HE
*HL
Size Code
L
*0.2
W1
*0.2
W2
*0.1
H
*0.1
P
*0.3
HL
7.3
4.3
2.4
1.8
1.3
HD
7.3
4.3
2.4
2.8 * 0. 2
1.3
HE
7.3
4.3
2.4
4.2
1.3
* Mass-production begins Q4/2002.


Similar Part No. - EEFHD0D221R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEFHD0D221R PANASONIC-EEFHD0D221R Datasheet
127Kb / 4P
   SP-Cap/ Polymer Aluminum Capacitors
More results

Similar Description - EEFHD0D221R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEF-SD0G151R PANASONIC-EEF-SD0G151R Datasheet
73Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-SX0E471E4 PANASONIC-EEF-SX0E471E4 Datasheet
71Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-UD0K101ER PANASONIC-EEF-UD0K101ER Datasheet
97Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-ST0D331R PANASONIC-EEF-ST0D331R Datasheet
58Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-UE0G331R PANASONIC-EEF-UE0G331R Datasheet
97Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-CD0J470R PANASONIC-EEF-CD0J470R Datasheet
97Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-CD1C2R2R PANASONIC-EEF-CD1C2R2R Datasheet
84Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-CD0K220R PANASONIC-EEF-CD0K220R Datasheet
65Kb / 2P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-CX0J101R PANASONIC-EEF-CX0J101R Datasheet
93Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
EEF-UD0G151LE PANASONIC-EEF-UD0G151LE Datasheet
107Kb / 3P
   SP-Cap/ Conductive Polymer Aluminum Capacitors (Specialty Polymer Aluminum Capacitors)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com