Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EETED2E561EA Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EETED2E561EA
Description  Large Can Aluminum Electrolytic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETED2E561EA Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EETED2E561EA Datasheet HTML 1Page - Panasonic Semiconductor EETED2E561EA Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TS-ED Standard Ratings (continued)
Cap.
Panasonic
(µF)
120Hz
10kHz~
120Hz
20kHz
Part Number
220
25 x 40
1.42
2.03
0.603
0.271
EETED2G221CA
30 x 30
1.42
2.03
0.603
0.271
EETED2G221DA
35 x 25
1.42
2.03
0.603
0.271
EETED2G221EA
270
25 x 45
1.56
2.23
0.491
0.221
EETED2G271CA
30 x 35
1.56
2.23
0.491
0.221
EETED2G271DA
35 x 30
1.56
2.23
0.491
0.221
EETED2G271EA
330
30 x 40
1.71
2.44
0.402
0.181
EETED2G331DA
35 x 30
1.71
2.44
0.402
0.181
EETED2G331EA
390
30 x 45
1.85
2.64
0.340
0.153
EETED2G391DA
35 x 35
1.85
2.64
0.340
0.153
EETED2G391EA
470
35 x 40
2.01
2.87
0.282
0.127
EETED2G471EA
560
35 x 45
2.35
3.36
0.237
0.107
EETED2G561EA
68
22 x 25
1.08
0.95
1.950
0.878
EETED2S680BA
82
22 x 30
1.14
1.08
1.617
0.728
EETED2S820BA
25 x 25
1.14
1.08
1.617
0.728
EETED2S820CA
100
22 x 30
1.30
1.14
1.326
0.597
EETED2S101BA
25 x 25
1.30
1.14
1.326
0.597
EETED2S101CA
120
22 x 35
1.46
1.30
1.105
0.497
EETED2S121BA
25 x 30
1.46
1.30
1.105
0.497
EETED2S121CA
150
22 x 40
1.53
1.46
0.884
0.398
EETED2S151BA
25 x 35
1.53
1.46
0.884
0.398
EETED2S151CA
30 x 25
1.53
1.46
0.884
0.398
EETED2S151DA
180
22 x 45
1.60
1.53
0.737
0.332
EETED2S181BA
25 x 40
1.60
1.53
0.737
0.332
EETED2S181CA
30 x 30
1.60
1.53
0.737
0.332
EETED2S181DA
35 x 25
1.60
1.53
0.737
0.332
EETED2S181EA
220
25 x 45
2.03
1.60
0.603
0.271
EETED2S221CA
30 x 35
2.03
1.60
0.603
0.271
EETED2S221DA
35 x 30
2.03
1.60
0.603
0.271
EETED2S221EA
270
25 x 50
2.40
2.03
0.491
0.221
EETED2S271CA
30 x 40
2.40
2.03
0.491
0.221
EETED2S271DA
35 x 30
2.40
2.03
0.491
0.221
EETED2S271EA
330
30 x 45
2.54
2.45
0.402
0.181
EETED2S331DA
35 x 35
2.54
2.45
0.402
0.181
EETED2S331EA
390
30 x 50
2.73
2.64
0.340
0.153
EETED2S391DA
35 x 40
2.73
2.64
0.340
0.153
EETED2S391EA
470
35 x 45
3.18
2.82
0.282
0.127
EETED2S471EA
56
22 x 25
0.67
0.95
2.368
1.066
EETED2W560BA
68
22 x 30
0.76
1.08
1.950
0.878
EETED2W680BA
25 x 25
0.76
1.08
1.950
0.878
EETED2W680CA
82
22 x 30
0.80
1.14
1.617
0.728
EETED2W820BA
25 x 25
0.80
1.14
1.617
0.728
EETED2W820CA
100
22 x 35
0.91
1.30
1.326
0.597
EETED2W101BA
25 x 30
0.91
1.30
1.326
0.597
EETED2W101CA
120
22 x 40
1.02
1.46
1.105
0.497
EETED2W121BA
25 x 35
1.02
1.46
1.105
0.497
EETED2W121CA
30 x 25
1.02
1.46
1.105
0.497
EETED2W121DA
150
22 x 45
1.07
1.53
0.884
0.398
EETED2W151BA
25 x 40
1.07
1.53
0.884
0.398
EETED2W151CA
30 x 30
1.07
1.53
0.884
0.398
EETED2W151DA
35 x 25
1.07
1.53
0.884
0.398
EETED2W151EA
180
22 x 50
1.12
1.60
0.737
0.332
EETED2W181BA
25 x 40
1.12
1.60
0.737
0.332
EETED2W181CA
30 x 30
1.12
1.60
0.737
0.332
EETED2W181DA
35 x 25
1.12
1.60
0.737
0.332
EETED2W181EA
220
25 x 45
1.42
2.03
0.603
0.271
EETED2W221CA
30 x 35
1.42
2.03
0.603
0.271
EETED2W221DA
35 x 30
1.42
2.03
0.603
0.271
EETED2W221EA
270
30 x 40
1.72
2.45
0.491
0.221
EETED2W271DA
35 x 35
1.72
2.45
0.491
0.221
EETED2W271EA
330
30 x 50
1.85
2.64
0.402
0.181
EETED2W331DA
35 x 40
1.85
2.64
0.402
0.181
EETED2W331EA
390
35 x 40
1.97
2.82
0.340
0.153
EETED2W391EA
470
35 x 50
2.47
3.53
0.282
0.127
EETED2W471EA
D x L
Size (mm)
Max 105°C R.C. (Arms)
20°C ESR (
Ω, max.)
400 VDC Working, 450 VDC Surge (continued)
420 VDC Working, 470 VDC Surge
450 VDC Working, 500 VDC Surge
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation.
Large Can Aluminum Electrolytic Capacitors


Similar Part No. - EETED2E561EA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETED2E561EA PANASONIC-EETED2E561EA Datasheet
145Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
EETED2E561EA PANASONIC-EETED2E561EA Datasheet
145Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - EETED2E561EA

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com