Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELC06D6R8E Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ELC06D6R8E
Description  Choke Coils
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELC06D6R8E Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ELC06D6R8E Datasheet HTML 1Page - Panasonic Semiconductor ELC06D6R8E Datasheet HTML 2Page - Panasonic Semiconductor ELC06D6R8E Datasheet HTML 3Page - Panasonic Semiconductor ELC06D6R8E Datasheet HTML 4Page - Panasonic Semiconductor ELC06D6R8E Datasheet HTML 5Page - Panasonic Semiconductor ELC06D6R8E Datasheet HTML 6Page - Panasonic Semiconductor ELC06D6R8E Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Choke Coils
f11.5 max.
5.0
±0.5
2–
f0.6
5.0
±0.1
2–
f1.00
±0.05
S
F
Part No.
Inductance
(µH)
Tolerance
(%)
Test Freq.
(kHz)
RDC.( )
[at 20 °C]
(Tol.±20 %)
IDC.
[at 20 °C]
(A)max.
ELC11D2R2F
2.2
±20
10
0.013
5.30
ELC11D2R7F
2.7
0.014
5.10
ELC11D3R3F
3.3
0.015
4.90
ELC11D3R9F
3.9
0.016
4.80
ELC11D4R7F
4.7
0.018
4.70
ELC11D5R6F
5.6
0.020
4.60
ELC11D6R8F
6.8
0.022
4.40
ELC11D8R2F
8.2
0.024
3.90
ELC11D100F
10.0
0.029
3.50
ELC11D120F
12.0
0.030
3.40
ELC11D150F
15.0
0.033
3.30
ELC11D180F
18.0
0.037
3.10
ELC11D220F
22.0
±10
0.040
2.80
ELC11D270F
27.0
0.048
2.70
ELC11D330F
33.0
0.051
2.60
ELC11D390F
39.0
0.057
2.50
ELC11D470F
47.0
0.063
2.30
ELC11D560F
56.0
0.071
2.10
ELC11D680F
68.0
0.082
2.00
ELC11D820F
82.0
0.090
1.90
ELC11D101F
100.0
0.120
1.80
ELC11D121F
120.0
0.160
1.60
ELC11D151F
150.0
0.180
1.40
ELC11D181F
180.0
0.200
1.30
ELC11D221F
220.0
0.230
1.20
ELC11D271F
270.0
0.320
1.10
ELC11D331F
330.0
0.350
1.00
ELC11D391F
390.0
0.400
0.95
ELC11D471F
470.0
0.490
0.82
ELC11D561F
560.0
0.620
0.73
ELC11D681F
680.0
0.780
0.64
ELC11D821F
820.0
0.870
0.62
ELC11D102F
1000.0
1.100
0.57
ELC11D122F
1200.0
1.200
0.52
ELC11D152F
1500.0
1.700
0.43
ELC11D182F
1800.0
2.000
0.40
ELC11D222F
2200.0
2.300
0.38
ELC11D272F
2700.0
2.800
0.34
ELC11D332F
3300.0
3.600
0.31
ELC11D392F
3900.0
4.500
0.29
ELC11D472F
4700.0
5.200
0.26
ELC11D562F
5600.0
6.900
0.23
ELC11D682F
6800.0
7.800
0.21
ELC11D822F
8200.0
10.600
0.18
ELC11D103F
10000.0
11.800
0.16
Examples Type 11D
Recommended PWB
piercing plan
Connection Schematic
[Dimensions in mm]
(not to scale)
✽ Allowable DC Current: Smaller current value either when the inductance is –10 % or when the case temperature has risen 45 °C.
Feb. 2006


Similar Part No. - ELC06D6R8E

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELC06D6R8E PANASONIC-ELC06D6R8E Datasheet
136Kb / 7P
   Choke Coils
ELC06D6R8E PANASONIC-ELC06D6R8E Datasheet
136Kb / 7P
   Examples Type 06D
ELC06D6R8E PANASONIC-ELC06D6R8E Datasheet
136Kb / 7P
   Choke Coils
ELC06D6R8E PANASONIC-ELC06D6R8E Datasheet
771Kb / 10P
   Choke Coils
ELC06D6R8E PANASONIC-ELC06D6R8E Datasheet
136Kb / 7P
   Choke Coils
More results

Similar Description - ELC06D6R8E

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELC11D2R2F PANASONIC-ELC11D2R2F Datasheet
321Kb / 4P
   Choke coils
ELL-6PG6R8N PANASONIC-ELL-6PG6R8N Datasheet
83Kb / 2P
   Choke Coils
ELC-09D101DF PANASONIC-ELC-09D101DF Datasheet
136Kb / 7P
   Choke Coils
ELC-09D180F PANASONIC-ELC-09D180F Datasheet
136Kb / 7P
   Choke Coils
ELC06D3R3E PANASONIC-ELC06D3R3E Datasheet
771Kb / 10P
   Choke Coils
ELC-09D680DF PANASONIC-ELC-09D680DF Datasheet
136Kb / 7P
   Choke Coils
ELC-15E561L PANASONIC-ELC-15E561L Datasheet
204Kb / 8P
   Choke Coils
ELC-16B561L PANASONIC-ELC-16B561L Datasheet
136Kb / 7P
   Choke Coils
09D PANASONIC-09D Datasheet
259Kb / 8P
   Choke Coils
ELL4FG100MA PANASONIC-ELL4FG100MA Datasheet
151Kb / 2P
   Choke Coils
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com