Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EETHD2W271LJ Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EETHD2W271LJ
Description  Aluminum Electrolytic Capacitors/ HD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETHD2W271LJ Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EETHD2W271LJ Datasheet HTML 1Page - Panasonic Semiconductor EETHD2W271LJ Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ HD
– EEE-148 –
1.5
±0.2
2.0 max.
Terminal
(t=0.8)
4.0
±0.5
Top of spin
Standard terminal type does not require
terminal trimming peocess.
L+2.0 max.
Rated voltage etc. indicate to sleeve.
(10
.0)
10.
0±0.1
2-
φ2.0±0.1
P.E.T. Sleeve
Vent
Polarity bar
Recommended PWB piercing plan
0.8
+0.2
–0.1
(
φD)
Features
● Endurance : 105 °C 3000 h
● 30 % smaller than series TS-HC
● RoHS directive compliant
Snap-in Type
Series:
HD Type: TS
Specifications
Dimensions in mm (not to scale)
Category Temp. Range
–25 °C to +105 °C
Rated W.V. Range
400 V.DC to 450 V.DC
Nominal Cap. Range
120 µF to 680 µF
Capacitance Tolerance
±20 % (120 Hz/+20 °C)
DC Leakage Current
3
CV (µA) max. After 5 minutes application of rated working voltage at +20 °C.
C : Capacitance (µF)
V: W.V. (V.DC)
tan
δ
Please see the attached standard products list
Endurance
After 3000 hours application of DC voltage with specified ripple current (
< rated DC working voltage)
at +105 °C, the capacitors shall meet the following limits.
Capacitance change
< ±20 % of initial measured value
tan
δ
< 200 % of initial specified value
DC leakage current
< initial specified value
Shelf Life
After storage for 1000 hours at +105 °C±20 °C within no voltage applied and then being stabilized
at +20 °C, capacitors shall meet the limits specified in Endurance. (With voltage treatment)
(Unit : mm)
Frequency (Hz)
50
60
100
120
5001 k
10 k to
Correction factor
0.75
0.80
0.95
1.00
1.20
1.25
1.40
Frequency correction factor for ripple current
00 Nov. 2012


Similar Part No. - EETHD2W271LJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETHD2W271LJ PANASONIC-EETHD2W271LJ Datasheet
67Kb / 2P
   Aluminum Electrolytic Capacitors/ HD
More results

Similar Description - EETHD2W271LJ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEU-HD1E472 PANASONIC-EEU-HD1E472 Datasheet
75Kb / 3P
   Aluminum Electrolytic Capacitors/ HD
EET-HD2W331KJ PANASONIC-EET-HD2W331KJ Datasheet
67Kb / 2P
   Aluminum Electrolytic Capacitors/ HD
EEE-HD1H2R2R PANASONIC-EEE-HD1H2R2R Datasheet
81Kb / 2P
   Aluminum Electrolytic Capacitors/ HD
EEE-HD2A220P PANASONIC-EEE-HD2A220P Datasheet
68Kb / 2P
   Aluminum Electrolytic Capacitors/ HD
EEU-HD1H100 PANASONIC-EEU-HD1H100 Datasheet
82Kb / 3P
   Aluminum Electrolytic Capacitors/ HD
logo
Panasonic Battery Group
EEU-HD1C101 PANASONICBATTERY-EEU-HD1C101 Datasheet
88Kb / 3P
   Aluminum Electrolytic Capacitors/ HD
logo
Panasonic Semiconductor
EEE-HD1E101AP PANASONIC-EEE-HD1E101AP Datasheet
81Kb / 2P
   Aluminum Electrolytic Capacitors/ HD
EEVHD1A101P PANASONIC-EEVHD1A101P Datasheet
39Kb / 2P
   Aluminum Electrolytic Capacitor/HD
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com