Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKMC1601111 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # EKMC1601111
Description  High-sensitive human detection sensor with built-in amp.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EKMC1601111 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  EKMC1601111 Datasheet HTML 1Page - Panasonic Semiconductor EKMC1601111 Datasheet HTML 2Page - Panasonic Semiconductor EKMC1601111 Datasheet HTML 3Page - Panasonic Semiconductor EKMC1601111 Datasheet HTML 4Page - Panasonic Semiconductor EKMC1601111 Datasheet HTML 5Page - Panasonic Semiconductor EKMC1601111 Datasheet HTML 6Page - Panasonic Semiconductor EKMC1601111 Datasheet HTML 7Page - Panasonic Semiconductor EKMC1601111 Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
PIR Motion Sensor (EKMB, EKMC, AMN2, 3)
ASCTB240E 201208-T
DIMENSIONS (mm inch)
SIDE VIEW
TOP VIEW
X-Y cross section
SIDE VIEW
TOP VIEW
X-Y cross section
5m
2m
16.404ft
6.562ft
2.5m
8.202ft
2.5m
8.202ft
5m
2m
16.404ft
6.562ft
2.5m
8.202ft
2.5m
8.202ft
2m
6.562ft
1.4m
4.593ft
YY
Y
Y
X
X
X
X
11
°
11
°
19
°
19
°
46.5
°
46.5
°
55
°
55
°
(20
°)
(20
°)
(27
°)
(27
°)
(50
°)
(58
°)
(58
°)
(50
°)
5m
16.404ft
10m
32.808ft
15.9m
52.165ft
12.3m
40.354ft
5m
16.404ft
10m
32.808ft
5. NaPiOn series
Spot detection type
6. NaPiOn series
10m detection type
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://industrial.panasonic.com/ac/e/
1. VZ series WL series
Standard type
2. VZ series WL series
Long distance detection type
General tolerance
±0.5 ±.020
General tolerance
±0.5 ±.020
CAD Data
CAD Data
45° ±4°
45°
±4°
GND
OUT
VDD
.200±.008 dia.
P.C.D. 5.08±0.2 dia.
.433 dia.
11 dia.
.018±.002 dia.
0.45±0.05 dia.
.181
4.6
.374 dia.
9.5 dia.
.512
13
.567
14.4
.866
22
.815 dia.
20.7 dia.
.795
20.2
.287
7.3
.181
4.6
.433 dia.
11 dia.
.018±.002 dia.
0.45±0.05 dia.
GND
OUT
VDD
45° ±4°
45°
±4°
2.5
.098
5
.197
.200±.008 dia.
P.C.D. 5.08±0.2 dia.


Similar Part No. - EKMC1601111

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EKMC1601111 ETC1-EKMC1601111 Datasheet
556Kb / 6P
   Passive Infrared Motion Sensor
More results

Similar Description - EKMC1601111

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AMN24112 PANASONIC-AMN24112 Datasheet
449Kb / 8P
   Passive infrared human detection sensor with built-in amp.
AMN32112 PANASONIC-AMN32112 Datasheet
449Kb / 8P
   Passive infrared human detection sensor with built-in amp.
logo
Murata Manufacturing Co...
MA40H1S-R MURATA-MA40H1S-R Datasheet
174Kb / 2P
   Human detection
logo
Advantech Co., Ltd.
USC-130 ADVANTECH-USC-130_V01 Datasheet
736Kb / 2P
   One by one human detection sensor
22-Mar-2021
logo
Shenzhen Huazhimei Semi...
HM5518A HMSEMI-HM5518A Datasheet
2Mb / 9P
   Built-in high-precision voltage detection circuit built-in MOSFET
HM5428A HMSEMI-HM5428A Datasheet
573Kb / 7P
   Built-in high-precision voltage detection circuit built-in MOSFET
HM5520A HMSEMI-HM5520A Datasheet
1Mb / 9P
   Built-in high-precision voltage detection circuit and built-in MOSFET
HM5521 HMSEMI-HM5521 Datasheet
1Mb / 9P
   Built-in high-precision voltage detection circuit
HM5421 HMSEMI-HM5421 Datasheet
380Kb / 7P
   built-in high-precision voltage detection circuit
logo
STMicroelectronics
VL53L5CP STMICROELECTRONICS-VL53L5CP Datasheet
107Kb / 4P
   Time-of-Flight ranging sensor for advanced human presence detection
June 2022 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com