Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECH8663R-TL-H Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # ECH8663R-TL-H
Description  General-Purpose Switching Device Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

ECH8663R-TL-H Datasheet(HTML) 3 Page - Sanyo Semicon Device

  ECH8663R-TL-H Datasheet HTML 1Page - Sanyo Semicon Device ECH8663R-TL-H Datasheet HTML 2Page - Sanyo Semicon Device ECH8663R-TL-H Datasheet HTML 3Page - Sanyo Semicon Device ECH8663R-TL-H Datasheet HTML 4Page - Sanyo Semicon Device ECH8663R-TL-H Datasheet HTML 5Page - Sanyo Semicon Device ECH8663R-TL-H Datasheet HTML 6Page - Sanyo Semicon Device ECH8663R-TL-H Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ECH8663R
No. A1184-3/7
Gate-to-Source Voltage, VGS -- V
RDS(on) -- VGS
Gate-to-Source Voltage, VGS -- V
ID -- VGS
Ambient Temperature, Ta --
°C
RDS(on) -- Ta
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
IS -- VSD
0
IT13613
0.1
0.4
0.5
0.2
0.3
0.6
0.7
0.8
0.9
26
48
10
0
10
30
20
40
50
60
80
70
90
100
IT13614
IT13615
IT13616
0.001
0.01
7
5
3
2
0.1
7
5
3
2
2
1.0
7
5
3
2
1.0
2
3
10
7
5
0.1
57
23
1.0
2
Ta=
--25
°C
75°
C
25
°C
VDS=10V
VGS=0V
10
57
3
10
7
5
3
0
IT13612
0
0.5
1.0
1.5
2.0
2.5
1
4
7
8
9
2
5
3
6
10
VDS=10V
Ta=25
°C
ID=1.5A
3.0A
SW Time -- ID
VGS -- Qg
Total Gate Charge, Qg -- nC
Drain Current, ID -- A
2
2
1000
10000
7
5
3
7
5
3
0.01
2
0.1
1.0
35
7
2
35
7
IT13680
VDD=10V
VGS=4.5V
td(off)
td(on)
tr
tf
10
23
5
7
01
3
5
7
9
2
4
6
8
10
11
12
13
0
0.5
1.5
2.5
3.5
1.0
2.0
3.0
4.0
4.5
IT13681
VDS=10V
ID=8A
Drain-to-Source Voltage, VDS -- V
ID -- VDS
0
0
1
2
3
4
5
6
7
8
9
10
0.2
0.3
0.5
0.1
0.4
IT13806
VGS=1.5V
--60
--20
--40
0
60
40
20
100
80
120
140 160
5
10
20
15
25
30
35
40
V GS
=3.1V
, I D
=1.5A
V GS
=2.5V
, I D
=1.5A
VGS
=4.0V
, ID=3.0A
V GS
=4.5V
, I D
=3.0A
| yfs | -- I
D


Similar Part No. - ECH8663R-TL-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ECH8663R-TL-H ONSEMI-ECH8663R-TL-H Datasheet
304Kb / 7P
   N-Channel Power MOSFET
July, 2013
More results

Similar Description - ECH8663R-TL-H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
   General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
CPH3430 SANYO-CPH3430 Datasheet
52Kb / 4P
   General-Purpose Switching Device Applications
SCH2806 SANYO-SCH2806 Datasheet
47Kb / 6P
   General-Purpose Switching Device Applications
SCH1311 SANYO-SCH1311 Datasheet
35Kb / 4P
   General-Purpose Switching Device Applications
2SK3706 SANYO-2SK3706 Datasheet
48Kb / 5P
   General-Purpose Switching Device Applications
2SK3708 SANYO-2SK3708 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
FW341 SANYO-FW341 Datasheet
64Kb / 6P
   General-Purpose Switching Device Applications
CPH3337 SANYO-CPH3337 Datasheet
45Kb / 4P
   General-Purpose Switching Device Applications
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com