Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3T-FT21 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # E3T-FT21
Description  The Improved E3T Series with Easier, Smoother Mounting and Installation
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3T-FT21 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button E3T-FT21 Datasheet HTML 4Page - Omron Electronics LLC E3T-FT21 Datasheet HTML 5Page - Omron Electronics LLC E3T-FT21 Datasheet HTML 6Page - Omron Electronics LLC E3T-FT21 Datasheet HTML 7Page - Omron Electronics LLC E3T-FT21 Datasheet HTML 8Page - Omron Electronics LLC E3T-FT21 Datasheet HTML 9Page - Omron Electronics LLC E3T-FT21 Datasheet HTML 10Page - Omron Electronics LLC E3T-FT21 Datasheet HTML 11Page - Omron Electronics LLC E3T-FT21 Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
E3T
Engineering Data (Typical)
M2-mounting and M3-mounting Sensors
Parallel Operating Range
Through-beam
E3T-ST3
@ + E39-S63 Slit
(A Slit is mounted to the Emitter and Receiver.)
E3T-ST
@@ + E39-E14 Mutual interference
prevention filter
(A Slit is mounted to the Emitter and Receiver.)
E3T-ST1
@(M) + E39-S63 Slit
(A Slit is mounted to the Emitter and Receiver.)
E3T-ST1
@(M) + E39-S63 Slit (Enlarged graph)
(A Slit is mounted to the Emitter and Receiver.)
E3T-ST2
@(M) + E39-S63 Slit
(A Slit is mounted to the Emitter and Receiver.)
E3T-FT1
@ + E39-S64 Slit
(A Slit is mounted to the Emitter and Receiver.)
E3T-FT1
@ + E39-S64 Slit (Enlarged graph)
(A Slit is mounted to the Emitter and Receiver.)
E3T-FT2
@ + E39-S64 Slit
(A Slit is mounted to the Emitter and Receiver.)
Retro-reflective
E3T-SR4
@
Operating Range
Diffuse-reflective
Convergent-reflective
E3T-FD1
@(M)
E3T-SL1
@(M)
E3T-SL2
@(M)
200
150
100
50
0
−50
−100
−150
−200
1.0
2.0
3.0
4.0
5.0
X
Y
0.5-dia
Slit
Distance X (m)
1.0-dia Slit
Without Slit
100
80
60
40
20
0
−20
−40
−60
−80
−100
0.5
1.0
1.5
2.0
2.5
E3T-ST1
@
E3T-ST3
@
X
Y
Distance X (m)
200
150
100
50
0
−50
−100
−150
−200
0.4
0.8
1.2
1.6
2.0
X
Y
0.5-dia Slit
Distance X (m)
1-dia Slit
Without Slit
80
60
40
20
0
−20
−40
−60
−80
40
80
120
160
200
X
Y
1-dia Slit
0.5-dia Slit
Distance X (mm)
20
15
10
5
0
−5
−10
−15
−20
25
−25
200
400
800
600
X
Y
Without Slit
Distance X (mm)
1-dia Slit
0.5-dia Slit
200
150
100
50
0
−50
−100
−150
−200
0.4
0.6
0.8
1
1.2
1.4
0.2
Y
1-dia Slit
Without Slit
Distance X (m)
0.5-dia Slit
X
80
60
40
20
0
−20
−40
−60
−80
40
80
120
160
200
Y
0.5-dia Slit
1-dia Slit
Distance X (mm)
X
60
40
20
0
−20
−40
−60
80
−80
200
400
600
800
Y
1-dia Slit
Distance X
(mm)
Without Slit
0.5-dia Slit
X
40
30
20
10
0
−10
−20
−30
−40
400
100
200
300
Y
X
E3T-SR4
@+E39-R4
E3T-SR4
@+E39-R37-CA
Distance X (mm)
3
2
1
0
−1
−2
−3
4
−4
10
20
30
40
Y
X
Sensing object:
50 x 50 mm white paper
Distance X
(mm)
15
10
5
0
−5
−10
−15
51015202530
Y
X
Sensing object:
50 x 50 mm white paper
Distance X
(mm)
3
2
1
0
−1
−2
−3
4
−4
10
20
30
40
Y
X
Sensing object:
50 x 50 mm white paper
Distance X (mm)


Similar Part No. - E3T-FT21

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3T-FT21 OMRON-E3T-FT21 Datasheet
2Mb / 21P
   Photoelectric Sensor with Built-in Amplifier (Ultracompact and Thin Type)
E3T-FT212M OMRON-E3T-FT212M Datasheet
2Mb / 21P
   Photoelectric Sensor with Built-in Amplifier (Ultracompact and Thin Type)
E3T-FT212M OMRON-E3T-FT212M Datasheet
3Mb / 24P
   The Improved E3T Series with Easier, Smoother Mounting and Installation
More results

Similar Description - E3T-FT21

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3T-FD11M OMRON-E3T-FD11M Datasheet
3Mb / 24P
   The Improved E3T Series with Easier, Smoother Mounting and Installation
XF2R OMRON-XF2R Datasheet
586Kb / 4P
   Easier FPC Insertion and Improved Work Efficiency with 0.9-mm Profile and FPC Guide Section
logo
List of Unclassifed Man...
RR-H412-16PK-R1 ETC2-RR-H412-16PK-R1 Datasheet
598Kb / 2P
   Quick-snap fan bracket design for easier installation.
logo
KODENSHI_AUK CORP.
SG264 KODENSHI-SG264 Datasheet
149Kb / 2P
   With the installation positioning boss
logo
List of Unclassifed Man...
RL-EB24-16FK-R1 ETC2-RL-EB24-16FK-R1 Datasheet
354Kb / 3P
   Easy installation with Eisberg mounting kit
logo
Vectron International, ...
CS-300 VECTRON-CS-300 Datasheet
795Kb / 8P
   Clock Smoother
CS300 VECTRON-CS300 Datasheet
1,020Kb / 8P
   Clock Smoother
logo
Amphenol Corporation
T8041 AMPHENOL-T8041 Datasheet
190Kb / 4P
   Simple installation (mounting hardware and instructions included
logo
List of Unclassifed Man...
2502-2 ETC1-2502-2 Datasheet
101Kb / 2P
   MOUNTING BRACKET KIT INSTALLATION INSTRUCTIONS
logo
Tyco Electronics
408-4214 MACOM-408-4214 Datasheet
136Kb / 5P
   Installation and removal of the crimper from the tool holder assembly
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com